Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM1036 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM1036
Description  LM1036 Dual DC Operated Tone/Volume/Balance Circuit
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM1036 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM1036 Datasheet HTML 2Page - Texas Instruments LM1036 Datasheet HTML 3Page - Texas Instruments LM1036 Datasheet HTML 4Page - Texas Instruments LM1036 Datasheet HTML 5Page - Texas Instruments LM1036 Datasheet HTML 6Page - Texas Instruments LM1036 Datasheet HTML 7Page - Texas Instruments LM1036 Datasheet HTML 8Page - Texas Instruments LM1036 Datasheet HTML 9Page - Texas Instruments LM1036 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
LM1036
SNAS525C – JAN 1995 – REVISED APRIL 2013
www.ti.com
Application Notes
TONE RESPONSE
The maximum boost and cut can be optimized for individual applications by selection of the appropriate values of
Ct (treble) and Cb (bass).
The tone responses are defined by the relationships:
where
ab=at=0 for maximum bass and treble boost respectively
ab=at=1 for maximum cut
(1)
For the values of Cb and Ct of 0.39 μF and 0.01 μF as shown in the Application Circuit, 15 dB of boost or cut is
obtained at 40 Hz and 16 kHz.
ZENER VOLTAGE
A zener voltage (pin 17=5.4V) is provided which may be used to bias the control potentiometers. Setting a DC
level of one half of the zener voltage on the control inputs, pins 4, 9, and 14, results in the balanced gain and flat
response condition. Typical spread on the zener voltage is ±100 mV and this must be taken into account if
control signals are used which are not referenced to the zener voltage. If this is the case, then they will need to
be derived with similar accuracy.
LOUDNESS COMPENSATION
A simple loudness compensation may be effected by applying a DC control voltage to pin 7. This operates on the
tone control stages to produce an additional boost limited by the maximum boost defined by Cb and Ct. There is
no loudness compensation when pin 7 is connected to pin 17. Pin 7 can be connected to pin 12 to give the
loudness compensated volume characteristic as illustrated without the addition of further external components.
(Tone settings are for flat response, Cb and Ct as given in Application Circuit.) Modification to the loudness
characteristic is possible by changing the capacitors Cb and Ct for a different basic response or, by a resistor
network between pins 7 and 12 for a different threshold and slope.
SIGNAL HANDLING
The volume control function of the LM1036 is carried out in two stages, controlled by the DC voltage on pin 12,
to improve signal handling capability and provide a reduction of output noise level at reduced gain. The first
stage is before the tone control processing and provides an initial 15 dB of gain reduction, so ensuring that the
tone sections are not overdriven by large input levels when operating with a low volume setting. Any combination
of tone and volume settings may be used provided the output level does not exceed 1 Vrms, VCC=12V (0.8 Vrms,
VCC=9V). At reduced gain (<−6 dB) the input stage will overload if the input level exceeds 1.6 Vrms, VCC=12V(1.1
Vrms, VCC=9V). As there is volume control on the input stages, the inputs may be operated with a lower overload
margin than would otherwise be acceptable, allowing a possible improvement in signal to noise ratio.
6
Submit Documentation Feedback
Copyright © 1995–2013, Texas Instruments Incorporated
Product Folder Links: LM1036


Similar Part No. - LM1036

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1036 NSC-LM1036 Datasheet
339Kb / 10P
   Dual DC Operated Tone/Volume/Balance Circuit
LM1036 NSC-LM1036 Datasheet
627Kb / 10P
   DUAL DC OPERATED TONE/VOLUME BALANCE CIRCUITS
logo
Texas Instruments
LM1036M TI1-LM1036M Datasheet
752Kb / 14P
[Old version datasheet]   Dual DC Operated Tone/Volume/Balance Circuit
logo
National Semiconductor ...
LM1036N NSC-LM1036N Datasheet
339Kb / 10P
   Dual DC Operated Tone/Volume/Balance Circuit
More results

Similar Description - LM1036

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4610 TI1-LM4610 Datasheet
773Kb / 18P
[Old version datasheet]   Dual DC Operated Tone/Volume/Balance Circuit
logo
National Semiconductor ...
LM1036 NSC-LM1036 Datasheet
339Kb / 10P
   Dual DC Operated Tone/Volume/Balance Circuit
logo
Texas Instruments
LM1036M TI1-LM1036M Datasheet
752Kb / 14P
[Old version datasheet]   Dual DC Operated Tone/Volume/Balance Circuit
logo
National Semiconductor ...
LM1035 NSC-LM1035 Datasheet
627Kb / 10P
   DUAL DC OPERATED TONE/VOLUME BALANCE CIRCUITS
LM1040 NSC-LM1040 Datasheet
365Kb / 10P
   DUAL DC OPERATED TONE / VOLUME / BALANCE CIRCUIT WITH STEREO ENHANCEMENT FACILITY
LM4610 NSC-LM4610 Datasheet
408Kb / 11P
   Dual DC Operated Tone/Volume/Balance Circuit with National 3-D Sound
logo
NTE Electronics
NTE1576 NTE-NTE1576 Datasheet
23Kb / 3P
   Integrated Circuit Dual Volume Control/Balance/Tone
NTE15029 NTE-NTE15029 Datasheet
24Kb / 3P
   Integrated Circuit 2 Channel Tone/DC Volume/Balance Control Circuit
NTE1780 NTE-NTE1780 Datasheet
27Kb / 3P
   Integrated Circuit 2 Channel Tone/DC Volume/Balance Control Circuit
logo
Toshiba Semiconductor
TA7630P TOSHIBA-TA7630P Datasheet
362Kb / 10P
   DUAL VOLUME/BALANCE/TONE (BASS/BREBLE) DC CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com