Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH0101 Datasheet(PDF) 4 Page - Texas Instruments

Part # LH0101
Description  Power Operational Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LH0101 Datasheet(HTML) 4 Page - Texas Instruments

  LH0101 Datasheet HTML 1Page - Texas Instruments LH0101 Datasheet HTML 2Page - Texas Instruments LH0101 Datasheet HTML 3Page - Texas Instruments LH0101 Datasheet HTML 4Page - Texas Instruments LH0101 Datasheet HTML 5Page - Texas Instruments LH0101 Datasheet HTML 6Page - Texas Instruments LH0101 Datasheet HTML 7Page - Texas Instruments LH0101 Datasheet HTML 8Page - Texas Instruments LH0101 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AC Electrical Characteristics (Note 1) VS e g15V TA e 25 C
LH0101
LH0101C
Symbol
Parameter
Conditions
LH0101A
LH0101AC
Units
Min
Typ
Max
Min
Typ
Max
en
Equivalent Input
f e 1 kHz
25
25
nV
0Hz
Noise Voltage
CIN
Input Capacitance
f e 1 MHz
30
30
pF
Power Bandwidth b3 dB
300
300
kHz
SR
Slew Rate
75
10
10
V ms
RL e 10X
(Note 4)
tr tf
Small Signal Rise or
AV ea 1
200
200
ns
Fall Time
Small Signal Overshoot
10
10
%
GBW
Gain-Bandwidth Product
40
50
50
MHz
RL e %
(Note 4)
ts
Large Signal Settling
20
20
m
s
Time to 001%
THD
Total Harmonic Distortion
Po e 10W f e 1 kHz
0008
0008
%
RL e 10X
Note 1
Specification is at TA e 25 C Actual values at operating temperature may differ from the TA e 25 C value When supply voltages are g15V quiescent
operating junction temperature will rise approximately 20 C without heat sinking Accordingly VOS may change 05 mV and IB and IOS will change significantly
during warm-ups Refer to the IB vs temperature and power dissipation graphs for expected values Power supply voltage is g15V Temperature tests are made
only at extremes
Note 2
Change in offset voltage with dissipated power is due entirely to average device temperature rise and not to differential thermal feedback effects Test is
performed without any heat sink
Note 3
At light loads the output swing may be limited by the second stage rather than the output stage See the application section under ‘‘Output swing
enhancement’’ for hints on how to obtain extended operation
Note 4
These parameters are sample tested to 10% LTPD
Note 5
Refer to RETS0101AK for the LH0101AK military specifications and RETS0101K for the LH0101K military specifications
3


Similar Part No. - LH0101

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
LH0101 MAXIM-LH0101 Datasheet
454Kb / 12P
   Power Operational Amplifier
logo
National Semiconductor ...
LH0101 NSC-LH0101 Datasheet
279Kb / 12P
   LH0101 Power Operational Amplifier
logo
Maxim Integrated Produc...
LH0101ACK MAXIM-LH0101ACK Datasheet
454Kb / 12P
   Power Operational Amplifier
logo
National Semiconductor ...
LH0101ACK NSC-LH0101ACK Datasheet
279Kb / 12P
   LH0101 Power Operational Amplifier
logo
Maxim Integrated Produc...
LH0101AK MAXIM-LH0101AK Datasheet
454Kb / 12P
   Power Operational Amplifier
More results

Similar Description - LH0101

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM675 NSC-LM675 Datasheet
204Kb / 8P
   Power Operational Amplifier
logo
Cirrus Logic
PA05 CIRRUS-PA05 Datasheet
212Kb / 5P
   Power Operational Amplifier
PA08 CIRRUS-PA08 Datasheet
207Kb / 5P
   Power Operational Amplifier
PA12H CIRRUS-PA12H Datasheet
169Kb / 2P
   Power Operational Amplifier
PA96 CIRRUS-PA96 Datasheet
204Kb / 5P
   Power Operational Amplifier
PA13 CIRRUS-PA13 Datasheet
642Kb / 7P
   Power Operational Amplifier
MP108 CIRRUS-MP108 Datasheet
212Kb / 5P
   Power Operational Amplifier
MP111 CIRRUS-MP111 Datasheet
219Kb / 5P
   Power Operational Amplifier
MP240 CIRRUS-MP240_09 Datasheet
478Kb / 7P
   Power Operational Amplifier
PA86 APEX-PA86_07 Datasheet
312Kb / 5P
   POWER OPERATIONAL AMPLIFIER
PA04 CIRRUS-PA04 Datasheet
205Kb / 5P
   Power Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com