Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LF198QML-SP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LF198QML-SP
Description  Monolithic Sample-and-Hold Circuits
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LF198QML-SP Datasheet(HTML) 3 Page - Texas Instruments

  LF198QML-SP Datasheet HTML 1Page - Texas Instruments LF198QML-SP Datasheet HTML 2Page - Texas Instruments LF198QML-SP Datasheet HTML 3Page - Texas Instruments LF198QML-SP Datasheet HTML 4Page - Texas Instruments LF198QML-SP Datasheet HTML 5Page - Texas Instruments LF198QML-SP Datasheet HTML 6Page - Texas Instruments LF198QML-SP Datasheet HTML 7Page - Texas Instruments LF198QML-SP Datasheet HTML 8Page - Texas Instruments LF198QML-SP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LF198QML
www.ti.com
SNOSAH9A – FEBRUARY 2005 – REVISED MARCH 2013
Absolute Maximum Ratings
(1)
Supply Voltage
±18V
Power Dissipation (Package Limitation) (2)
500 mW
Operating Ambient Temperature Range
−55°C to +125°C
Maximum Junction Temperature (TJmax)
+150°C
Input Voltage
Equal to Supply Voltage
Logic To Logic Reference Differential Voltage (3)
+7V,
−30V
Output Short Circuit Duration
Indefinite
Hold Capacitor Short Circuit Duration
10 sec
Lead Temperature (Soldering, 10 sec.)
260°C
Thermal Resistance,
θJA
Metal Can
(Still Air at 0.5W)
160°C/W
Metal Can
(500 LF/Min Air at 0.5W)
84°C/W
Ceramic SOIC
(Stil Air at 0.5W)
140°C/W
Ceramic SOIC
(500 LF/Min Air Flow at 0.5W)
95°C/W
θJC
Metal Can
48°C/W
Ceramic SOIC
20°C/W
Package Weight (typical)
Metal Can
TBD
Ceramic SOIC
415mg
ESD Tolerance (4)
500V
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For specifications and test conditions, see the Electrical
Characteristics. The specifications apply only for the test conditions listed. Some performance characteristics may degrade when the
device is not operated under the listed test conditions
(2)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature,
TA. The maximum allowable power dissipation at any temperature is PD = (TJMAX − TA)/θJA, or the number given in the Absolute
Maximum Ratings, whichever is lower. .
(3)
Although the differential voltage may not exceed the limits given, the common-mode voltage on the logic pins may be equal to the
supply voltages without causing damage to the circuit. For proper logic operation, however, one of the logic pins must always be at least
2V below the positive supply and 3V above the negative supply.
(4)
Human body model, 100pF discharged through 1.5K
Quality Conformance Inspection
Mil-Std-883, Method 5005 — Group A
Subgroup
Description
Temperature (°C)
1
Static tests at
+25°C
2
Static tests at
+125°C
3
Static tests at
−55°C
4
Dynamic tests at
+25°C
5
Dynamic tests at
+125°C
6
Dynamic tests at
−55°C
7
Functional tests at
+25°C
8A
Functional tests at
+125°C
8B
Functional tests at
−55°C
9
Switching tests at
+25°C
10
Switching tests at
+125°C
11
Switching tests at
−55°C
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LF198QML


Similar Part No. - LF198QML-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LF198QML TI1-LF198QML Datasheet
994Kb / 20P
[Old version datasheet]   LF198QML Monolithic Sample-and-Hold Circuits
More results

Similar Description - LF198QML-SP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LF398N ETC-LF398N Datasheet
257Kb / 7P
   MONOLITHIC SAMPLE AND HOLD CIRCUITS
logo
Texas Instruments
LF198-N TI1-LF198-N_16 Datasheet
2Mb / 33P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
LF298-MIL TI1-LF298-MIL Datasheet
2Mb / 28P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
logo
National Semiconductor ...
LF198 NSC-LF198 Datasheet
520Kb / 13P
   Monolithic Sample-and-Hold Circuits
logo
Texas Instruments
LF298MX TI1-LF298MX Datasheet
564Kb / 15P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
logo
JSC ALFA.
1100CK2 ALFA-1100CK2 Datasheet
368Kb / 4P
   Monolithic Sample-and-Hold Circuits
logo
Texas Instruments
LF198QML TI1-LF198QML Datasheet
994Kb / 20P
[Old version datasheet]   LF198QML Monolithic Sample-and-Hold Circuits
JM38510-12501BGA TI-JM38510-12501BGA Datasheet
1,015Kb / 21P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
LF198JAN TI1-LF198JAN Datasheet
966Kb / 19P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
M38510 TI-M38510 Datasheet
988Kb / 21P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com