Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUM1300 Datasheet(PDF) 2 Page - Analog Devices

Part # ADUM1300
Description  Triple-Channel Digital Isolators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM1300 Datasheet(HTML) 2 Page - Analog Devices

  ADUM1300 Datasheet HTML 1Page - Analog Devices ADUM1300 Datasheet HTML 2Page - Analog Devices ADUM1300 Datasheet HTML 3Page - Analog Devices ADUM1300 Datasheet HTML 4Page - Analog Devices ADUM1300 Datasheet HTML 5Page - Analog Devices ADUM1300 Datasheet HTML 6Page - Analog Devices ADUM1300 Datasheet HTML 7Page - Analog Devices ADUM1300 Datasheet HTML 8Page - Analog Devices ADUM1300 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADuM1300/ADuM1301
Rev. C | Page 2 of 20
TABLE OF CONTENTS
Specifications..................................................................................... 3
Electrical Characteristics—5 V Operation................................ 3
Electrical Characteristics—3 V Operation................................ 5
Electrical Characteristics—Mixed 5 V/3 V or 3 V/5 V
Operation....................................................................................... 7
Package Characteristics ............................................................. 10
Regulatory Information............................................................. 10
Insulation and Safety-Related Specifications.......................... 10
DIN EN 60747-5-2 (VDE 0884 Part 2) Insulation
Characteristics ............................................................................ 11
Recommended Operation Conditions .................................... 11
Absolute Maximum Ratings.......................................................... 12
ESD Caution................................................................................ 12
Pin Configurations and Pin Function Descriptions .................. 13
Typical Performance Characteristics ........................................... 14
Application Information................................................................ 16
PC Board Layout ........................................................................ 16
Propagation Delay-Related Parameters................................... 16
DC Correctness and Magnetic Field Immunity........................... 16
Power Consumption .................................................................. 17
Outline Dimensions ....................................................................... 18
Ordering Guide .......................................................................... 18
REVISION HISTORY
6/04—Data Sheet Changed from Rev. B to Rev. C.
Changes to Format .............................................................Universal
Changes to Features.......................................................................... 1
Changes to Electrical Characteristics—5 V Operation ............... 3
Changes to Electrical Characteristics—3 V Operation ............... 5
Changes to Electrical Characteristics—Mixed 5 V/3 V or
3 V/5 V Operation ............................................................................ 7
Changes to Ordering Guide .......................................................... 18
5/04—Data Sheet Changed from Rev. A to Rev. B.
Changes to the Format.......................................................Universal
Changes to the Features ................................................................... 1
Changes to Table 7 and Table 8..................................................... 14
Changes to Table 9.......................................................................... 15
Changes to the DC Correctness and Magnetic Field Immunity
Section.............................................................................................. 19
Changes to the Power Consumption Section ............................. 20
Changes to the Ordering Guide.................................................... 21
9/03—Data Sheet Changed from Rev. 0 to Rev. A.
Edits to Regulatory Information................................................... 13
Edits to Absolute Maximum Ratings ........................................... 15
Deleted the Package Branding Information................................ 16


Similar Part No. - ADUM1300

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1300 AD-ADUM1300 Datasheet
453Kb / 32P
   Triple-Channel Digital Isolators
Rev. I
ADUM1300 AD-ADUM1300 Datasheet
580Kb / 32P
   Triple-Channel Digital Isolators
Rev. K
ADuM1300ARW AD-ADuM1300ARW Datasheet
453Kb / 32P
   Triple-Channel Digital Isolators
Rev. I
ADuM1300ARW AD-ADuM1300ARW Datasheet
453Kb / 32P
   Triple-Channel Digital Isolators
Rev. I
ADUM1300ARW AD-ADUM1300ARW Datasheet
580Kb / 32P
   Triple-Channel Digital Isolators
Rev. K
More results

Similar Description - ADUM1300

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1310 AD-ADUM1310_07 Datasheet
546Kb / 20P
   Triple-Channel Digital Isolators
Rev. F
ADUM1300 AD-ADUM1300_15 Datasheet
545Kb / 32P
   Triple-Channel Digital Isolators
Rev. J
ADUM1301ARWZ-RL AD-ADUM1301ARWZ-RL Datasheet
453Kb / 32P
   Triple-Channel Digital Isolators
Rev. I
ADUM1301 AD-ADUM1301_15 Datasheet
545Kb / 32P
   Triple-Channel Digital Isolators
Rev. J
ADUM1310 AD-ADUM1310_15 Datasheet
410Kb / 24P
   Triple-Channel Digital Isolators
Rev. J
ADUM1310 AD-ADUM1310_08 Datasheet
590Kb / 24P
   Triple-Channel Digital Isolators
Rev. G
ADUM1311 AD-ADUM1311_15 Datasheet
410Kb / 24P
   Triple-Channel Digital Isolators
Rev. J
ADUM1301ARWZ-RL AD-ADUM1301ARWZ-RL Datasheet
453Kb / 32P
   Triple-Channel Digital Isolators
Rev. I
ADUM1300 AD-ADUM1300_V01 Datasheet
580Kb / 32P
   Triple-Channel Digital Isolators
Rev. K
logo
Silicon Laboratories
SI8630 SILABS-SI8630 Datasheet
750Kb / 36P
   Low-Power Triple-Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com