Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDC1612-Q1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LDC1612-Q1
Description  Multi-Channel 28-Bit Inductance to Digital Converter (LDC) for Inductive Sensing
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LDC1612-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LDC1612-Q1 Datasheet HTML 2Page - Texas Instruments LDC1612-Q1 Datasheet HTML 3Page - Texas Instruments LDC1612-Q1 Datasheet HTML 4Page - Texas Instruments LDC1612-Q1 Datasheet HTML 5Page - Texas Instruments LDC1612-Q1 Datasheet HTML 6Page - Texas Instruments LDC1612-Q1 Datasheet HTML 7Page - Texas Instruments LDC1612-Q1 Datasheet HTML 8Page - Texas Instruments LDC1612-Q1 Datasheet HTML 9Page - Texas Instruments LDC1612-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 62 page
background image
6
LDC1612-Q1, LDC1614-Q1
SNOSCZ8 – APRIL 2016
www.ti.com
Product Folder Links: LDC1612-Q1 LDC1614-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Electrical Characteristics Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions
result in very limited self-heating of the device such that TJ = TA. Absolute Maximum Ratings indicate junction temperature limits
beyond which the device may be permanently degraded, either mechanically or electrically.
(2)
Register values are represented as either binary (b is the prefix to the digits), or hexadecimal (0x is the prefix to the digits). Decimal
values have no prefix.
(3)
Limits are ensured by testing, design, or statistical analysis at 25°C. Limits over the operating temperature range are ensured through
correlations using statistical quality control (SQC) method.
(4)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
(5)
I2C read/write communication and pullup resistors current through SCL, SDA not included.
(6)
Sensor inductor: 2 layer, 32 turns/layer, 14mm diameter, PCB inductor with L=19.4 µH, RP=5.7 kΩ at 2MHz Sensor capacitor: 330 pF
1% COG/NP0 Target: Aluminum, 1.5mm thickness Channel = Channel 0 (continuous mode) CLKIN = 40 MHz, CHx_FIN_DIVIDER =
b0000, CHx_FREF_DIVIDER = b00 0000 0001 CH0_RCOUNT = 0xFFFF, SETTLECOUNT_CH0 = 0x0100 RP_OVERRIDE = b1,
AUTO_AMP_DIS = b1, DRIVE_CURRENT_CH0 = 0x9800
7.5 Electrical Characteristics
(1)
Unless otherwise specified, all limits ensured for TA = 25°C, VDD = 3.3 V
PARAMETER
TEST CONDITIONS(2)
MIN(3)
TYP(4)
MAX(3)
UNIT
POWER
VDD
Supply Voltage
TA = –40°C to +125°C
2.7
3.6
V
IDD
Supply Current (not including
sensor current)(5)
CLKIN = 10MHz (6)
2.1
mA
IDDSL
Sleep Mode Supply Current(5)
35
60
µA
ISD
Shutdown Mode Supply
Current(5)
0.2
1
µA
SENSOR
ISENSORMAX
Sensor Maximum Current drive
HIGH_CURRENT_DRV = b0
DRIVE_CURRENT_CHx = 0xF800
1.5
mA
RP
Sensor RP
1
100
k
IHDSENSORMAX
High current sensor drive mode:
Sensor Maximum Current
HIGH_CURRENT_DRV = b1
DRIVE_CURRENT_CH0 = 0xF800
Channel 0 only
6
mA
RP_HD_MIN
Minimum sensor RP
250
fSENSOR
Sensor Resonance Frequency
TA = –40°C to +125°C
0.001
10
MHz
VSENSORMAX
Maximum oscillation amplitude
(peak)
1.8
V
NBITS
Number of bits
28
bits
fCS
Maximum Channel Sample Rate
single active channel continuous
conversion, SCL=400kHz
4.08
kSPS
CIN
Sensor Pin input capacitance
4
pF
MASTER CLOCK
fCLKIN
External Master Clock Input
Frequency (CLKIN)
TA = –40°C to +125°C
2
40
MHz
CLKINDUTY_MIN
External Master Clock minimum
acceptable duty cycle (CLKIN)
40%
CLKINDUTY_MAX
External Master Clock maximum
acceptable duty cycle (CLKIN)
60%
VCLKIN_LO
CLKIN low voltage threshold
0.3
ˣVDD
V
VCLKIN_HI
CLKIN high voltage threshold
0.7
ˣVD
D
V
fINTCLK
Internal Master Clock Frequency
range
35
43.4
55
MHz
TCf_int_μ
Internal Master Clock
Temperature Coefficient mean
–13
ppm/°C
7.6 Timing Characteristics
MIN
NOM
MAX
UNIT
tWAKEUP
Wake-up Time from SD high-low transition to I2C readback
2
ms
tWD-TIMEOUT
Sensor recovery time (after watchdog timeout)
5.2
ms


Similar Part No. - LDC1612-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LDC1612-Q1 TI1-LDC1612-Q1 Datasheet
1Mb / 60P
[Old version datasheet]   Multi-Channel 28-Bit Inductance to Digital Converter (LDC)
More results

Similar Description - LDC1612-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LDC1612 TI1-LDC1612 Datasheet
1Mb / 58P
[Old version datasheet]   Multi-Channel 28-Bit Inductance to Digital Converter (LDC) for Inductive Sensing
LDC1612 TI-LDC1612_15 Datasheet
1Mb / 58P
[Old version datasheet]   LDC1612, LDC1614 Multi-Channel 28-Bit Inductance to Digital Converter (LDC) for Inductive Sensing
LDC1312 TI1-LDC1312 Datasheet
1Mb / 57P
[Old version datasheet]   Multi-Channel 12-Bit Inductance to Digital Converter (LDC) for Inductive Sensing
LDC1312-Q1 TI1-LDC1312-Q1_16 Datasheet
1Mb / 60P
[Old version datasheet]   Multi-Channel 12-Bit Inductance to Digital Converter (LDC) for Inductive Sensing
LDC1612-Q1 TI1-LDC1612-Q1 Datasheet
1Mb / 60P
[Old version datasheet]   Multi-Channel 28-Bit Inductance to Digital Converter (LDC)
LDC1312 TI-LDC1312_15 Datasheet
1Mb / 57P
[Old version datasheet]   LDC1312, LDC1314 Multi-Channel 12-Bit Inductance to Digital Converter (LDC) for Inductive Sensing
LDC1312-Q1 TI1-LDC1312-Q1 Datasheet
1Mb / 56P
[Old version datasheet]   Multi-Channel 12-Bit Inductance to Digital Converter (LDC)
FDC2112-Q1 TI1-FDC2112-Q1_16 Datasheet
1Mb / 60P
[Old version datasheet]   Multi-Channel 12-Bit or 28-Bit Capacitance-to-Digital Converter
LDC3114 TI-LDC3114_V01 Datasheet
2Mb / 61P
[Old version datasheet]   LDC3114 4-Channel Hybrid Inductive Touch and Inductance to Digital Converter
DECEMBER 2021
LDC3114 TI-LDC3114 Datasheet
1Mb / 54P
[Old version datasheet]   LDC3114 4-Channel Hybrid Inductive Touch and Inductance to Digital Converter
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com