Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDC1612DNTR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LDC1612DNTR
Description  Multi-Channel 28-Bit Inductance to Digital Converter (LDC) for Inductive Sensing
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LDC1612DNTR Datasheet(HTML) 4 Page - Texas Instruments

  LDC1612DNTR Datasheet HTML 1Page - Texas Instruments LDC1612DNTR Datasheet HTML 2Page - Texas Instruments LDC1612DNTR Datasheet HTML 3Page - Texas Instruments LDC1612DNTR Datasheet HTML 4Page - Texas Instruments LDC1612DNTR Datasheet HTML 5Page - Texas Instruments LDC1612DNTR Datasheet HTML 6Page - Texas Instruments LDC1612DNTR Datasheet HTML 7Page - Texas Instruments LDC1612DNTR Datasheet HTML 8Page - Texas Instruments LDC1612DNTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 58 page
background image
LDC1612, LDC1614
SNOSCY9 – DECEMBER 2014
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
MIN
MAX
UNIT
VDD
Supply Voltage Range
5
V
Vi
Voltage on any pin
-0.3
VDD+0.3
V
IA
Input current on any INx pin
-8
8
mA
ID
Input current on any Digital pin
-5
5
mA
Tj
Junction Temperature
-55
150
°C
Tstg
Storage temperature range
-65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6.2 ESD Ratings
VALUE
UNIT
LDC1612 in WSON-12 package
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001
±1000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
±250
C101(1)
LDC1614 in QFN-16 package
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001
±1000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
±250
C101(1)
(1)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
Unless otherwise specified, all limits ensured for TA = 25°C, VDD = 3.3 V
MIN
NOM
MAX
UNIT
VDD
Supply Voltage
2.7
3.6
V
TA
Operating Temperature
-40
125
°C
6.4 Thermal Information
LDC1612
LDC1614
THERMAL METRIC(1)
WSON
WQFN
UNIT
12 PINS
16 PINS
RθJA
Junction-to-ambient thermal resistance
50
38
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: LDC1612 LDC1614


Similar Part No. - LDC1612DNTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LDC1612-Q1 TI1-LDC1612-Q1 Datasheet
1Mb / 60P
[Old version datasheet]   Multi-Channel 28-Bit Inductance to Digital Converter (LDC)
LDC1612-Q1 TI1-LDC1612-Q1 Datasheet
1Mb / 62P
[Old version datasheet]   Multi-Channel 28-Bit Inductance to Digital Converter (LDC) for Inductive Sensing
LDC1612-Q1 TI1-LDC1612-Q1_16 Datasheet
1Mb / 62P
[Old version datasheet]   Multi-Channel 28-Bit Inductance to Digital Converter (LDC) for Inductive Sensing
LDC1612QDNTRQ1 TI1-LDC1612QDNTRQ1 Datasheet
1Mb / 60P
[Old version datasheet]   Multi-Channel 28-Bit Inductance to Digital Converter (LDC)
LDC1612QDNTRQ1 TI1-LDC1612QDNTRQ1 Datasheet
1Mb / 62P
[Old version datasheet]   Multi-Channel 28-Bit Inductance to Digital Converter (LDC) for Inductive Sensing
More results

Similar Description - LDC1612DNTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LDC1612-Q1 TI1-LDC1612-Q1_16 Datasheet
1Mb / 62P
[Old version datasheet]   Multi-Channel 28-Bit Inductance to Digital Converter (LDC) for Inductive Sensing
LDC1612 TI-LDC1612_15 Datasheet
1Mb / 58P
[Old version datasheet]   LDC1612, LDC1614 Multi-Channel 28-Bit Inductance to Digital Converter (LDC) for Inductive Sensing
LDC1312 TI1-LDC1312 Datasheet
1Mb / 57P
[Old version datasheet]   Multi-Channel 12-Bit Inductance to Digital Converter (LDC) for Inductive Sensing
LDC1312-Q1 TI1-LDC1312-Q1_16 Datasheet
1Mb / 60P
[Old version datasheet]   Multi-Channel 12-Bit Inductance to Digital Converter (LDC) for Inductive Sensing
LDC1612-Q1 TI1-LDC1612-Q1 Datasheet
1Mb / 60P
[Old version datasheet]   Multi-Channel 28-Bit Inductance to Digital Converter (LDC)
LDC1312 TI-LDC1312_15 Datasheet
1Mb / 57P
[Old version datasheet]   LDC1312, LDC1314 Multi-Channel 12-Bit Inductance to Digital Converter (LDC) for Inductive Sensing
LDC1312-Q1 TI1-LDC1312-Q1 Datasheet
1Mb / 56P
[Old version datasheet]   Multi-Channel 12-Bit Inductance to Digital Converter (LDC)
FDC2112-Q1 TI1-FDC2112-Q1_16 Datasheet
1Mb / 60P
[Old version datasheet]   Multi-Channel 12-Bit or 28-Bit Capacitance-to-Digital Converter
LDC3114 TI-LDC3114_V01 Datasheet
2Mb / 61P
[Old version datasheet]   LDC3114 4-Channel Hybrid Inductive Touch and Inductance to Digital Converter
DECEMBER 2021
LDC3114 TI-LDC3114 Datasheet
1Mb / 54P
[Old version datasheet]   LDC3114 4-Channel Hybrid Inductive Touch and Inductance to Digital Converter
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com