Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDC1312-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Part # LDC1312-Q1
Description  Multi-Channel 12-Bit Inductance to Digital Converter (LDC) for Inductive Sensing
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LDC1312-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  LDC1312-Q1_16 Datasheet HTML 1Page - Texas Instruments LDC1312-Q1_16 Datasheet HTML 2Page - Texas Instruments LDC1312-Q1_16 Datasheet HTML 3Page - Texas Instruments LDC1312-Q1_16 Datasheet HTML 4Page - Texas Instruments LDC1312-Q1_16 Datasheet HTML 5Page - Texas Instruments LDC1312-Q1_16 Datasheet HTML 6Page - Texas Instruments LDC1312-Q1_16 Datasheet HTML 7Page - Texas Instruments LDC1312-Q1_16 Datasheet HTML 8Page - Texas Instruments LDC1312-Q1_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
5
LDC1312-Q1, LDC1314-Q1
www.ti.com
SNOSCZ6 – APRIL 2016
Product Folder Links: LDC1312-Q1 LDC1314-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7 Specifications
7.1 Absolute Maximum Ratings
MIN
MAX
UNIT
VDD
Supply Voltage
5
V
Vi
Voltage on any pin
–0.3
VDD+0.3
V
IA
Input current on any INx pin
–8
8
mA
ID
Input current on any Digital pin
–5
5
mA
Tj
Junction Temperature
–55
150
°C
Tstg
Storage temperature range
–65
150
°C
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per AEC Q100-002(1)
±2000
V
Charged-device model (CDM), per AEC Q100-011
±750
7.3 Recommended Operating Conditions
Unless otherwise specified, all limits ensured for TA = 25°C, VDD = 3.3 V
MIN
NOM
MAX
UNIT
VDD
Supply Voltage
2.7
3.6
V
TA
Operating Temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.4 Thermal Information
THERMAL METRIC(1)
LDC1312
LDC1314
UNIT
DNT (WSON)
RGH (WQFN)
12 PINS
16 PINS
RθJA
Junction-to-ambient thermal resistance
36.7
35.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
36.2
36.2
°C/W
RθJB
Junction-to-board thermal resistance
14
13.4
°C/W
ψJT
Junction-to-top characterization parameter
0.4
0.4
°C/W
ψJB
Junction-to-board characterization parameter
14.2
13.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
3.5
3.5
°C/W


Similar Part No. - LDC1312-Q1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LDC1312-Q1 TI1-LDC1312-Q1 Datasheet
1Mb / 56P
[Old version datasheet]   Multi-Channel 12-Bit Inductance to Digital Converter (LDC)
More results

Similar Description - LDC1312-Q1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LDC1312 TI1-LDC1312 Datasheet
1Mb / 57P
[Old version datasheet]   Multi-Channel 12-Bit Inductance to Digital Converter (LDC) for Inductive Sensing
LDC1612 TI1-LDC1612 Datasheet
1Mb / 58P
[Old version datasheet]   Multi-Channel 28-Bit Inductance to Digital Converter (LDC) for Inductive Sensing
LDC1312 TI-LDC1312_15 Datasheet
1Mb / 57P
[Old version datasheet]   LDC1312, LDC1314 Multi-Channel 12-Bit Inductance to Digital Converter (LDC) for Inductive Sensing
LDC1612-Q1 TI1-LDC1612-Q1_16 Datasheet
1Mb / 62P
[Old version datasheet]   Multi-Channel 28-Bit Inductance to Digital Converter (LDC) for Inductive Sensing
LDC1312-Q1 TI1-LDC1312-Q1 Datasheet
1Mb / 56P
[Old version datasheet]   Multi-Channel 12-Bit Inductance to Digital Converter (LDC)
LDC1612 TI-LDC1612_15 Datasheet
1Mb / 58P
[Old version datasheet]   LDC1612, LDC1614 Multi-Channel 28-Bit Inductance to Digital Converter (LDC) for Inductive Sensing
LDC1612-Q1 TI1-LDC1612-Q1 Datasheet
1Mb / 60P
[Old version datasheet]   Multi-Channel 28-Bit Inductance to Digital Converter (LDC)
FDC2112-Q1 TI1-FDC2112-Q1_16 Datasheet
1Mb / 60P
[Old version datasheet]   Multi-Channel 12-Bit or 28-Bit Capacitance-to-Digital Converter
LDC3114 TI-LDC3114_V01 Datasheet
2Mb / 61P
[Old version datasheet]   LDC3114 4-Channel Hybrid Inductive Touch and Inductance to Digital Converter
DECEMBER 2021
LDC3114 TI-LDC3114 Datasheet
1Mb / 54P
[Old version datasheet]   LDC3114 4-Channel Hybrid Inductive Touch and Inductance to Digital Converter
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com