Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUM1100 Datasheet(PDF) 7 Page - Analog Devices

Part # ADUM1100
Description  iCoupler Digital Isolator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM1100 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADUM1100 Datasheet HTML 3Page - Analog Devices ADUM1100 Datasheet HTML 4Page - Analog Devices ADUM1100 Datasheet HTML 5Page - Analog Devices ADUM1100 Datasheet HTML 6Page - Analog Devices ADUM1100 Datasheet HTML 7Page - Analog Devices ADUM1100 Datasheet HTML 8Page - Analog Devices ADUM1100 Datasheet HTML 9Page - Analog Devices ADUM1100 Datasheet HTML 10Page - Analog Devices ADUM1100 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
REV. E
ADuM1100
–7–
CASE TEMPERATURE ( C)
180
0
100
80
0
50
100
150
200
120
160
140
20
40
60
INPUT CURRENT
OUTPUT CURRENT
Figure 1. Thermal Derating Curve, Dependence of
Safety-Limiting Values with Case Temperature per
DIN EN 60747-5-2
ABSOLUTE MAXIMUM RATINGS
1
Parameter
Symbol
Min Max
Unit
Storage Temperature
TST
–55
+150
°C
Ambient Operating
TA
–40
+125
°C
Temperature
Supply Voltages
2
VDD1, VDD2 –0.5 +6.5
V
Input Voltage
2
VI
–0.5 VDD1 + 0.5 V
Output Voltage
2
VO
–0.5 VDD2 + 0.5 V
Average Current, per Pin
3
Temperature
≤ 105°C
–25
+25
mA
Temperature
≤ 125°C
Input Current
–7
+7
mA
Output Current
–20
+20
mA
Common-Mode Transients
4
–100 +100
kV/
µs
NOTES
1 Stresses above those listed under Absolute Maximum Ratings may cause permanent
damage to the device. This is a stress rating only. Functional operation of the device at
these or any other conditions above those listed in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions may affect
device reliability. Ambient temperature = 25
°C, unless otherwise noted.
2 All voltages are relative to their respective ground.
3 See Figure 1 for information on maximum allowable current for various temperatures.
4 Refers to common-mode transients across the insulation barrier. Common-mode
transients exceeding the Absolute Maximum Rating may cause latch-up or permanent
damage.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min
Max
Unit
Operating Temperature
ADuM1100AR and ADuM1100BR
TA
–40
+105
°C
ADuM1100UR
TA
–40
+125
°C
Supply Voltages
1
VDD1, VDD2
3.0
5.5
V
Logic High Input Voltage, 5 V Operation
1, 2 (See TPCs 7 and 8)
VIH
2.0
VDD1
V
Logic Low Input Voltage, 5 V Operation
1, 2 (See TPCs 7 and 8)
VIL
0.0
0.8
V
Logic High Input Voltage, 3.3 V Operation
1, 2 (See TPCs 7 and 8)
VIH
1.5
VDD1
V
Logic Low Input Voltage, 3.3 V Operation
1, 2 (See TPCs 7 and 8)
VIL
0.0
0.5
V
Input Signal Rise and Fall Times
1.0
ms
NOTES
1All voltages are relative to their respective ground.
2Input switching thresholds have 300 mV of hysteresis.
See the Method of Operation, DC Correctness, and Magnetic Field Immunity section and Figures 8 and 9 for information on immunity to external magnetic fields.


Similar Part No. - ADUM1100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADUM1100 TI-ADUM1100 Datasheet
668Kb / 24P
[Old version datasheet]   3.3-V/5-V HIGH-SPEED DIGITAL ISOLATORS
logo
Analog Devices
ADUM1100 AD-ADUM1100 Datasheet
738Kb / 4P
   Digital Isolator Product Selection and Resource Guide
ADuM1100AR AD-ADuM1100AR Datasheet
384Kb / 20P
   iCoupler Digital Isolator
Rev. I
ADuM1100AR-RL7 AD-ADuM1100AR-RL7 Datasheet
384Kb / 20P
   iCoupler Digital Isolator
Rev. I
ADUM1100ARWZ AD-ADUM1100ARWZ Datasheet
253Kb / 8P
   ESD/Latch-Up Considerations with iCoupler짰 Isolation Products
REV. 0
More results

Similar Description - ADUM1100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1100ARZ AD-ADUM1100ARZ Datasheet
384Kb / 20P
   iCoupler Digital Isolator
Rev. I
ADUM1100BRZ AD-ADUM1100BRZ Datasheet
384Kb / 20P
   iCoupler Digital Isolator
Rev. I
ADUM1100 AD-ADUM1100_15 Datasheet
384Kb / 20P
   Coupler Digital Isolator
Rev. I
logo
List of Unclassifed Man...
IL711 ETC1-IL711 Datasheet
124Kb / 7P
   Dual Digital Isolator
logo
Texas Instruments
ISO7221C-HT TI1-ISO7221C-HT Datasheet
465Kb / 16P
[Old version datasheet]   DUAL DIGITAL ISOLATOR
logo
List of Unclassifed Man...
IL710 ETC1-IL710 Datasheet
149Kb / 7P
   High Speed Digital Isolator
logo
Maxim Integrated Produc...
MAX14850 MAXIM-MAX14850_14 Datasheet
899Kb / 17P
   Six-Channel Digital Isolator
Rev 2; 11/14
logo
STMicroelectronics
STISO621 STMICROELECTRONICS-STISO621 Datasheet
398Kb / 21P
   Dual channel digital isolator
May 2022 Rev 3
logo
Silicon Laboratories
SI8430 SILABS-SI8430 Datasheet
627Kb / 30P
   TRIPLE-CHANNEL DIGITAL ISOLATOR
logo
Rohm
BM67221FV-C ROHM-BM67221FV-C Datasheet
2Mb / 28P
   High Speed Digital Isolator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com