Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDC1000-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Part # LDC1000-Q1
Description  Inductance to Digital Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LDC1000-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LDC1000-Q1_16 Datasheet HTML 5Page - Texas Instruments LDC1000-Q1_16 Datasheet HTML 6Page - Texas Instruments LDC1000-Q1_16 Datasheet HTML 7Page - Texas Instruments LDC1000-Q1_16 Datasheet HTML 8Page - Texas Instruments LDC1000-Q1_16 Datasheet HTML 9Page - Texas Instruments LDC1000-Q1_16 Datasheet HTML 10Page - Texas Instruments LDC1000-Q1_16 Datasheet HTML 11Page - Texas Instruments LDC1000-Q1_16 Datasheet HTML 12Page - Texas Instruments LDC1000-Q1_16 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
C
Oscillator
L(d)
rs(d)
Target Metal
Surface
Conductance
of Metal
Ls + L(d)
rs + R(d)
Distance d
Eddy
Currents
Metal
Target
d
LDC1000-Q1
www.ti.com
SLOS886B – SEPTEMBER 2014 – REVISED OCTOBER 2014
Feature Description (continued)
Figure 5. Inductor with a Metal Target
Eddy currents generated on the surface of the target can be modeled as a transformer as shown in Figure 6. The
coupling between the primary and secondary coils is a function of the distance and characteristics of the
conductor. In Figure 6, the inductance Ls is the inductance of the coil, and rs is the parasitic series resistance of
the coil. The inductance L(d), which is a function of distance, d, is the coupled inductance of the metal target.
Likewise, R(d) is the parasitic resistance of the eddy currents.
Figure 6. Metal Target Modeled as L and R With Circulating Eddy Currents
Generating an alternating magnetic field with just an inductor consumes a large amount of power. This power
consumption can be reduced by adding a parallel capacitor, turning the right part of Figure 6 into a resonator as
shown in Figure 7 . In this manner the power consumption is reduced to the eddy and inductor losses rs + R(d)
only.
Figure 7. LC Tank Connected to Oscillator
The LDC1000-Q1 device does not directly measure the series resistance. Instead, the device measures the
equivalent parallel resonance impedance RP (see Figure 8). This representation is equivalent to the
representation shown in Figure 8 , where the parallel resonance impedance RP(d) is given by Equation 1.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LDC1000-Q1


Similar Part No. - LDC1000-Q1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LDC1000-Q1 TI-LDC1000-Q1_15 Datasheet
1Mb / 40P
[Old version datasheet]   LDC1000-Q1 Inductance to Digital Converter
More results

Similar Description - LDC1000-Q1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LDC1000 TI1-LDC1000_16 Datasheet
3Mb / 36P
[Old version datasheet]   Inductance-to-Digital Converter
LDC1000 TI-LDC1000 Datasheet
1Mb / 23P
[Old version datasheet]   LDC1000 Inductance to Digital Converter
LDC1001 TI1-LDC1001 Datasheet
3Mb / 36P
[Old version datasheet]   LDC1001 Inductance-to-Digital Converter
LDC1000-Q1 TI-LDC1000-Q1_15 Datasheet
1Mb / 40P
[Old version datasheet]   LDC1000-Q1 Inductance to Digital Converter
LDC1001-Q1 TI1-LDC1001-Q1 Datasheet
807Kb / 36P
[Old version datasheet]   LDC1001-Q1 Inductance to Digital Converter
LDC1312-Q1 TI1-LDC1312-Q1 Datasheet
1Mb / 56P
[Old version datasheet]   Multi-Channel 12-Bit Inductance to Digital Converter (LDC)
LDC1612-Q1 TI1-LDC1612-Q1 Datasheet
1Mb / 60P
[Old version datasheet]   Multi-Channel 28-Bit Inductance to Digital Converter (LDC)
LDC1051 TI1-LDC1051 Datasheet
2Mb / 31P
[Old version datasheet]   8-bit Rp only Inductance-to-Digital Converter with SPI
LDC1101 TI1-LDC1101 Datasheet
1Mb / 55P
[Old version datasheet]   1.8-V High-Resolution, High-Speed Inductance-to-Digital Converter
LDC1101 TI-LDC1101_15 Datasheet
1Mb / 54P
[Old version datasheet]   LDC1101 1.8 V High-Resolution, High-Speed Inductance-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com