Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDC1000 Datasheet(PDF) 4 Page - Texas Instruments

Part # LDC1000
Description  Inductance-to-Digital Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LDC1000 Datasheet(HTML) 4 Page - Texas Instruments

  LDC1000_16 Datasheet HTML 1Page - Texas Instruments LDC1000_16 Datasheet HTML 2Page - Texas Instruments LDC1000_16 Datasheet HTML 3Page - Texas Instruments LDC1000_16 Datasheet HTML 4Page - Texas Instruments LDC1000_16 Datasheet HTML 5Page - Texas Instruments LDC1000_16 Datasheet HTML 6Page - Texas Instruments LDC1000_16 Datasheet HTML 7Page - Texas Instruments LDC1000_16 Datasheet HTML 8Page - Texas Instruments LDC1000_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
1
16
7
6
5
4
3
2
10
11
12
13
14
15
DAP
(GND)
SCLK
SDO
DGND
CFB
VDD
CLDO
XOUT
INB
GND
TBCLK/XIN
INTB
8
9
CSB
SDI
VIO
CFA
INA
LDC1000
SNOSCX2C – SEPTEMBER 2013 – REVISED SEPTEMBER 2015
www.ti.com
5 Pin Configuration and Functions
NHR Package
16-Pin WSON
Top View
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
SCLK
1
DI
SPI clock input. SCLK is used to clock-out/clock-in the data from/into the chip
CSB
2
DI
SPI CSB. Multiple devices can be connected on the same SPI bus with each device having a
dedicated CSB connection to the MCU so that each device can be uniquely selected.
SDI
3
DI
SPI Slave Data In (Master Out Slave In). This should be connected to the Master Out Slave In of the
master
VIO
4
P
Digital IO Supply
DGND
6
P
Digital ground
SDO
5
DO
SPI Slave Data Out (Master In Slave Out).It is Hi-Z when CSB is high
CFB
7
A
LDC filter capacitor
CFA
8
A
LDC filter capacitor
INA
9
A
External LC Tank. Connected to external LC tank
INB
10
A
External LC Tank. Connected to external LC tank
GND
11
P
Analog ground
VDD
12
P
Analog supply
CLDO
13
A
LDO bypass capacitor. A 56 nF capacitor should be connected from this pin to GND
TBCLK/XI
14
DI/A
External time-base clock/XTAL. Either an external clock or crystal can be connected.
N
XOUT
15
A
XTAL. Crystal out. When using a crystal, a crystal should be connected across XIN and XOUT. When
not using a crystal, this pin should be left floating.
INTB
16
DO
Configurable interrupt output.
DAP
17
P
Connect to GND for improved thermal performance. (2)
(1)
DO: Digital Output, DI: Digital Input, P: Power, A: Analog
(2)
There is an internal electrical connection between the exposed Die Attach Pad (DAP) and the GND pin of the device. Although the DAP
can be left floating, for best performance the DAP should be connected to the same potential as the devices's GND pin. Do no use the
DAP as the primary ground for the device. The device GND pin must always be connected to ground.
4
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: LDC1000


Similar Part No. - LDC1000_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LDC1000-Q1 TI1-LDC1000-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   Inductance to Digital Converter
LDC1000-Q1 TI-LDC1000-Q1_15 Datasheet
1Mb / 40P
[Old version datasheet]   LDC1000-Q1 Inductance to Digital Converter
LDC1000-Q1 TI1-LDC1000-Q1_16 Datasheet
1Mb / 40P
[Old version datasheet]   Inductance to Digital Converter
LDC1000EPWRQ1 TI1-LDC1000EPWRQ1 Datasheet
1Mb / 40P
[Old version datasheet]   Inductance to Digital Converter
LDC1000QPWRQ1 TI1-LDC1000QPWRQ1 Datasheet
1Mb / 40P
[Old version datasheet]   Inductance to Digital Converter
More results

Similar Description - LDC1000_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LDC1000-Q1 TI1-LDC1000-Q1_16 Datasheet
1Mb / 40P
[Old version datasheet]   Inductance to Digital Converter
LDC1000 TI-LDC1000 Datasheet
1Mb / 23P
[Old version datasheet]   LDC1000 Inductance to Digital Converter
LDC1001 TI1-LDC1001 Datasheet
3Mb / 36P
[Old version datasheet]   LDC1001 Inductance-to-Digital Converter
LDC1000-Q1 TI-LDC1000-Q1_15 Datasheet
1Mb / 40P
[Old version datasheet]   LDC1000-Q1 Inductance to Digital Converter
LDC1001-Q1 TI1-LDC1001-Q1 Datasheet
807Kb / 36P
[Old version datasheet]   LDC1001-Q1 Inductance to Digital Converter
LDC1312-Q1 TI1-LDC1312-Q1 Datasheet
1Mb / 56P
[Old version datasheet]   Multi-Channel 12-Bit Inductance to Digital Converter (LDC)
LDC1612-Q1 TI1-LDC1612-Q1 Datasheet
1Mb / 60P
[Old version datasheet]   Multi-Channel 28-Bit Inductance to Digital Converter (LDC)
LDC1051 TI1-LDC1051 Datasheet
2Mb / 31P
[Old version datasheet]   8-bit Rp only Inductance-to-Digital Converter with SPI
LDC1101 TI1-LDC1101 Datasheet
1Mb / 55P
[Old version datasheet]   1.8-V High-Resolution, High-Speed Inductance-to-Digital Converter
LDC1101 TI-LDC1101_15 Datasheet
1Mb / 54P
[Old version datasheet]   LDC1101 1.8 V High-Resolution, High-Speed Inductance-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com