Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCBTLV3861IPWRG4Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CCBTLV3861IPWRG4Q1
Description  LOW-VOLTAGE 10-BIT FET BUS SWITCH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CCBTLV3861IPWRG4Q1 Datasheet(HTML) 1 Page - Texas Instruments

  CCBTLV3861IPWRG4Q1 Datasheet HTML 1Page - Texas Instruments CCBTLV3861IPWRG4Q1 Datasheet HTML 2Page - Texas Instruments CCBTLV3861IPWRG4Q1 Datasheet HTML 3Page - Texas Instruments CCBTLV3861IPWRG4Q1 Datasheet HTML 4Page - Texas Instruments CCBTLV3861IPWRG4Q1 Datasheet HTML 5Page - Texas Instruments CCBTLV3861IPWRG4Q1 Datasheet HTML 6Page - Texas Instruments CCBTLV3861IPWRG4Q1 Datasheet HTML 7Page - Texas Instruments CCBTLV3861IPWRG4Q1 Datasheet HTML 8Page - Texas Instruments CCBTLV3861IPWRG4Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SN74CBTLV3861-Q1
LOW-VOLTAGE 10-BIT FET BUS SWITCH
SCDS160B − MARCH 2004 − REVISED JANUARY 2008
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
D Qualified for Automotive Applications
D 5-Ω Switch Connection Between Two Ports
D Rail-to-Rail Switching on Data I/O Ports
D I
off Supports Partial-Power-Down Mode
Operation
D Flowthrough Architecture Optimizes PCB
Layout
D Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
description/ordering information
The
SN74CBTLV3861
provides
ten
bits
of
high-speed
bus
switching.
The
low
on-state
resistance of the switch allows connections to be
made with minimal propagation delay.
The device is organized as one 10-bit bus switch.
When output enable (OE) is low, the 10-bit bus switch is on, and port A is connected to port B. When OE is high,
the switch is open, and the high-impedance state exists between the two ports.
This device is fully specified for partial-power-down applications using Ioff. The Ioff feature ensures that
damaging current will not backflow through the device when it is powered down. The device has isolation during
power off.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
ORDERING INFORMATION
TA
PACKAGE
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
40
°Cto85°C
SOIC − DW
Tape and reel
CCBTLV3861IDWRQ1
CL3861Q1
−40
°C to 85°C
TSSOP − PW
Tape and reel
CCBTLV3861IPWRQ1
CL3861Q1
For the most current package and ordering information, see the Package Option Addendum at the end
of this document, or see the TI web site at www.ti.com.
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
FUNCTION TABLE
INPUT
OE
FUNCTION
L
A port = B port
H
Disconnect
Copyright
© 2008, Texas Instruments Incorporated
DW OR PW PACKAGE
(TOP VIEW)
NC
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
GND
VCC
OE
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
NC − No internal connection
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - CCBTLV3861IPWRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CCBTLV3861IPWRQ1 TI-CCBTLV3861IPWRQ1 Datasheet
123Kb / 7P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS SWITCH
More results

Similar Description - CCBTLV3861IPWRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBTLV3861 TI-SN74CBTLV3861_07 Datasheet
493Kb / 14P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3384 TI-SN74CBTLV3384 Datasheet
227Kb / 9P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3384 TI-SN74CBTLV3384_07 Datasheet
227Kb / 9P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3861-Q1 TI-SN74CBTLV3861-Q1 Datasheet
123Kb / 7P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3861 TI-SN74CBTLV3861 Datasheet
81Kb / 6P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTL3383 TI-SN74CBTL3383 Datasheet
237Kb / 10P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
SN74CBTLV3383 TI1-SN74CBTLV3383_15 Datasheet
872Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
SN74CBTLV3383 TI-SN74CBTLV3383 Datasheet
83Kb / 6P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
SN74CBT3384A TI-SN74CBT3384A_07 Datasheet
522Kb / 15P
[Old version datasheet]   10-BIT FET BUS SWITCH
SN74CBT3384A TI-SN74CBT3384A Datasheet
65Kb / 4P
[Old version datasheet]   10-BIT FET BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com