Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLM0NSN900HY2 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # DLM0NSN900HY2
Description  Operating Temperature Range
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DLM0NSN900HY2 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  DLM0NSN900HY2 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DLM0NSN900HY2 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DLM0NSN900HY2 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Search Data Sheet
DLM0NSN900HY2#
“#” indicates a package specification code.
< List of part numbers with package codes >
DLM0NSN900HY2B DLM0NSN900HY2D
Appearance & Shape
Applications
Other Usage
For general
Packaging Information
Packaging
Specifications
Minimum
Order Quantity
B
Bulk(Bag)
500
D
180mm Paper Tape
10000
Features
1. Small size and tight dimensional tolerance
Size:0.85x0.65x0.45mm
Tolerance:+-0.05mm
2. High common mode impedance up to 90ohm (at 100MHz)
is available.
3. DLM0NSN series enables noise suppression for
differential signal line without distortion in high-
speed signal transmission due to its line impedance
matching.
4. High Cut-off Frequency.
1 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2016/08/03


Similar Part No. - DLM0NSN900HY2

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DLM0NSN900HY2 MURATA1-DLM0NSN900HY2 Datasheet
351Kb / 3P
   Small size and tight dimensional tolerance
Last updated07/26/2022
DLM0NSN900HY2B MURATA1-DLM0NSN900HY2B Datasheet
351Kb / 3P
   Small size and tight dimensional tolerance
Last updated07/26/2022
DLM0NSN900HY2D MURATA1-DLM0NSN900HY2D Datasheet
351Kb / 3P
   Small size and tight dimensional tolerance
Last updated07/26/2022
DLM0NSN900HY2 MURATA1-DLM0NSN900HY2_V01 Datasheet
351Kb / 3P
   Small size and tight dimensional tolerance
Last updated07/26/2022
More results

Similar Description - DLM0NSN900HY2

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0115C1ER30CE01 MURATA-GRM0115C1ER30CE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER40BE01 MURATA-GRM0115C1ER40BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER60BE01 MURATA-GRM0115C1ER60BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER80BE01 MURATA-GRM0115C1ER80BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1E9R5CE01 MURATA-GRM0115C1E9R5CE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0222C1E2R3BDAE MURATA-GRM0222C1E2R3BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E2R6BDAE MURATA-GRM0222C1E2R6BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E2R6WDAE MURATA-GRM0222C1E2R6WDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E3R4BDAE MURATA-GRM0222C1E3R4BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E3R7WDAE MURATA-GRM0222C1E3R7WDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E330GA02 MURATA-GRM0222C1E330GA02 Datasheet
92Kb / 2P
   Operating temperature range
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com