Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMTR Datasheet(PDF) 5 Page - Interpoint Corporation Company

Part # SMTR
Description  SMTR Single and Dual DC-DC Converters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMTR Datasheet(HTML) 5 Page - Interpoint Corporation Company

  SMTR_16 Datasheet HTML 1Page - Interpoint Corporation Company SMTR_16 Datasheet HTML 2Page - Interpoint Corporation Company SMTR_16 Datasheet HTML 3Page - Interpoint Corporation Company SMTR_16 Datasheet HTML 4Page - Interpoint Corporation Company SMTR_16 Datasheet HTML 5Page - Interpoint Corporation Company SMTR_16 Datasheet HTML 6Page - Interpoint Corporation Company SMTR_16 Datasheet HTML 7Page - Interpoint Corporation Company SMTR_16 Datasheet HTML 8Page - Interpoint Corporation Company SMTR_16 Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
ALL MODELS
PARAMETER
CONDITIONS
MIN
TyP
MAX
UNITS
LEAD SOLDERING TEMPERATURE 1
10 SECONDS MAX.
300
°C
STORAGE TEMPERATURE 1
-65
+150
°C
CASE OPERATING
FULL POWER
-55
+125
°C
TEMPERATURE
ABSOLUTE 1
-55
+135
DERATING OUTPUT POWER/CURRENT 1
LINEARLy
From 100% at 125°C to 0% at 135°C
ESD RATING 1
MIL-STD-883 METHOD 3015
2000 - 3999
V
MIL-PRF-38534, 3.9.5.8.2
CLASS 2
ISOLATION: INPUT TO OUTPUT OR ANy
@ 500 VDC AT 25°C
100
Megohms
PIN TO CASE EXCEPT CASE PIN
INPUT TO OUTPUT CAPACITANCE 1
50
pF
CURRENT LIMIT 1, 2
% OF FULL LOAD
140
%
AUDIO REJECTION 1
40
dB
CONVERSION FREQUENCy
FREE RUN -55° TO +125°C
550
600
650
kHz
SyNCHRONIZATION
INPUT FREQUENCy
500
675
kHz
Sync is floating and isolated
DUTy CyCLE 1
40
60
%
ACTIVE LOW
0.8
V
ACTIVE HIGH 1
4.5
5
REFERENCED TO
INPUT COMMON
IF NOT USED
CONNECT TO INPUT COMMON
INHIBIT ACTIVE LOW (OUTPUT DISABLED) INHIBIT PIN PULLED LOW
0.8
V
Do not apply a voltage to the inhibit pin. 3
INHIBIT PIN SOURCE CURRENT 1
8
mA
REFERENCED TO
INPUT COMMON
INHIBIT ACTIVE HIGH (OUTPUT ENABLED) INHIBIT PIN CONDITION
OPEN COLLECTOR OR UNCONNECTED
Do not apply a voltage to the inhibit pin. 3
OPEN PIN VOLTAGE 1
9
11
V
table 5: operating conDitionS, all moDelS, 25°c caSe, 28 vin, 100% loaD, unleSS otherWiSe SpeciFieD.
Notes
1. Guaranteed by characterization test and/or analysis. Not a production test.
2. Dual outputs: The over-current limit will trigger when the sum of the currents from both outputs reaches 140% (typical value) of the maximum
rated “total” current of both outputs.
3. An external inhibit interface should be used to pull the inhibit low or leave it floating. The inhibit pin can be left unconnected if not used.
For mean time between failures (MTBF) contact Applications Engineering
powerapps@crane-eg.com +1 425-882-3100 option 7
Crane Aerospace & Electronics Power Solutions
www.craneae.com/interpoint
Page 5 of 14
SMTR Single and Dual DC-DC Converters
28 Volt input – 30 Watt
SMTR Rev AC - 2015.10.14


Similar Part No. - SMTR_16

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SMTR1720-11G30 STEALTH_MICROWAVE-SMTR1720-11G30 Datasheet
136Kb / 5P
   1.7-2.0 GHz 1 W Bi-Directional Power Amplifier
SMTR2224-11G40-RSS STEALTH_MICROWAVE-SMTR2224-11G40-RSS Datasheet
315Kb / 6P
   2.2-2.4 GHz 10W Bi-Directional Power Amplifier
SMTR2327-44 STEALTH_MICROWAVE-SMTR2327-44 Datasheet
226Kb / 5P
   2.3-2.7 GHz Bi-Directional WiMAX Power Amplifier
SMTR2425-11B40 STEALTH_MICROWAVE-SMTR2425-11B40 Datasheet
170Kb / 4P
   2.4-2.5 GHz 10W Bi-Directional Power Amplifier
SMTR2425-11B40-2 STEALTH_MICROWAVE-SMTR2425-11B40-2 Datasheet
167Kb / 3P
   2.4-2.5 GHz Bi-Directional Power Amplifier
More results

Similar Description - SMTR_16

ManufacturerPart #DatasheetDescription
logo
Crane Aerospace & Elect...
SMTR281R5SKR CRANE-SMTR281R5SKR Datasheet
1Mb / 21P
   SMTR Single, Dual and Triple DC/DC Converters
logo
Interpion semiconductor
SMFL INTERPION-SMFL Datasheet
483Kb / 13P
   Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
SMFLH283R3SHO CRANE-SMFLH283R3SHO Datasheet
227Kb / 13P
   SMFLHP Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
SLH28 INTERPOINT-SLH28 Datasheet
418Kb / 12P
   SLH Single and Dual DC-DC Converters
logo
Crane Aerospace & Elect...
SMSA283R3SKR CRANE-SMSA283R3SKR Datasheet
646Kb / 14P
   SMSA Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
MHP270 INTERPOINT-MHP270_11 Datasheet
720Kb / 10P
   MHP270 Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
MFLHP2805S CRANE-MFLHP2805S Datasheet
169Kb / 11P
   MFLHP Single and Dual DC/DC Converters
SLH2805S CRANE-SLH2805S Datasheet
548Kb / 10P
   SLH Single and Dual DC/DC Converters
SMFL283R3S CRANE-SMFL283R3S Datasheet
483Kb / 13P
   SMFL Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
SMFLHP283R3S INTERPOINT-SMFLHP283R3S_16 Datasheet
313Kb / 15P
   SMFLHP Single and Dual DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com