Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMFLHP2812D Datasheet(PDF) 6 Page - Interpoint Corporation Company

Part # SMFLHP2812D
Description  SMFLHP Single and Dual DC-DC Converters
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMFLHP2812D Datasheet(HTML) 6 Page - Interpoint Corporation Company

Back Button SMFLHP2812D Datasheet HTML 2Page - Interpoint Corporation Company SMFLHP2812D Datasheet HTML 3Page - Interpoint Corporation Company SMFLHP2812D Datasheet HTML 4Page - Interpoint Corporation Company SMFLHP2812D Datasheet HTML 5Page - Interpoint Corporation Company SMFLHP2812D Datasheet HTML 6Page - Interpoint Corporation Company SMFLHP2812D Datasheet HTML 7Page - Interpoint Corporation Company SMFLHP2812D Datasheet HTML 8Page - Interpoint Corporation Company SMFLHP2812D Datasheet HTML 9Page - Interpoint Corporation Company SMFLHP2812D Datasheet HTML 10Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
table 5: Operating cOnDitiOnS, all mODelS, 25°c caSe, 28 Vin, 100% lOaD, unleSS OtherwiSe SpeciFieD.
Notes
1. Guaranteed by characterization test and/or analysis. Not a production test.
2. Dual outputs: The over-current limit will trigger when the sum of the currents from
both outputs reaches 125% (typical value) of the maximum rated “total” current of
both outputs.
3. An external inhibit interface should be used to pull the inhibits low or leave them
floating. The inhibit pins can be left unconnected if not used.
ALL MODELS
UNITS
PARAMETER
CONDITIONS
MIN
TYP
MAX
LEAD SOLDERING TEMPERATURE 1
10 SECONDS MAX.
300
°C
STORAGE TEMPERATURE 1
-65
+150
°C
CASE OPERATING
FULL POWER
-55
+125
°C
TEMPERATURE
ABSOLUTE 1
-55
+135
DERATING OUTPUT POWER/CURRENT 1
LINEARLY
From 100% at 125°C to 0% at 135°C
ESD RATING 1
MIL STD 883 METHOD 3015
>8000
V
MIL-PRF-38534, 3.9.5.8.2
CLASS 3B
ISOLATION: INPUT TO OUTPUT OR
@ 500 VDC AT 25°C
100
Megohms
ANY PIN TO CASE
INPUT TO OUTPUT CAPACITANCE 1
150
pF
CURRENT LIMIT 2
% OF FULL LOAD
125
%
UNDERVOLTAGE LOCKOUT 1
RISING VIN (TURN ON)
16.0
18.5
V
-55°C TO +125°C
FALLING VIN (TURN OFF)
13.4
16.7
AUDIO REJECTION 1
50
dB
CONVERSION FREQUENCY, FREE RUN
15 DUAL
525
675
kHz
-55°C TO +125°C
ALL OTHER MODELS
550
650
SYNCHRONIZATION IN
INPUT FREQUENCY
525
675
kHz
-55°C TO +125°C
DUTY CYCLE 1
40
60
%
ACTIVE LOW
0.8
V
ACTIVE HIGH 1
4.5
5.0
REFERENCED TO
INPUT COMMON
IF NOT USED
CONNECT TO INPUT COMMON
SYNCHRONIZATION OUT
REFERENCED TO
INPUT COMMON
IF NOT USED
LEAVE UNCONNECTED
inHibit 1 ACTIVE LOW (OUTPUT DISABLED)
INHIBIT PIN PULLED LOW
0.8
V
Do not apply a voltage to the inhibit pin. 3
INHIBIT PIN SOURCE CURRENT 1
10
mA
REFERENCED TO
INPUT COMMON
inHibit 1 ACTIVE HIGH (OUTPUT ENABLED)
INHIBIT PIN CONDITION
OPEN COLLECTOR OR UNCONNECTED
Do not apply a voltage to the inhibit pin. 3
OPEN INHIBIT PIN VOLTAGE 1
9
12
V
inHibit 2 ACTIVE LOW (OUTPUT DISABLED)
INHIBIT PIN PULLED LOW
0.5
V
Do not apply a voltage to the inhibit pin. 3
INHIBIT PIN SOURCE CURRENT 1
5
mA
REFERENCED TO
OUTPUT COMMON
inHibit 2 ACTIVE HIGH (OUTPUT ENABLED)
INHIBIT PIN CONDITION
OPEN COLLECTOR OR UNCONNECTED
Do not apply a voltage to the inhibit pin. 3
OPEN INHIBIT PIN VOLTAGE 1
9
V
For mean time between failures (MTBF) contact Applications Engineering
powerapps@crane-eg.com +1 425-882-3100 option 7
Crane Aerospace & Electronics Power Solutions
www.craneae.com/interpoint
Page 6 of 15
sMFLHp single and dual dc-dc converters
28 VoLt input – 100 Watt
Rev AC - 2016.02.17


Similar Part No. - SMFLHP2812D

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
SMFLHP2812D INTERPOINT-SMFLHP2812D Datasheet
493Kb / 13P
   Parallel operation with current share, up to 3 units (228 watts)
SMFLHP2812D/KR INTERPOINT-SMFLHP2812D/KR Datasheet
258Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
More results

Similar Description - SMFLHP2812D

ManufacturerPart #DatasheetDescription
logo
Crane Aerospace & Elect...
SMFLH283R3SHO CRANE-SMFLH283R3SHO Datasheet
227Kb / 13P
   SMFLHP Single and Dual DC/DC Converters
logo
Interpion semiconductor
SMFL INTERPION-SMFL Datasheet
483Kb / 13P
   Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
SLH28 INTERPOINT-SLH28 Datasheet
418Kb / 12P
   SLH Single and Dual DC-DC Converters
logo
Crane Aerospace & Elect...
SMSA283R3SKR CRANE-SMSA283R3SKR Datasheet
646Kb / 14P
   SMSA Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
MHP270 INTERPOINT-MHP270_11 Datasheet
720Kb / 10P
   MHP270 Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
MFLHP2805S CRANE-MFLHP2805S Datasheet
169Kb / 11P
   MFLHP Single and Dual DC/DC Converters
SLH2805S CRANE-SLH2805S Datasheet
548Kb / 10P
   SLH Single and Dual DC/DC Converters
SMFL283R3S CRANE-SMFL283R3S Datasheet
483Kb / 13P
   SMFL Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
SMSA283R3 INTERPOINT-SMSA283R3_16 Datasheet
310Kb / 15P
   SMSA Single and Dual DC-DC Converters
SMTR INTERPOINT-SMTR_16 Datasheet
347Kb / 14P
   SMTR Single and Dual DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com