Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUC824 Datasheet(PDF) 3 Page - Analog Devices

Part # ADUC824
Description  MicroConverter, Dual-Channel 16-/24-Bit ADCs with Embedded FLASH MCU
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC824 Datasheet(HTML) 3 Page - Analog Devices

  ADUC824 Datasheet HTML 1Page - Analog Devices ADUC824 Datasheet HTML 2Page - Analog Devices ADUC824 Datasheet HTML 3Page - Analog Devices ADUC824 Datasheet HTML 4Page - Analog Devices ADUC824 Datasheet HTML 5Page - Analog Devices ADUC824 Datasheet HTML 6Page - Analog Devices ADUC824 Datasheet HTML 7Page - Analog Devices ADUC824 Datasheet HTML 8Page - Analog Devices ADUC824 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 68 page
background image
REV. B
–3–
ADuC824
SPECIFICATIONS1
Parameter
ADuC824BS
Test Conditions/Comments
Unit
ADC SPECIFICATIONS
Conversion Rate
5.4
On Both Channels
Hz min
105
Programmable in 0.732 ms Increments
Hz max
Primary ADC
No Missing Codes
2
24
20 Hz Update Rate
Bits min
Resolution
13
Range =
±20 mV, 20 Hz Update Rate
Bits p-p typ
18
Range =
±2.56 V, 20 Hz Update Rate
Bits p-p typ
Output Noise
See Tables IX and X Output Noise Varies with Selected
in ADC Description
Update Rate and Gain Range
Integral Nonlinearity
±15
ppm of FSR max
Offset Error
3
±3
µV typ
Offset Error Drift
±10
nV/
°C typ
Full-Scale Error
4
±10
µV typ
Gain Error Drift
5
±0.5
ppm/
°C typ
ADC Range Matching
±2
AIN = 18 mV
µV typ
Power Supply Rejection (PSR)
113
AIN = 7.8 mV, Range =
±20 mV
dBs typ
80
AIN = 1 V, Range =
±2.56 V
dBs min
Common-Mode DC Rejection
On AIN
95
At DC, AIN = 7.8 mV, Range =
±20 mV dBs min
On AIN
113
At DC, AIN = 1 V, Range =
±2.56 V
dBs typ
On REFIN
125
At DC, AIN = 1 V, Range =
±2.56 V
dBs typ
Common-Mode 50 Hz/60Hz Rejection
2
20 Hz Update Rate
On AIN
95
50 Hz/60 Hz
±1 Hz, AIN = 7.8 mV,
dBs min
Range =
±20 mV
90
50 Hz/60 Hz
±1 Hz, AIN = 1 V,
dBs min
Range =
±2.56 V
On REFIN
90
50 Hz/60 Hz
±1 Hz, AIN = 1 V,
dBs min
Range =
±2.56 V
Normal Mode 50 Hz/60 Hz Rejection
2
On AIN
60
50 Hz/60 Hz
±1 Hz, 20 Hz Update Rate
dBs min
On REFIN
60
50 Hz/60 Hz
±1 Hz, 20 Hz Update Rate
dBs min
Auxiliary ADC
No Missing Codes
2
16
Bits min
Resolution
16
Range =
±2.5 V, 20 Hz Update Rate
Bits p-p typ
Output Noise
See Table XI
Output Noise Varies with Selected
in ADC Description
Update Rate
Integral Nonlinearity
±15
ppm of FSR max
Offset Error
3
–2
LSB typ
Offset Error Drift
1
µV/°C typ
Full-Scale Error
6
–2.5
LSB typ
Gain Error Drift
5
±0.5
ppm/
°C typ
Power Supply Rejection (PSR)
80
AIN = 1 V, 20 Hz Update Rate
dBs min
Normal Mode 50 Hz/60 Hz Rejection
2
On AIN
60
50 Hz/60 Hz
±1 Hz
dBs min
On REFIN
60
50 Hz/60 Hz
±1 Hz, 20 Hz Update Rate
dBs min
DAC PERFORMANCE
DC Specifications
7
Resolution
12
Bits
Relative Accuracy
±3
LSB typ
Differential Nonlinearity
–1
Guaranteed 12-Bit Monotonic
LSB max
Offset Error
±50
mV max
Gain Error
8
±1AVDD Range
% max
±1VREF Range
% typ
AC Specifications2, 7
Voltage Output Settling Time
15
Settling Time to 1 LSB of Final Value
µs typ
Digital-to-Analog Glitch Energy
10
1 LSB Change at Major Carry
nVs typ
(AVDD = 2.7 V to 3.6 V or 4.75 V to 5.25 V, DVDD = 2.7 V to 3.6 V or 4.75 V to 5.25 V, REFIN(+) = 2.5 V;
REFIN(–) = AGND; AGND = DGND = 0 V; XTAL1/XTAL2 = 32.768 kHz Crystal; all specifications TMIN to TMAX
unless otherwise noted.)


Similar Part No. - ADUC824

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC824 AD-ADUC824 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24- Bit ADCs with Embedded 62 kB Flash MCU
REV. A
ADUC824BSZ AD-ADUC824BSZ Datasheet
1Mb / 68P
   MicroConverter짰, Dual-Channel 16-/24-Bit ADCs with Embedded FLASH MCU
REV. B
ADUC824 AD-ADUC824_15 Datasheet
1Mb / 68P
   MicroConverter, Dual-Channel 16-/24-Bit ADCs with Embedded FLASH MCU
REV.B
More results

Similar Description - ADUC824

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC824 AD-ADUC824_15 Datasheet
1Mb / 68P
   MicroConverter, Dual-Channel 16-/24-Bit ADCs with Embedded FLASH MCU
REV.B
ADUC816 AD-ADUC816_15 Datasheet
667Kb / 68P
   MicroConverter, Dual-Channel 16-Bit ADCs with Embedded Flash MCU
REV. A
ADUC844 AD-ADUC844 Datasheet
674Kb / 20P
   MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62kB FLASH MCU
REV. PrB
ADUC816 AD-ADUC816 Datasheet
933Kb / 68P
   MicroConverter-R, Dual-Channel 16-Bit ADCs with Embedded Flash MCU
REV. 0
ADUC846 AD-ADUC846 Datasheet
1Mb / 20P
   MicroConverter, Dual 16-Bit ADCs with Embedded 62kB FLASH MCU
REV. PrA
ADUC834 AD-ADUC834_02 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62 kB Flash MCU
REV. 0
ADUC834 AD-ADUC834 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24- Bit ADCs with Embedded 62 kB Flash MCU
REV. A
ADUC834 AD-ADUC834_15 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62 kB Flash MCU
REV. A
ADUC836 AD-ADUC836_02 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit ADCs with Embedded 62 kB Flash MCU
REV. 0
ADUC836 AD-ADUC836_15 Datasheet
5Mb / 80P
   MicroConverter, Dual 16-Bit ADCs with Embedded 62 kB Flash MCU
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com