Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS96F175MJ-QMLV Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DS96F175MJ-QMLV
Description  DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS96F175MJ-QMLV Datasheet(HTML) 4 Page - Texas Instruments

  DS96F175MJ-QMLV Datasheet HTML 1Page - Texas Instruments DS96F175MJ-QMLV Datasheet HTML 2Page - Texas Instruments DS96F175MJ-QMLV Datasheet HTML 3Page - Texas Instruments DS96F175MJ-QMLV Datasheet HTML 4Page - Texas Instruments DS96F175MJ-QMLV Datasheet HTML 5Page - Texas Instruments DS96F175MJ-QMLV Datasheet HTML 6Page - Texas Instruments DS96F175MJ-QMLV Datasheet HTML 7Page - Texas Instruments DS96F175MJ-QMLV Datasheet HTML 8Page - Texas Instruments DS96F175MJ-QMLV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
DS96F173MQML, DS96F175MQML
SNOSAS9A – APRIL 2011 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
Storage Temperature Range(TStg)
−65°C ≤ TA ≤ +175°C
Lead Temperature (Soldering, 60 sec.)
300°C
Max. Package Power Dissipation at 25°C(2)
CDIP (NFE)
1,500 mW
CDIP (NAD)
1,034 mW
LCCC (NAJ)
1,500 mW
Supply Voltage
7.0V
Input Voltage, A or B Inputs
±25V
Differential Input Voltage
±25V
Enable Input Voltage
7.0V
Low Level Output Current
50 mA
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the
Electrical Characteristics--DC Parameters. The ensured specifications apply only for the test conditions listed. Some performance
characteristics may degrade when the device is not operated under the listed test conditions.
(2)
Above TA = 25°C derate NFE package 10 mW/°C, NAD package 6.90 mW/°C, NAJ package 11.11 mW/°C.
Recommended Operating Conditions
Min
Max
Units
Supply Voltage (VCC)
4.50
5.50
V
Common Mode Input Voltage (VCM)
−7
+12
V
Differential Input Voltage (VID)
−7
+12
V
Output Current HIGH (IOH)
−400
μA
Output Current LOW (IOL)
16
mA
Operating Temperature (TA)
−55
125
°C
Quality Conformance Inspection
Mil-Std-883, Method 5005 - Group A
Subgroup
Description
Temp (°C)
1
Static tests at
+25
2
Static tests at
+125
3
Static tests at
-55
4
Dynamic tests at
+25
5
Dynamic tests at
+125
6
Dynamic tests at
-55
7
Functional tests at
+25
8A
Functional tests at
+125
8B
Functional tests at
-55
9
Switching tests at
+25
10
Switching tests at
+125
11
Switching tests at
-55
12
Settling time at
+25
13
Settling time at
+125
14
Settling time at
-55
4
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: DS96F173MQML DS96F175MQML


Similar Part No. - DS96F175MJ-QMLV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS96F175MJ/883 NSC-DS96F175MJ/883 Datasheet
238Kb / 10P
   Quad Differential Receivers
More results

Similar Description - DS96F175MJ-QMLV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS96F173MQML TI1-DS96F173MQML Datasheet
467Kb / 14P
[Old version datasheet]   DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
DS96F173M TI1-DS96F173M_13 Datasheet
280Kb / 12P
[Old version datasheet]   DS96F173M/DS96F175C/DS96F175M EIA-485/EIA-422 Quad Differential Receivers
DS96F172MQML TI1-DS96F172MQML_13 Datasheet
472Kb / 14P
[Old version datasheet]   EIA-485/EIA-422 Quad Differential Drivers
logo
National Semiconductor ...
DS96F172M NSC-DS96F172M Datasheet
717Kb / 11P
   EIA-485/EIA-422 Quad Differential Drivers
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML Datasheet
381Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
DS96F174MQML TI-DS96F174MQML_15 Datasheet
445Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
logo
National Semiconductor ...
DS16F95QML NSC-DS16F95QML Datasheet
745Kb / 16P
   EIA-485/EIA-422A Differential Bus Transceiver
DS16F95 NSC-DS16F95 Datasheet
274Kb / 14P
   EIA-485/EIA-422A Differential Bus Transceiver
logo
Texas Instruments
DS16F95QML TI1-DS16F95QML_16 Datasheet
520Kb / 19P
[Old version datasheet]   EIA-485/EIA-422A Differential Bus Transceiver
DS16F95 TI1-DS16F95_16 Datasheet
309Kb / 16P
[Old version datasheet]   DS16F95, DS36F95 EIA-485/EIA-422A Differential Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com