Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9076602MEA Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-9076602MEA
Description  DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-9076602MEA Datasheet(HTML) 7 Page - Texas Instruments

Back Button 5962-9076602MEA Datasheet HTML 3Page - Texas Instruments 5962-9076602MEA Datasheet HTML 4Page - Texas Instruments 5962-9076602MEA Datasheet HTML 5Page - Texas Instruments 5962-9076602MEA Datasheet HTML 6Page - Texas Instruments 5962-9076602MEA Datasheet HTML 7Page - Texas Instruments 5962-9076602MEA Datasheet HTML 8Page - Texas Instruments 5962-9076602MEA Datasheet HTML 9Page - Texas Instruments 5962-9076602MEA Datasheet HTML 10Page - Texas Instruments 5962-9076602MEA Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
DS96F173MQML, DS96F175MQML
www.ti.com
SNOSAS9A – APRIL 2011 – REVISED APRIL 2013
PARAMETER MEASUREMENT INFORMATION
Figure 5. tPLH, tPHL
(2) (3)
Figure 6. tHZ, tZH
(2) (3) (4) (5)
Figure 7. tZL, tLZ
(2) (3) (4) (5)
(2)
The input pulse is supplied by a generator having the following characteristics: f = 1.0 MHz, 50% duty cycle, tr ≤ 6.0 ns, tf ≤ 6.0 ns, ZO =
50
Ω.
(3)
CL includes probe and stray capacitance.
(4)
All diodes are 1N916 or equivalent.
(5)
To test the active low Enable E of DS96F173, ground E and apply an inverted input waveform to E . DS96F175 has active high enable
only.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DS96F173MQML DS96F175MQML


Similar Part No. - 5962-9076602MEA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9076602MEA TI1-5962-9076602MEA Datasheet
467Kb / 14P
[Old version datasheet]   DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
More results

Similar Description - 5962-9076602MEA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS96F173MQML TI1-DS96F173MQML Datasheet
467Kb / 14P
[Old version datasheet]   DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
DS96F173M TI1-DS96F173M_13 Datasheet
280Kb / 12P
[Old version datasheet]   DS96F173M/DS96F175C/DS96F175M EIA-485/EIA-422 Quad Differential Receivers
DS96F172MQML TI1-DS96F172MQML_13 Datasheet
472Kb / 14P
[Old version datasheet]   EIA-485/EIA-422 Quad Differential Drivers
logo
National Semiconductor ...
DS96F172M NSC-DS96F172M Datasheet
717Kb / 11P
   EIA-485/EIA-422 Quad Differential Drivers
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML Datasheet
381Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
DS96F174MQML TI-DS96F174MQML_15 Datasheet
445Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
logo
National Semiconductor ...
DS16F95QML NSC-DS16F95QML Datasheet
745Kb / 16P
   EIA-485/EIA-422A Differential Bus Transceiver
DS16F95 NSC-DS16F95 Datasheet
274Kb / 14P
   EIA-485/EIA-422A Differential Bus Transceiver
logo
Texas Instruments
DS16F95QML TI1-DS16F95QML_16 Datasheet
520Kb / 19P
[Old version datasheet]   EIA-485/EIA-422A Differential Bus Transceiver
DS16F95 TI1-DS16F95_16 Datasheet
309Kb / 16P
[Old version datasheet]   DS16F95, DS36F95 EIA-485/EIA-422A Differential Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com