Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS99R124AQ-Q1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DS99R124AQ-Q1
Description  5 - 43 MHz 18-bit Color FPD-Link II to FPD-Link Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS99R124AQ-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DS99R124AQ-Q1 Datasheet HTML 2Page - Texas Instruments DS99R124AQ-Q1 Datasheet HTML 3Page - Texas Instruments DS99R124AQ-Q1 Datasheet HTML 4Page - Texas Instruments DS99R124AQ-Q1 Datasheet HTML 5Page - Texas Instruments DS99R124AQ-Q1 Datasheet HTML 6Page - Texas Instruments DS99R124AQ-Q1 Datasheet HTML 7Page - Texas Instruments DS99R124AQ-Q1 Datasheet HTML 8Page - Texas Instruments DS99R124AQ-Q1 Datasheet HTML 9Page - Texas Instruments DS99R124AQ-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
DS99R124AQ
SNLS342A – JULY 2011 – REVISED APRIL 2013
www.ti.com
DC Electrical Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
(1) (2) (3)
Parameter
Test Conditions
Pin/Freq.
Min
Typ
Max
Units
FPD-Link LVDS Output
VODSEL = L
100
250
400
mV
|VOD|
Differential Output Voltage
VODSEL = H
200
400
600
mV
VODSEL = L
500
mVp-p
Differential Output Voltage
VODp-p
A-B
VODSEL = H
800
mVp-p
RL = 100Ω
TxCLKOUT+,
ΔVOD
Output Voltage Unbalance
1
50
mV
TxCLKOUT-,
VODSEL = L
1.0
1.2
1.5
V
TxOUT[2:0]+,
VOS
Offset Voltage
TxOUT[2:0]-
VODSEL = H
1.2
V
ΔVOS
Offset Voltage Unbalance
1
50
mV
IOS
Output Short Circuit Current
Vout = GND
-5
mA
OEN = GND,
IOZ
Output TRI-STATE Current
-10
+10
µA
Vout =VDDTX, or GND
3.3 V I/O LVCMOS DC SPECIFICATIONS – VDDIO = 3.0 to 3.6V
VIH
High Level Input Voltage
PDB,
2.2
VDDIO
V
VODSEL,
VIL
Low Level Input Voltage
GND
0.8
V
OEN,
OSS_SEL,
LFMODE,
IIN
Input Current
VIN = 0V or VDDIO
−15
±1
+15
μA
SSC[2:0],
BISTEN,
BISTM
VDDIO-
VOH
High Level Output Voltage
IOH = −0.5 mA
VDDIO
V
0.2
LOCK,
VOL
Low Level Output Voltage
IOL = +0.5 mA
GND
0.2
V
PASS,
IOS
Output Short Circuit Current
VOUT = 0V
-10
mA
OS[2:0]
PDB = 0V, OSS_SEL = 0V,
IOZ
TRI-STATE Output Current
−10
+10
µA
VOUT = 0V or VDDIO
1.8 V I/O LVCMOS DC SPECIFICATIONS – VDDIO = 1.71 to 1.89V
PDB,
0.7
VIH
High Level Input Voltage
VDDIO
V
VODSEL,
VDDIO
OEN,
0.35*
VIL
Low Level Input Voltage
GND
V
OSS_SEL,
VDDIO
LFMODE,
SSC[2:0],
IIN
Input Current
VIN = 0V or VDDIO
−10
±1
+10
μA
BISTEN,
BISTM
VDDIO
VOH
High Level Output Voltage
IOH = −0.1 mA
VDDIO
V
- 0.2
LOCK,
VOL
Low Level Output Voltage
IOL = +0.1 mA
GND
0.2
V
PASS,
OS[2:0]
IOS
Output Short Circuit Current
VOUT = 0V
-3
mA
IOZ
TRI-STATE Output Current
VOUT = 0V or VDDIO
-15
+15
µA
(1)
The Electrical Characteristics tables list ensured specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not ensured.
(2)
Typical values represent most likely parametric norms at VDDn = 1.8V, VDDTX = 3.3V, VDDIO = 1.8V or 3.3V, Ta = +25 °C, and at the
Recommended Operation Conditions at the time of product characterization and are not ensured.
(3)
Current into device pins is defined as positive. Current out of a device pin is defined as negative. Voltages are referenced to ground
except VOD,
ΔVOD, VTH and VTL which are differential voltages.
6
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: DS99R124AQ


Similar Part No. - DS99R124AQ-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS99R124AQ TI1-DS99R124AQ Datasheet
542Kb / 26P
[Old version datasheet]   DS99R124AQ 5 - 43 MHz 18-bit Color FPD-Link II to FPD-Link Converter
DS99R124AQSQ TI1-DS99R124AQSQ Datasheet
542Kb / 26P
[Old version datasheet]   DS99R124AQ 5 - 43 MHz 18-bit Color FPD-Link II to FPD-Link Converter
DS99R124AQSQE TI1-DS99R124AQSQE Datasheet
542Kb / 26P
[Old version datasheet]   DS99R124AQ 5 - 43 MHz 18-bit Color FPD-Link II to FPD-Link Converter
DS99R124AQSQX TI1-DS99R124AQSQX Datasheet
542Kb / 26P
[Old version datasheet]   DS99R124AQ 5 - 43 MHz 18-bit Color FPD-Link II to FPD-Link Converter
More results

Similar Description - DS99R124AQ-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS99R124Q TI1-DS99R124Q_15 Datasheet
823Kb / 31P
[Old version datasheet]   5 - 43 MHz 18-bit Color FPD-Link II to FPD-Link Converter
logo
National Semiconductor ...
DS99R124Q NSC-DS99R124Q Datasheet
671Kb / 24P
   5 - 43 MHz 18-bit Color FPD-Link II to FPD-Link Converter
logo
Texas Instruments
DS99R124Q TI1-DS99R124Q_14 Datasheet
869Kb / 31P
[Old version datasheet]   5 - 43 MHz 18-bit Color FPD-Link II to FPD-Link Converter
DS99R124AQ TI1-DS99R124AQ Datasheet
542Kb / 26P
[Old version datasheet]   DS99R124AQ 5 - 43 MHz 18-bit Color FPD-Link II to FPD-Link Converter
DS90UR908Q TI1-DS90UR908Q_14 Datasheet
855Kb / 33P
[Old version datasheet]   5 - 65 MHz 24-bit Color FPD-Link II to FPD-Link Converter
logo
National Semiconductor ...
DS90UR908Q NSC-DS90UR908Q Datasheet
681Kb / 30P
   5 - 65 MHz 24-bit Color FPD-Link II to FPD-Link Converter
DS90UR907Q NSC-DS90UR907Q_10 Datasheet
693Kb / 26P
   5 - 65 MHz 24-bit Color FPD-Link to FPD-Link II Converter
logo
Texas Instruments
DS90UR907Q TI1-DS90UR907Q Datasheet
527Kb / 27P
[Old version datasheet]   5 - 65 MHz 24-bit Color FPD-Link to FPD-Link II Converter
DS90UR907Q-Q1 TI1-DS90UR907Q-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   24-Bit Color FPD-Link to FPD-Link II Converter
DS99R421 TI1-DS99R421_15 Datasheet
867Kb / 26P
[Old version datasheet]   5-43 MHz FPD-Link LVDS (3 Data 1 Clock) to FPD-Link II LVDS (Embedded Clock DC Balanced) Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com