Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS99R421 Datasheet(PDF) 7 Page - Texas Instruments

Part # DS99R421
Description  5-43 MHz FPD-Link LVDS (3 Data 1 Clock) to FPD-Link II LVDS (Embedded Clock DC Balanced) Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS99R421 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DS99R421_15 Datasheet HTML 3Page - Texas Instruments DS99R421_15 Datasheet HTML 4Page - Texas Instruments DS99R421_15 Datasheet HTML 5Page - Texas Instruments DS99R421_15 Datasheet HTML 6Page - Texas Instruments DS99R421_15 Datasheet HTML 7Page - Texas Instruments DS99R421_15 Datasheet HTML 8Page - Texas Instruments DS99R421_15 Datasheet HTML 9Page - Texas Instruments DS99R421_15 Datasheet HTML 10Page - Texas Instruments DS99R421_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
B3-1
B2-1
DE
VSYNC
HSYNC
B5
B4
B3
B2
G2-1
G1-1
B1
B0
G5
G4
G3
G2
G1
R1-1
R0-1
G0
R5
R4
R3
R2
R1
R0
RxIN1
RxIN0
RxIN2
Previous Cycle
Current Cycle
Next
Cycle
RxCLKIN
(Differential)
Vdiff = 0V
Vdiff = 0V
Vdiff = 0V
RITOL1 min
RITOL1 max
RITOL0 min
RITOL0 max
RITOL6 min
RITOL6 max
RITOL5 min
RITOL5 max
RITOL4 min
RITOL4 max
RITOL3 min
RITOL3 max
RITOL2 min
RITOL2 max
B3-1
B2-1
DE
VSYNC
HSYNC
B5
B4
B3
B2
G2-1
G1-1
B1
B0
G5
G4
G3
G2
G1
R1-1
R0-1
G0
R5
R4
R3
R2
R1
R0
RxIN1
RxIN0
RxIN2
Previous Cycle
Current Cycle
Next
Cycle
RxCLKIN
(Differential)
Vdiff = 0V
Vdiff = 0V
Vdiff = 0V
DS99R421
www.ti.com
SNLS264D – JUNE 2007 – REVISED APRIL 2013
Figure 6. Receiver LVDS Input Mapping
Figure 7. Receiver RITOL Min and Max
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DS99R421


Similar Part No. - DS99R421_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS99R421 TI1-DS99R421_14 Datasheet
865Kb / 27P
[Old version datasheet]   5-43 MHz FPD-Link LVDS (3 Data 1 Clock) to FPD-Link II LVDS (Embedded Clock DC DCBalanced)
More results

Similar Description - DS99R421_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS99R421 TI1-DS99R421_14 Datasheet
865Kb / 27P
[Old version datasheet]   5-43 MHz FPD-Link LVDS (3 Data 1 Clock) to FPD-Link II LVDS (Embedded Clock DC DCBalanced)
logo
National Semiconductor ...
DS99R421 NSC-DS99R421 Datasheet
1,013Kb / 18P
   5-43 MHz FPD-Link LVDS (3 Data 1 Clock) to Single Embedded Clock DC-Balanced LVDS Converter
DS99R421 NSC-DS99R421_08 Datasheet
1,015Kb / 18P
   5-43 MHz FPD-Link LVDS (3 Data 1 Clock) to Single Embedded Clock DC-Balanced LVDS Converter
logo
Texas Instruments
DS99R124AQ TI1-DS99R124AQ_14 Datasheet
829Kb / 31P
[Old version datasheet]   5 - 43 MHz 18-bit Color FPD-Link II to FPD-Link Converter
DS99R124Q TI1-DS99R124Q_15 Datasheet
823Kb / 31P
[Old version datasheet]   5 - 43 MHz 18-bit Color FPD-Link II to FPD-Link Converter
logo
National Semiconductor ...
DS99R124Q NSC-DS99R124Q Datasheet
671Kb / 24P
   5 - 43 MHz 18-bit Color FPD-Link II to FPD-Link Converter
logo
Texas Instruments
DS99R124Q TI1-DS99R124Q_14 Datasheet
869Kb / 31P
[Old version datasheet]   5 - 43 MHz 18-bit Color FPD-Link II to FPD-Link Converter
DS99R124AQ TI1-DS99R124AQ Datasheet
542Kb / 26P
[Old version datasheet]   DS99R124AQ 5 - 43 MHz 18-bit Color FPD-Link II to FPD-Link Converter
DS90UR908Q TI1-DS90UR908Q_14 Datasheet
855Kb / 33P
[Old version datasheet]   5 - 65 MHz 24-bit Color FPD-Link II to FPD-Link Converter
logo
National Semiconductor ...
DS90UR908Q NSC-DS90UR908Q Datasheet
681Kb / 30P
   5 - 65 MHz 24-bit Color FPD-Link II to FPD-Link Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com