Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS92LV8028 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DS92LV8028
Description  8 Channel 10:1 Serializer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS92LV8028 Datasheet(HTML) 1 Page - Texas Instruments

  DS92LV8028 Datasheet HTML 1Page - Texas Instruments DS92LV8028 Datasheet HTML 2Page - Texas Instruments DS92LV8028 Datasheet HTML 3Page - Texas Instruments DS92LV8028 Datasheet HTML 4Page - Texas Instruments DS92LV8028 Datasheet HTML 5Page - Texas Instruments DS92LV8028 Datasheet HTML 6Page - Texas Instruments DS92LV8028 Datasheet HTML 7Page - Texas Instruments DS92LV8028 Datasheet HTML 8Page - Texas Instruments DS92LV8028 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
DS92LV8028
www.ti.com
SNLS152I – NOVEMBER 2001 – REVISED APRIL 2013
DS92LV8028 8 Channel 10:1 Serializer
Check for Samples: DS92LV8028
1
FEATURES
DESCRIPTION
The DS92LV8028 integrates eight serializer devices
2
All 8 Channels Synchronous to One Parallel
into
a
single
chip.
The
DS92LV8028
can
Clock Rate, from 25 to 66 MHz
simultaneously serialize up to eight 10-bit data
Duplicates Function of Multiple DS92LV1021
streams. The 10-bit parallel inputs are LVTTL signal
and '1023 10-bit Serializer Devices
levels. The serialized outputs are LVDS signals with
extra drive current for point-to-point and lightly loaded
Serializes from One to Eight 10-bit Parallel
multidrop applications. Each serializer block in the
Inputs into Data Streams with Embedded
DS92LV8028
operates
independently
by
using
Clock
strobes from a single shared PLL.
Eight 5 mA Modified Bus LVDS Outputs that
The DS92LV8028 uses a single +3.3V power supply
are Capable to Drive Double Terminations
with a typical power dissipation of 740mW (3.3V /
@Speed Test - PRBS Generation to Check
PRBS / 66 MHz). Each serializer channel has a
LVDS Transmission Path to SCAN921224 or
unique power down control to further conserve power
SCAN921260
consumption.
On Chip Filtering for PLL
For high-speed LVDS serial data transmission, line
740mW Typ Power Dissipation (Loaded, PRBS,
quality is essential, thus the DS92LV8028 includes an
66MHz, 3.3V)
@SPEED TEST function. Each Serializer channel
has the ability internally generated a PRBS data
High Impedance Inputs and Outputs on Power
pattern.
This
pattern
is
received
by
specific
Off
deserializers
(SCAN921224)
which
have
the
Single Power Supply at +3.3V (+/-10%)
complement
PRBS
verification
circuit.
The
196-Pin NFBGA Package
deserializer checks the data pattern for bit errors and
reports any errors on the test verification pins on the
JTAG Pins Reserved for Next Version of
deserializer.
Device
Industrial Temperature Range Operation: -40
For
additional
information
-
please
see
the
Applications Information section in this datasheet.
to +85 °C
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DS92LV8028

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92LV8028 NSC-DS92LV8028 Datasheet
381Kb / 16P
   8 Channel 10:1 Serializer
More results

Similar Description - DS92LV8028

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92LV8028 NSC-DS92LV8028 Datasheet
381Kb / 16P
   8 Channel 10:1 Serializer
SCAN928028 NSC-SCAN928028 Datasheet
376Kb / 18P
   8 Channel 10:1 Serializer with IEEE 1149.1 and At-Speed BIST
logo
Texas Instruments
SCAN928028 TI1-SCAN928028 Datasheet
641Kb / 23P
[Old version datasheet]   SCAN928028 8 Channel 10:1 Serializer with IEEE 1149.1 and At-Speed BIST
SN65LV1023A TI-SN65LV1023A_07 Datasheet
717Kb / 29P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A-EP TI1-SN65LV1023A-EP Datasheet
562Kb / 25P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1021 TI-SN65LV1021 Datasheet
266Kb / 19P
[Old version datasheet]   10-MHz TO 40-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1021 TI1-SN65LV1021_08 Datasheet
409Kb / 22P
[Old version datasheet]   10-MHz TO 40-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A-EP TI1-SN65LV1023A-EP_14 Datasheet
782Kb / 25P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A TI-SN65LV1023A Datasheet
314Kb / 22P
[Old version datasheet]   10-MHz TO 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A TI1-SN65LV1023A_16 Datasheet
938Kb / 29P
[Old version datasheet]   10-MHz TO 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com