Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS96F172MQML Datasheet(PDF) 6 Page - Texas Instruments

Part # DS96F172MQML
Description  EIA-485/EIA-422 Quad Differential Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS96F172MQML Datasheet(HTML) 6 Page - Texas Instruments

Back Button DS96F172MQML_13 Datasheet HTML 2Page - Texas Instruments DS96F172MQML_13 Datasheet HTML 3Page - Texas Instruments DS96F172MQML_13 Datasheet HTML 4Page - Texas Instruments DS96F172MQML_13 Datasheet HTML 5Page - Texas Instruments DS96F172MQML_13 Datasheet HTML 6Page - Texas Instruments DS96F172MQML_13 Datasheet HTML 7Page - Texas Instruments DS96F172MQML_13 Datasheet HTML 8Page - Texas Instruments DS96F172MQML_13 Datasheet HTML 9Page - Texas Instruments DS96F172MQML_13 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
DS96F172MQML, DS96F174MQML
SNOSAS8A – APRIL 2011 – REVISED APRIL 2013
www.ti.com
PARAMETER MEASUREMENT INFORMATION
Note 10: DS96F172 with active high and active low Enables is
Note 10: DS96F172 with active high and active low Enables is
shown. DS96F174 has active high Enable only.
shown. DS96F174 has active high Enable only.
Figure 7. Differential and Common Mode Output
Figure 8. Differential Output Voltage with Varying
Voltage
Common Mode Voltage
Note 8:The input pulse is supplied by a generator having the following characteristics: f = 1.0 MHz, duty cycle = 50%,
tr ≤ 5.0 ns, tf ≤ 5.0 ns, ZO = 50Ω.
Note 9:CL includes probe and jig capacitance.
Note 10: DS96F172 with active high and active low Enables is shown. DS96F174 has active high Enable only.
Figure 9. Differential Output Delay and Transition Times
Note 8:The input pulse is supplied by a generator having the following characteristics: f = 1.0 MHz, duty cycle = 50%,
tr ≤ 5.0 ns, tf ≤ 5.0 ns, ZO = 50Ω.
Note 9:CL includes probe and jig capacitance.
Note 10: DS96F172 with active high and active low Enables is shown. DS96F174 has active high Enable only.
Figure 10. Propagation Delay Times
6
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: DS96F172MQML DS96F174MQML


Similar Part No. - DS96F172MQML_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML Datasheet
381Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
More results

Similar Description - DS96F172MQML_13

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS96F172M NSC-DS96F172M Datasheet
717Kb / 11P
   EIA-485/EIA-422 Quad Differential Drivers
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML Datasheet
381Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
DS96F174MQML TI-DS96F174MQML_15 Datasheet
445Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
DS96F173MQML TI1-DS96F173MQML Datasheet
467Kb / 14P
[Old version datasheet]   DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
DS96F173MQML TI1-DS96F173MQML_13 Datasheet
445Kb / 14P
[Old version datasheet]   DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
DS96F173M TI1-DS96F173M_13 Datasheet
280Kb / 12P
[Old version datasheet]   DS96F173M/DS96F175C/DS96F175M EIA-485/EIA-422 Quad Differential Receivers
logo
Motorola, Inc
MC75172B MOTOROLA-MC75172B Datasheet
115Kb / 12P
   Quad EIA-485 Line Drivers
logo
ON Semiconductor
MC75172B ONSEMI-MC75172B Datasheet
180Kb / 12P
   QUAD EIA-485 LINE DRIVERS
1996 REV 1
MC26LS30 ONSEMI-MC26LS30_05 Datasheet
117Kb / 14P
   Dual Differential (EIA-422-A)/Quad Single-Ended (EIA-423-A) Line Drivers
March, 2005 ??Rev. 2
logo
National Semiconductor ...
DS16F95QML NSC-DS16F95QML Datasheet
745Kb / 16P
   EIA-485/EIA-422A Differential Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com