Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS92LV2421 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DS92LV2421
Description  10-MHz to 75-MHz, 24-Bit Channel Link II Serializer And Deserializer
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS92LV2421 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DS92LV2421 Datasheet HTML 3Page - Texas Instruments DS92LV2421 Datasheet HTML 4Page - Texas Instruments DS92LV2421 Datasheet HTML 5Page - Texas Instruments DS92LV2421 Datasheet HTML 6Page - Texas Instruments DS92LV2421 Datasheet HTML 7Page - Texas Instruments DS92LV2421 Datasheet HTML 8Page - Texas Instruments DS92LV2421 Datasheet HTML 9Page - Texas Instruments DS92LV2421 Datasheet HTML 10Page - Texas Instruments DS92LV2421 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 59 page
background image
7
DS92LV2421, DS92LV2422
www.ti.com
SNLS321C – MAY 2010 – REVISED MAY 2016
Product Folder Links: DS92LV2421 DS92LV2422
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
(1)
G = Ground, I = Input, O = Output, and P = Power
(2)
1= HIGH, 0 = LOW
(3)
For a high state, use a 10-k
Ω pullup to VDDIO; for a low state, the IO includes an internal pull down. The strap pins are read upon power-
up and set device configuration. Pin number DO[23:0] listed along with shared data output name in square brackets.
Table 1. Pin Functions: DS92LV2422 (Deserializer)
PIN
TYPE(1)
DESCRIPTION(2)
NAME
NO.
LVCMOS PARALLEL INTERFACE
DO[7:0]
33, 34, 35,
36, 37, 39,
40, 41
I/O
Parallel interface data output pins, STRAP and LVCMOS.
For 8-bit RED display: DO7 = R7 – MSB, DO0 = R0 – LSB.
In power down (PDB = 0), outputs are controlled by the OSS_SEL (see Table 7). These pins
are inputs during power-up (see Deserializer Strap Input Pins).
DO[15:8]
20, 21, 22,
23, 25, 26,
27, 28
I/O
Parallel interface data output pins, STRAP and LVCMOS.
For 8-bit GREEN display: DO15 = G7 – MSB, DO8 = G0 – LSB.
In power down (PDB = 0), outputs are controlled by the OSS_SEL (see Table 7). These pins
are inputs during power-up (see Deserializer Strap Input Pins).
DO[23:16]
9, 10, 11,
12, 14, 17,
18, 19
I/O
Parallel interface data input pins, STRAP and LVCMOS.
For 8-bit BLUE display: DO23 = B7 – MSB, DO16 = B0 – LSB.
In power down (PDB = 0), outputs are controlled by the OSS_SEL (see Table 7). These pins
are inputs during power-up (see Deserializer Strap Input Pins).
CO1
6
O
Control signal output, LVCMOS.
For display or video application: CO1 = Data enable output.
Control signal pulse width must be 3 clocks or longer to be transmitted when the control
signal filter is enabled (CONFIG[1:0] = 01). There is no restriction on the minimum transition
pulse when the control signal filter is disabled (CONFIG[1:0] = 00).
The signal is limited to 2 transitions per 130 clocks regardless of the control signal filter
setting.
In power down (PDB = 0), output is controlled by the OSS_SEL pin (see Table 7).
CO2
8
O
Control signal output, LVCMOS.
For display or video application: CO2 = Horizontal sync output.
Control signal pulse width must be 3 clocks or longer to be transmitted when the control
signal filter is enabled (CONFIG[1:0] = 01). There is no restriction on the minimum transition
pulse when the control signal filter is disabled (CONFIG[1:0] = 00).
The signal is limited to 2 transitions per 130 clocks regardless of the control signal filter
setting.
In power down (PDB = 0), output is controlled by the OSS_SEL pin (see Table 7).
CO3
7
O
Control signal output, LVCMOS.
For display or video application: CO3 = Vertical sync output.
CO3 is different than CO1 and CO2 because it is limited to 1 transition per 130 clock cycles.
Thus, the minimum pulse width allowed is 130 clock cycles wide.
The CONFIG[1:0] pins have no effect on the CO3 signal.
In power down (PDB = 0), output is controlled by the OSS_SEL pin (see Table 7).
CLKOUT
5
O
Pixel clock output, LVCMOS.
In power down (PDB = 0), output is controlled by the OSS_SEL pin (see Table 7). Data strobe
edge set by RFB.
LOCK
32
O
LOCK status output, LVCMOS.
LOCK = 1, PLL is locked, outputs are active
LOCK = 0, PLL is unlocked, DO[23:0], CO1, CO2, CO3 and CLKOUT output states are
controlled by OSS_SEL (see Table 7).
May be used as link status or to flag when video data is active (ON/OFF).
PASS
42
O
PASS output (BIST mode), LVCMOS.
PASS = 1, error free transmission.
PASS = 0, one or more errors were detected in the received payload.
Route to test point for monitoring, or leave open if unused.
CONTROL AND CONFIGURATION – STRAP PINS(3)
CONFIG[1:0]
10 [DO22],
9 [DO23]
I
STRAP or LVCMOS with pulldown.
00: Control Signal Filter DISABLED.
01: Control Signal Filter ENABLED.
10: Reverse compatibility mode to interface with the DS90UR241 or DS99R241-Q1.
11: Reverse compatibility mode to interface with the DS90C241.
LF_MODE
12 [DO20]
I
SSCG low frequency mode, STRAP or LVCMOS with pulldown.
Only required when SSCG is enabled, otherwise LF_MODE condition is a DON’T CARE (X).
LF_MODE = 1, SSCG in low frequency mode (CLK = 10 to 20 MHz).
LF_MODE = 0, SSCG in high frequency mode (CLK = 20 to 65 MHz).
This can also be controlled by I2C register access.


Similar Part No. - DS92LV2421

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92LV2421 NSC-DS92LV2421 Datasheet
1Mb / 40P
   10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
logo
Texas Instruments
DS92LV2421 TI-DS92LV2421 Datasheet
1Mb / 50P
[Old version datasheet]   The DS92LV2421 (Serializer)/DS92LV2422(Deseriqalizer) chipset translates a parallel 24-bit LVCMOS data interface into a single high-speed CML serial interface with embeddbd clock information.
logo
National Semiconductor ...
DS92LV2421 NSC-DS92LV2421 Datasheet
1Mb / 40P
   10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
logo
Texas Instruments
DS92LV2421SQX-NOPB TI1-DS92LV2421SQX-NOPB Datasheet
1Mb / 50P
[Old version datasheet]   DS92LV2421/DS92LV2422 10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
logo
National Semiconductor ...
DS92LV2421 NSC-DS92LV2421_11 Datasheet
1Mb / 40P
   10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
More results

Similar Description - DS92LV2421

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92LV2421 NSC-DS92LV2421 Datasheet
1Mb / 40P
   10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
DS92LV2421 NSC-DS92LV2421_11 Datasheet
1Mb / 40P
   10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
logo
Texas Instruments
DS92LV2421SQX-NOPB TI1-DS92LV2421SQX-NOPB Datasheet
1Mb / 50P
[Old version datasheet]   DS92LV2421/DS92LV2422 10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
DS92LV2411 TI1-DS92LV2411_15 Datasheet
1Mb / 54P
[Old version datasheet]   5 to 50 MHz 24-Bit Channel Link II Serializer And Deserializer
DS92LV0421 TI1-DS92LV0421_14 Datasheet
1Mb / 49P
[Old version datasheet]   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
DS92LV0421 TI1-DS92LV0421_15 Datasheet
1Mb / 48P
[Old version datasheet]   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
logo
National Semiconductor ...
DS92LV0421 NSC-DS92LV0421 Datasheet
998Kb / 40P
   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
logo
Texas Instruments
DS90C124 TI1-DS90C124_13 Datasheet
992Kb / 31P
[Old version datasheet]   5-MHz to 35-MHz DC-Balanced 24-Bit FPD-Link II Serializer and Deserializer
DS90UR905Q-Q1 TI1-DS90UR905Q-Q1 Datasheet
1Mb / 58P
[Old version datasheet]   5- to 65-MHz, 24-bit Color FPD-Link II Serializer and Deserializer
logo
National Semiconductor ...
DS90UR905Q NSC-DS90UR905Q Datasheet
1Mb / 44P
   5 - 65 MHz 24-bit Color FPD-Link II Serializer and Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com