Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS92LV2411 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DS92LV2411
Description  5 to 50 MHz 24-Bit Channel Link II Serializer And Deserializer
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS92LV2411 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DS92LV2411 Datasheet HTML 2Page - Texas Instruments DS92LV2411 Datasheet HTML 3Page - Texas Instruments DS92LV2411 Datasheet HTML 4Page - Texas Instruments DS92LV2411 Datasheet HTML 5Page - Texas Instruments DS92LV2411 Datasheet HTML 6Page - Texas Instruments DS92LV2411 Datasheet HTML 7Page - Texas Instruments DS92LV2411 Datasheet HTML 8Page - Texas Instruments DS92LV2411 Datasheet HTML 9Page - Texas Instruments DS92LV2411 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
50
51
52
53
54
55
56
57
58
59
60
27
26
25
24
23
22
21
20
19
18
17
16
DS92LV2412
TOP VIEW
DAP = GND
NC
PDB
VDDPR
ID[x]
ROUT-
ROUT+
RIN-
RIN+
NC
DO18/OSS_SEL
DO16
DO15/EQ3
DO12/EQ0
VDDIO
DO10/OSC_SEL2
DO9/OSC_SEL1
CMF
VDDCMLO
VDDR
VDDSC
DO17/RFB
DO14/EQ2
DO13/EQ1
DO11
30
29
28
VDDL
NC
DO8/OSC_SEL0
46
47
48
RES
NC
VDDIR
BOLD PIN NAME ± indicates I/O strap
pin associated with output pin
49
DS92LV2411, DS92LV2412
SNLS302E – MAY 2010 – REVISED FEBRUARY 2015
www.ti.com
60-Pin WQFN
Package NKB
Top View
Pin Functions, DS92LV2412 Deserializer (1)
PIN
TYPE
DESCRIPTION
NAME
NO.
LVCMOS PARALLEL INTERFACE
CLKOUT
5
O, LVCMOS
Pixel Clock Output
In power-down (PDB = 0), output is controlled by the OSS_SEL Pin (See Table 6). Data
strobe edge set by RFB.
CO1
6
O, LVCMOS
Control Signal Output
For Display/Video Application:
CO1 = Data Enable Output
Control signal pulse width must be 3 clocks or longer to be transmitted when the Control
Signal Filter is enabled (CONFIG[1:0] = 01). There is no restriction on the minimum transition
pulse when the Control Signal Filter is disabled (CONFIG[1:0] = 00).
The signal is limited to 2 transitions per 130 clocks regardless of the Control Signal Filter
setting.
In power-down (PDB = 0), output is controlled by the OSS_SEL Pin (See Table 6).
(1)
NOTE: 1 = HIGH, 0 = LOW
The VDD (VDDn and VDDIO) supply ramp should be faster than 1.5 ms with a monotonic rise. If slower then 1.5 ms then a capacitor on
the PDB Pin is needed to ensure PDB arrives after all the VDD have settled to the recommended operating voltage.
6
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: DS92LV2411 DS92LV2412


Similar Part No. - DS92LV2411

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92LV2411 NSC-DS92LV2411 Datasheet
1Mb / 40P
   5-50MHz 24-Bit Channel Link II Serializer and Deserializer
DS92LV2411SQ NSC-DS92LV2411SQ Datasheet
1Mb / 40P
   5-50MHz 24-Bit Channel Link II Serializer and Deserializer
DS92LV2411SQX NSC-DS92LV2411SQX Datasheet
1Mb / 40P
   5-50MHz 24-Bit Channel Link II Serializer and Deserializer
More results

Similar Description - DS92LV2411

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92LV2411 NSC-DS92LV2411 Datasheet
1Mb / 40P
   5-50MHz 24-Bit Channel Link II Serializer and Deserializer
logo
Texas Instruments
DS92LV2421 TI1-DS92LV2421_16 Datasheet
1Mb / 59P
[Old version datasheet]   10-MHz to 75-MHz, 24-Bit Channel Link II Serializer And Deserializer
logo
National Semiconductor ...
DS92LV2421 NSC-DS92LV2421 Datasheet
1Mb / 40P
   10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
DS92LV2421 NSC-DS92LV2421_11 Datasheet
1Mb / 40P
   10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
logo
Texas Instruments
DS90UR905Q-Q1 TI1-DS90UR905Q-Q1 Datasheet
1Mb / 58P
[Old version datasheet]   5- to 65-MHz, 24-bit Color FPD-Link II Serializer and Deserializer
logo
National Semiconductor ...
DS90UR905Q NSC-DS90UR905Q Datasheet
1Mb / 44P
   5 - 65 MHz 24-bit Color FPD-Link II Serializer and Deserializer
logo
Texas Instruments
DS90C124 TI1-DS90C124_13 Datasheet
992Kb / 31P
[Old version datasheet]   5-MHz to 35-MHz DC-Balanced 24-Bit FPD-Link II Serializer and Deserializer
logo
National Semiconductor ...
DS92LV3221 NSC-DS92LV3221 Datasheet
1Mb / 24P
   20-50 MHz 32-Bit Channel Link II Serializer / Deserializer
logo
Texas Instruments
DS92LV3221 TI1-DS92LV3221_14 Datasheet
1Mb / 30P
[Old version datasheet]   20-50 MHz 32-Bit Channel Link II Serializer / Deserializer
DS92LV2421SQX-NOPB TI1-DS92LV2421SQX-NOPB Datasheet
1Mb / 50P
[Old version datasheet]   DS92LV2421/DS92LV2422 10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com