Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS92LV1224 Datasheet(PDF) 2 Page - Texas Instruments

Part # DS92LV1224
Description  30-66 MHz 10 Bit Bus LVDS Deserializer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS92LV1224 Datasheet(HTML) 2 Page - Texas Instruments

  DS92LV1224 Datasheet HTML 1Page - Texas Instruments DS92LV1224 Datasheet HTML 2Page - Texas Instruments DS92LV1224 Datasheet HTML 3Page - Texas Instruments DS92LV1224 Datasheet HTML 4Page - Texas Instruments DS92LV1224 Datasheet HTML 5Page - Texas Instruments DS92LV1224 Datasheet HTML 6Page - Texas Instruments DS92LV1224 Datasheet HTML 7Page - Texas Instruments DS92LV1224 Datasheet HTML 8Page - Texas Instruments DS92LV1224 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
DS92LV1224
SNLS189A – APRIL 2005 – REVISED APRIL 2013
www.ti.com
Functional Description
The DS92LV1224 is a 10-bit Deserializer device which together with a compatible serializer (i.e. DS92LV1023E)
forms a chipset designed to transmit data over FR-4 printed circuit board backplanes and balanced copper
cables at clock speeds from 30 MHz to 66 MHz.
The chipset has three active states of operation: Initialization, Data Transfer, and Resynchronization; and two
passive states: Powerdown and TRI-STATE.
The following sections describe each operation and passive state.
Initialization
Initialization of both devices must occur before data transmission begins. Initialization refers to synchronization of
the Serializer and Deserializer PLL's to local clocks, which may be the same or separate. Afterwards,
synchronization of the Deserializer to Serializer occurs.
Step 1: When you apply VCC to both Serializer and/or Deserializer, the respective outputs enter TRI-STATE, and
on-chip power-on circuitry disables internal circuitry. When VCC reaches VCCOK (2.5V) the PLL in each device
begins locking to a local clock. For the Serializer, the local clock is the transmit clock (TCLK) provided by the
source ASIC or other device. For the Deserializer, you must apply a local clock to the REFCLK pin.
The Serializer outputs remain in TRI-STATE while the PLL locks to the TCLK. After locking to TCLK, the
Serializer is now ready to send data or SYNC patterns, depending on the levels of the SYNC1 and SYNC2 inputs
or a data stream. The SYNC pattern sent by the Serializer consists of six ones and six zeros switching at the
input clock rate.
Note that the Deserializer LOCK output will remain high while its PLL locks to the incoming data or to SYNC
patterns on the input.
Step 2: The Deserializer PLL must synchronize to the Serializer to complete initialization. The Deserializer will
lock to non-repetitive data patterns. However, the transmission of SYNC patterns enables the Deserializer to lock
to the Serializer signal within a specified time.
The user's application determines control of the SYNC1 and SYNC 2 pins. One recommendation is a direct
feedback loop from the LOCK pin. Under all circumstances, the Serializer stops sending SYNC patterns after
both SYNC inputs return low.
When the Deserializer detects edge transitions at the Bus LVDS input, it will attempt to lock to the embedded
clock information. When the Deserializer locks to the Bus LVDS clock, the LOCK output will go low. When LOCK
is low, the Deserializer outputs represent incoming Bus LVDS data.
Data Transfer
After initialization, the Serializer will accept data from inputs DIN0–DIN9. The Serializer uses the TCLK input to
latch incoming Data. The TCLK_R/F pin selects which edge the Serializer uses to strobe incoming data.
TCLK_R/F high selects the rising edge for clocking data and low selects the falling edge. If either of the SYNC
inputs is high for 5*TCLK cycles, the data at DIN0-DIN9 is ignored regardless of clock edge.
2
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: DS92LV1224


Similar Part No. - DS92LV1224

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92LV1224 NSC-DS92LV1224 Datasheet
799Kb / 16P
   30-66 MHz 10 Bit Bus LVDS Deserializer
DS92LV1224TMSA NSC-DS92LV1224TMSA Datasheet
799Kb / 16P
   30-66 MHz 10 Bit Bus LVDS Deserializer
More results

Similar Description - DS92LV1224

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92LV1224 NSC-DS92LV1224 Datasheet
799Kb / 16P
   30-66 MHz 10 Bit Bus LVDS Deserializer
SCAN921023 NSC-SCAN921023 Datasheet
508Kb / 20P
   20-66 MHz 10 Bit Bus LVDS Serializer and Deserializer
logo
Texas Instruments
DS92LV1023E TI1-DS92LV1023E_14 Datasheet
963Kb / 21P
[Old version datasheet]   30-66 MHz 10 Bit Bus LVDS Serializer
logo
National Semiconductor ...
DS92LV1023E NSC-DS92LV1023E Datasheet
632Kb / 13P
   30-66 MHz 10 Bit Bus LVDS Serializer
DS92LV18 NSC-DS92LV18_06 Datasheet
855Kb / 20P
   18-Bit Bus LVDS Serializer/Deserializer - 15-66 MHz
DS92LV18 NSC-DS92LV18 Datasheet
469Kb / 20P
   18-Bit Bus LVDS Serializer/Deserializer - 15-66 MHz
logo
Texas Instruments
DS92LV18 TI1-DS92LV18_15 Datasheet
1Mb / 26P
[Old version datasheet]   18-Bit Bus LVDS Serializer/Deserializer - 15-66 MHz
SN65LV1023A TI-SN65LV1023A Datasheet
314Kb / 22P
[Old version datasheet]   10-MHz TO 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A TI1-SN65LV1023A_16 Datasheet
938Kb / 29P
[Old version datasheet]   10-MHz TO 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A-EP TI1-SN65LV1023A-EP Datasheet
562Kb / 25P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com