Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS92LV1021 Datasheet(PDF) 7 Page - Texas Instruments

Part # DS92LV1021
Description  16-40 MHz 10 Bit Bus LVDS Serializer and Deserializer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS92LV1021 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DS92LV1021 Datasheet HTML 3Page - Texas Instruments DS92LV1021 Datasheet HTML 4Page - Texas Instruments DS92LV1021 Datasheet HTML 5Page - Texas Instruments DS92LV1021 Datasheet HTML 6Page - Texas Instruments DS92LV1021 Datasheet HTML 7Page - Texas Instruments DS92LV1021 Datasheet HTML 8Page - Texas Instruments DS92LV1021 Datasheet HTML 9Page - Texas Instruments DS92LV1021 Datasheet HTML 10Page - Texas Instruments DS92LV1021 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
DS92LV1021, DS92LV1210
www.ti.com
SNLS024C – MARCH 1999 – REVISED APRIL 2013
Deserializer Switching Characteristics (continued)
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Pin/Freq.
Min
Typ(1)
Max
Units
tDSR1
Deserializer PLL Lock
See (2)
16MHz
7
15
μs
Time from PWRDWN
See Figure 14
40MHz
4.8
25.6
μs
(with SYNCPAT)
See Figure 15
tDSR2
Deserializer PLL Lock
16MHz
7
10
μs
time from SYNCPAT
40MHz
4.5
7
μs
tZHLK
TRI-STATE to HIGH
LOCK
1.5
12
ns
Delay (power-up)
tRNM
Deserializer Noise
See Figure 16
16 MHz
400
1100
ps
Margin
See (3)
40 MHz
100
400
ps
(2)
For the purpose of specifying deserializer PLL performance tDSR1 and tDSR2 are specified with the REFCLK running and stable, and
specific conditions of the incoming data stream (SYNCPATs). It is recommended that the derserializer be initialized using either tDSR1
timing or tDSR2 timing. tDSR1 is the time required for the deserializer to indicate lock upon power-up or when leaving the power-down
mode. Synchronization patterns should be sent to the device before initiating either condition. tDSR2 is the time required to indicate lock
for the powered-up and enabled deserializer when the input (RI+ and RI-) conditions change from not receiving data to receiving
synchronization patterns (SYNCPATs).
(3)
tRNM is a measure of how much phase noise (jitter) the deserializer can tolerate in the incoming data stream before bit errors occur.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DS92LV1021 DS92LV1210


Similar Part No. - DS92LV1021

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92LV1021 NSC-DS92LV1021 Datasheet
382Kb / 18P
   16-40 MHz 10 Bit Bus LVDS Serializer and Deserializer
DS92LV1021A NSC-DS92LV1021A Datasheet
209Kb / 12P
   16-40 MHz 10 Bit Bus LVDS Serializer
logo
Texas Instruments
DS92LV1021A TI1-DS92LV1021A Datasheet
1,007Kb / 18P
[Old version datasheet]   16-40 MHz 10 Bit Bus LVDS Serializer
logo
National Semiconductor ...
DS92LV1021AMSA NSC-DS92LV1021AMSA Datasheet
209Kb / 12P
   16-40 MHz 10 Bit Bus LVDS Serializer
logo
Texas Instruments
DS92LV1021AMSA TI1-DS92LV1021AMSA Datasheet
1,007Kb / 18P
[Old version datasheet]   16-40 MHz 10 Bit Bus LVDS Serializer
More results

Similar Description - DS92LV1021

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92LV1021 NSC-DS92LV1021 Datasheet
382Kb / 18P
   16-40 MHz 10 Bit Bus LVDS Serializer and Deserializer
DS92LV1021A NSC-DS92LV1021A Datasheet
209Kb / 12P
   16-40 MHz 10 Bit Bus LVDS Serializer
logo
Texas Instruments
DS92LV1021A TI1-DS92LV1021A_14 Datasheet
1,007Kb / 18P
[Old version datasheet]   16-40 MHz 10 Bit Bus LVDS Serializer
logo
National Semiconductor ...
SCAN921023 NSC-SCAN921023 Datasheet
508Kb / 20P
   20-66 MHz 10 Bit Bus LVDS Serializer and Deserializer
DS92LV16 NSC-DS92LV16 Datasheet
397Kb / 19P
   16-Bit Bus LVDS Serializer/Deserializer - 25 - 80 MHz
logo
Texas Instruments
DS92LV16 TI-DS92LV16 Datasheet
1Mb / 25P
[Old version datasheet]   DS92LV16 16-Bit Bus LVDS Serializer/Deserializer - 25 - 80 MHz
logo
National Semiconductor ...
DS92LV1023 NSC-DS92LV1023 Datasheet
625Kb / 13P
   40-66 MHz 10 Bit Bus LVDS Serializer
logo
Texas Instruments
DS92LV1023 TI1-DS92LV1023_15 Datasheet
959Kb / 19P
[Old version datasheet]   40-66 MHz 10 Bit Bus LVDS Serializer
SN65LV1021 TI-SN65LV1021 Datasheet
266Kb / 19P
[Old version datasheet]   10-MHz TO 40-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1021 TI1-SN65LV1021_08 Datasheet
409Kb / 22P
[Old version datasheet]   10-MHz TO 40-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com