Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS92LV0412 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DS92LV0412
Description  5 - 50 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS92LV0412 Datasheet(HTML) 5 Page - Texas Instruments

  DS92LV0412 Datasheet HTML 1Page - Texas Instruments DS92LV0412 Datasheet HTML 2Page - Texas Instruments DS92LV0412 Datasheet HTML 3Page - Texas Instruments DS92LV0412 Datasheet HTML 4Page - Texas Instruments DS92LV0412 Datasheet HTML 5Page - Texas Instruments DS92LV0412 Datasheet HTML 6Page - Texas Instruments DS92LV0412 Datasheet HTML 7Page - Texas Instruments DS92LV0412 Datasheet HTML 8Page - Texas Instruments DS92LV0412 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
DS92LV0411, DS92LV0412
www.ti.com
SNLS331B – MAY 2010 – REVISED APRIL 2013
Table 1. DS92LV0411 PIN DESCRIPTIONS
Pin Name
Pin #
I/O, Type
Description
Channel Link Parallel Input Interface
RxIN[3:0]+
2, 33, 31,
I, LVDS
True LVDS Data Input
29
These inputs require an external 100
Ω differential termination for standard LVDS levels.
RxIN[3:0]-
1, 34, 32,
I, LVDS
Inverting LVDS Data Input
30, 28
These inputs require an external 100
Ω differential termination for standard LVDS levels.
RxCLKIN+
35
I, LVDS
True LVDS Clock Input
These inputs require an external 100
Ω differential termination for standard LVDS levels.
RxCLKIN-
34
I, LVDS
Inverting LVDS Clock Input
These inputs require an external 100
Ω differential termination for standard LVDS levels.
Control and Configuration
PDB
23
I, LVCMOS
Power-down Mode Input
w/ pull-down
PDB = 1, Device is enabled (normal operation).
Refer to POWER UP REQUIREMENTS AND PDB PIN in the Applications Information
Section.
PDB = 0, Device is powered down
When the Device is in the power-down state, the driver outputs (DOUT+/-) are both logic high,
the PLL is shutdown, IDD is minimized. Control Registers are RESET.
VODSEL
20
I, LVCMOS
Differential Driver Output Voltage Select — Pin or Register Control
w/ pull-down
VODSEL = 1, LVDS VOD is ±450 mV, 900 mVp-p (typ) — Long Cable / De-E Applications
VODSEL = 0, LVDS VOD is ±300 mV, 600 mVp-p (typ)
De-Emph
19
I, Analog
De-Emphasis Control — Pin or Register Control
w/ pull-up
De-Emph = open (float) - disabled
To enable De-emphasis, tie a resistor from this pin to GND or control via register.
(See Table 5)
MAPSEL
26
I, LVCMOS
Channel Link Map Select — Pin or Register Control
w/ pull-down
MAPSEL = 1, MSB on RxIN3+/-. (SeeFigure 23)
MAPSEL = 0, LSB on RxIN3+/-. (See Figure 22)
CONFIG[1:0]
10, 9
I, LVCMOS
Operating Modes
w/ pull-down
Determines the device operating mode and interfacing device. (See Table 2)
CONFIG[1:0] = 00: Interfacing to DS92LV2412 or DS92LV0412, Control Signal Filter
DISABLED
CONFIG[1:0] = 01: Interfacing to DS92LV2412 or DS92LV0412, Control Signal Filter
ENABLED
CONFIG [1:0] = 10: Interfacing to DS90UR124, DS99R124
CONFIG [1:0] = 11: Interfacing to DS90C124
ID[x]
4
I, Analog
Serial Control Bus Device ID Address Select — Optional
Resistor to Ground and 10 k
Ω pull-up to 1.8V rail. (See Table 11)
SCL
6
I, LVCMOS
Serial Control Bus Clock Input - Optional
SCL requires an external pull-up resistor to 3.3V
SDA
7
I/O, LVCMOS Serial Control Bus Data Input / Output - Optional
Open Drain
SDA requires an external pull-up resistor to 3.3V
BISTEN
21
I, LVCMOS
BIST Mode — Optional
w/ pull-down
BISTEN = 1, BIST is enabled
BISTEN = 0, BIST is disabled
RES[7:0]
25, 3, 36,
I, LVCMOS
Reserved - tie LOW
27, 18, 13,
w/ pull-down
12, 8
Channel Link II Serial Interface
DOUT+
16
O, CML
True Output.
The output must be AC Coupled with a 0.1
μF capacitor.
DOUT-
15
O, CML
Inverting Output.
The output must be AC Coupled with a 0.1
μF capacitor.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DS92LV0411 DS92LV0412


Similar Part No. - DS92LV0412

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92LV0412 NSC-DS92LV0412 Datasheet
994Kb / 40P
   5 - 50 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
DS92LV0412SQ NSC-DS92LV0412SQ Datasheet
994Kb / 40P
   5 - 50 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
DS92LV0412SQE NSC-DS92LV0412SQE Datasheet
994Kb / 40P
   5 - 50 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
DS92LV0412SQX NSC-DS92LV0412SQX Datasheet
994Kb / 40P
   5 - 50 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
More results

Similar Description - DS92LV0412

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92LV0411 NSC-DS92LV0411 Datasheet
994Kb / 40P
   5 - 50 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
logo
Texas Instruments
DS92LV0421 TI1-DS92LV0421_15 Datasheet
1Mb / 48P
[Old version datasheet]   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
DS92LV0421 TI1-DS92LV0421_14 Datasheet
1Mb / 49P
[Old version datasheet]   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
logo
National Semiconductor ...
DS92LV0421 NSC-DS92LV0421 Datasheet
998Kb / 40P
   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
logo
Texas Instruments
DS92LV2411 TI1-DS92LV2411_15 Datasheet
1Mb / 54P
[Old version datasheet]   5 to 50 MHz 24-Bit Channel Link II Serializer And Deserializer
logo
National Semiconductor ...
DS92LV3221 NSC-DS92LV3221 Datasheet
1Mb / 24P
   20-50 MHz 32-Bit Channel Link II Serializer / Deserializer
logo
Texas Instruments
DS92LV3221 TI1-DS92LV3221_14 Datasheet
1Mb / 30P
[Old version datasheet]   20-50 MHz 32-Bit Channel Link II Serializer / Deserializer
logo
National Semiconductor ...
DS90CR483 NSC-DS90CR483 Datasheet
348Kb / 17P
   48-Bit LVDS Channel Link Serializer/Deserializer
DS32EL0124 NSC-DS32EL0124_09 Datasheet
1Mb / 28P
   125 MHz- 312.5 MHz FPGA-Link Deserializer with DDR LVDS Parallel Interface
DS32EL0421 NSC-DS32EL0421_09 Datasheet
1Mb / 28P
   125-312.5 MHz FPGA-Link Serializer with DDR LVDS Parallel Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com