Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS92LV010ATM Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DS92LV010ATM
Description  Bus LVDS 3.3/5.0V Single Transceiver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS92LV010ATM Datasheet(HTML) 1 Page - Texas Instruments

  DS92LV010ATM Datasheet HTML 1Page - Texas Instruments DS92LV010ATM Datasheet HTML 2Page - Texas Instruments DS92LV010ATM Datasheet HTML 3Page - Texas Instruments DS92LV010ATM Datasheet HTML 4Page - Texas Instruments DS92LV010ATM Datasheet HTML 5Page - Texas Instruments DS92LV010ATM Datasheet HTML 6Page - Texas Instruments DS92LV010ATM Datasheet HTML 7Page - Texas Instruments DS92LV010ATM Datasheet HTML 8Page - Texas Instruments DS92LV010ATM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
DS92LV010A
www.ti.com
SNLS007E – MAY 1998 – REVISED APRIL 2013
DS92LV010A Bus LVDS 3.3/5.0V Single Transceiver
Check for Samples: DS92LV010A
1
FEATURES
DESCRIPTION
The DS92LV010A is one in a series of transceivers
2
Bus LVDS Signaling (BLVDS)
designed specifically for the high speed, low power
Designed for Double Termination Applications
proprietary bus backplane interfaces. The device
Balanced Output Impedance
operates from a single 3.3V or 5.0V power supply
and includes one differential line driver and one
Lite Bus Loading 5pF Typical
receiver. To minimize bus loading the driver outputs
Glitch Free Power Up/Down (Driver Disabled)
and receiver inputs are internally connected. The
3.3V or 5.0V Operation
logic interface provides maximum flexibility as 4
separate lines are provided (DIN, DE, RE, and
±1V Common Mode Range
ROUT). The device also features flow through which
±100mV Receiver Sensitivity
allows easy PCB routing for short stubs between the
High Signaling Rate Capability (Above 100
bus pins and the connector. The driver has 10 mA
Mbps)
drive capability, allowing it to drive heavily loaded
backplanes, with impedance as low as 27 Ohms.
Low Power CMOS Design
Product Offered in 8 Lead SOIC Package
The driver translates between TTL levels (single-
ended) to Low Voltage Differential Signaling levels.
Industrial Temperature Range Operation
This
allows
for
high
speed
operation,
while
consuming minimal power with reduced EMI. In
addition the differential signaling provides common
mode noise rejection of ±1V.
The receiver threshold is ±100mV over a ±1V
common mode range and translates the low voltage
differential levels to standard (CMOS/TTL) levels.
CONNECTION DIAGRAM
Figure 1. SOIC Package
See Package Number D0008A
BLOCK DIAGRAM
Figure 2.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1998–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DS92LV010ATM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92LV010ATM NSC-DS92LV010ATM Datasheet
141Kb / 10P
   Bus LVDS 3.3/5.0V Single Transceiver
DS92LV010ATM NSC-DS92LV010ATM Datasheet
307Kb / 10P
   Bus LVDS 3.3/5.0V Single Transceiver
DS92LV010ATMEP NSC-DS92LV010ATMEP Datasheet
371Kb / 12P
   Bus LVDS 3.3/5.0V Single Transceiver
More results

Similar Description - DS92LV010ATM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92LV010A NSC-DS92LV010A Datasheet
141Kb / 10P
   Bus LVDS 3.3/5.0V Single Transceiver
DS92LV010A NSC-DS92LV010A_07 Datasheet
307Kb / 10P
   Bus LVDS 3.3/5.0V Single Transceiver
DS92LV010AEP NSC-DS92LV010AEP Datasheet
371Kb / 12P
   Bus LVDS 3.3/5.0V Single Transceiver
logo
Pericom Semiconductor C...
PI90LVB010 PERICOM-PI90LVB010 Datasheet
460Kb / 9P
   Single Bus LVDS Transceiver
PI90LV019 PERICOM-PI90LV019 Datasheet
432Kb / 9P
   Single Bus LVDS Transceiver
logo
Maxim Integrated Produc...
MAX9163 MAXIM-MAX9163 Datasheet
206Kb / 11P
   Bus LVDS 3.3V Single Transceiver
19-2689; Rev 0; 1/03
MAX9157 MAXIM-MAX9157 Datasheet
357Kb / 16P
   Quad Bus LVDS Transceiver
19-2287; Rev 0; 1/02
logo
National Semiconductor ...
DS92LV040A NSC-DS92LV040A Datasheet
220Kb / 12P
   4 Channel Bus LVDS Transceiver
DS92LV090A NSC-DS92LV090A_07 Datasheet
291Kb / 12P
   9 Channel Bus LVDS Transceiver
DS92LV090A NSC-DS92LV090A Datasheet
170Kb / 9P
   9 Channel Bus LVDS Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com