Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS92LV010ATM Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DS92LV010ATM
Description  Bus LVDS 3.3/5.0V Single Transceiver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS92LV010ATM Datasheet(HTML) 2 Page - Texas Instruments

  DS92LV010ATM Datasheet HTML 1Page - Texas Instruments DS92LV010ATM Datasheet HTML 2Page - Texas Instruments DS92LV010ATM Datasheet HTML 3Page - Texas Instruments DS92LV010ATM Datasheet HTML 4Page - Texas Instruments DS92LV010ATM Datasheet HTML 5Page - Texas Instruments DS92LV010ATM Datasheet HTML 6Page - Texas Instruments DS92LV010ATM Datasheet HTML 7Page - Texas Instruments DS92LV010ATM Datasheet HTML 8Page - Texas Instruments DS92LV010ATM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
DS92LV010A
SNLS007E – MAY 1998 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2) (3)
Supply Voltage (VCC)
6.0V
Enable Input Voltage (DE, RE)
−0.3V to (VCC + 0.3V)
Driver Input Voltage (DIN)
−0.3V to (VCC + 0.3V)
Receiver Output Voltage
(ROUT)
−0.3V to (VCC + 0.3V)
Bus Pin Voltage (DO/RI±)
−0.3V to + 3.9V
Driver Short Circuit Current
Continuous
ESD (HBM 1.5 k
Ω, 100 pF)
>2.0 kV
Maximum Package Power Dissipation at 25°C
SOIC
1025 mW
Derate SOIC Package
8.2 mW/°C
Junction Temperature
+150°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature
(Soldering, 4 sec.)
260°C
(1)
All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to device ground except
VOD, VID, VTH and VTL unless otherwise specified.
(2)
Absolute Maximum Ratings are these beyond which the safety of the device cannot be ensured. They are not meant to imply that the
device should be operated at these limits. The table of “Electrical Characteristics” provides conditions for actual device operation.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
RECOMMENDED OPERATING CONDITIONS
Min
Max
Units
Supply Voltage (VCC), or
3.0
3.6
V
Supply Voltage (VCC)
4.5
5.5
V
Receiver Input Voltage
0.0
2.9
V
Operating Free Air Temperature
−40
+85
°C
2
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: DS92LV010A


Similar Part No. - DS92LV010ATM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92LV010ATM NSC-DS92LV010ATM Datasheet
141Kb / 10P
   Bus LVDS 3.3/5.0V Single Transceiver
DS92LV010ATM NSC-DS92LV010ATM Datasheet
307Kb / 10P
   Bus LVDS 3.3/5.0V Single Transceiver
DS92LV010ATMEP NSC-DS92LV010ATMEP Datasheet
371Kb / 12P
   Bus LVDS 3.3/5.0V Single Transceiver
More results

Similar Description - DS92LV010ATM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92LV010A NSC-DS92LV010A Datasheet
141Kb / 10P
   Bus LVDS 3.3/5.0V Single Transceiver
DS92LV010A NSC-DS92LV010A_07 Datasheet
307Kb / 10P
   Bus LVDS 3.3/5.0V Single Transceiver
DS92LV010AEP NSC-DS92LV010AEP Datasheet
371Kb / 12P
   Bus LVDS 3.3/5.0V Single Transceiver
logo
Pericom Semiconductor C...
PI90LVB010 PERICOM-PI90LVB010 Datasheet
460Kb / 9P
   Single Bus LVDS Transceiver
PI90LV019 PERICOM-PI90LV019 Datasheet
432Kb / 9P
   Single Bus LVDS Transceiver
logo
Maxim Integrated Produc...
MAX9163 MAXIM-MAX9163 Datasheet
206Kb / 11P
   Bus LVDS 3.3V Single Transceiver
19-2689; Rev 0; 1/03
MAX9157 MAXIM-MAX9157 Datasheet
357Kb / 16P
   Quad Bus LVDS Transceiver
19-2287; Rev 0; 1/02
logo
National Semiconductor ...
DS92LV040A NSC-DS92LV040A Datasheet
220Kb / 12P
   4 Channel Bus LVDS Transceiver
DS92LV090A NSC-DS92LV090A_07 Datasheet
291Kb / 12P
   9 Channel Bus LVDS Transceiver
DS92LV090A NSC-DS92LV090A Datasheet
170Kb / 9P
   9 Channel Bus LVDS Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com