Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7826I Datasheet(PDF) 11 Page - Texas Instruments

Part # ADS7826I
Description  10/8/12-BIT HIGH SPEED 2.7 V microPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7826I Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS7826I Datasheet HTML 7Page - Texas Instruments ADS7826I Datasheet HTML 8Page - Texas Instruments ADS7826I Datasheet HTML 9Page - Texas Instruments ADS7826I Datasheet HTML 10Page - Texas Instruments ADS7826I Datasheet HTML 11Page - Texas Instruments ADS7826I Datasheet HTML 12Page - Texas Instruments ADS7826I Datasheet HTML 13Page - Texas Instruments ADS7826I Datasheet HTML 14Page - Texas Instruments ADS7826I Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
www.ti.com
www.ti.com
Reference Voltage - V
11
10.75
10.25
0.1
1
11.25
11.5
12
10
11.75
10.5
10
VCC = 5 V
Change in Integral
Linearity - LSB
Change in Differential
Linearity - LSB
VCC = 5 V
Reference Voltage - V
0.05
- 0.05
1
2
3
4
0.10
0.20
5
0.15
0
- 0.10
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
f − Frequency − kHz
Spurious Free Dynamic Range
Signal-To-Noise
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
f - frequency - kHz
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
f − Frequency − kHz
Spurious Free Dynamic Range
Signal-To-Noise
- 100
- 90
- 80
- 70
- 60
- 50
- 40
- 30
- 20
- 10
0
1
10
100
1000
f - Frequency - kHz
ADS7826
ADS7827
ADS7829
SLAS388 – JUNE 2003
TYPICAL CHARACTERISTICS (continued)
At T
A = 25°C, VCC = 2.7 V, Vref = 25 V, (unless otherwise specified)
ADS7829
CHANGE IN INTEGRAL and
ADS7829
DIFFERENTIAL LINEARITY
EFFECTIVE NUMBER OF BITS
vs
vs
REFERENCE VOLTAGE
REFERENCE VOLTAGE
Figure 25.
Figure 26.
ADS7829
SPURIOUS FREE DYNAMIC RANGE
ADS7829
and SIGNAL-TO-NOISE RATIO
SIGNAL-TO-NOISE + DISTORTION
vs
vs
SAMPLE FREQUENCY
FREQUENCY
Figure 27.
Figure 28.
ADS7826
ADS7829
SPURIOUS FREE DYNAMIC RANGE
TOTAL HARMONIC DISTORTION
and SIGNAL-TO-NOISE RATIO
vs
vs
FREQUENCY
FREQUENCY
Figure 29.
Figure 30.
11


Similar Part No. - ADS7826I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7826IDRBR TI1-ADS7826IDRBR Datasheet
1Mb / 26P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS7826IDRBRG4 TI1-ADS7826IDRBRG4 Datasheet
1Mb / 26P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS7826IDRBT TI1-ADS7826IDRBT Datasheet
1Mb / 26P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS7826IDRBTG4 TI1-ADS7826IDRBTG4 Datasheet
1Mb / 26P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7826I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8320-HT TI1-ADS8320-HT_13 Datasheet
341Kb / 26P
[Old version datasheet]   16-BIT, HIGH-SPEED, 2.7-V TO 5-V, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8320-HT TI1-ADS8320-HT Datasheet
389Kb / 27P
[Old version datasheet]   16-BIT, HIGH-SPEED, 2.7-V TO 5-V, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7822 BURR-BROWN-ADS7822 Datasheet
146Kb / 12P
   12-Bit High Speed 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7822 TI-ADS7822 Datasheet
431Kb / 20P
[Old version datasheet]   12-Bit, High-Speed, 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8321 BURR-BROWN-ADS8321 Datasheet
100Kb / 12P
   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8321 TI1-ADS8321_14 Datasheet
858Kb / 20P
[Old version datasheet]   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8321 TI1-ADS8321 Datasheet
858Kb / 19P
[Old version datasheet]   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8321 BURR-BROWN-ADS8321_12 Datasheet
604Kb / 18P
   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
NXP Semiconductors
TDA8766 PHILIPS-TDA8766 Datasheet
157Kb / 20P
   10-bit high-speed 2.7 to 5.25 V analog-to-digital converter
1996 Mar 20
logo
Texas Instruments
TLV5510 TI-TLV5510 Datasheet
307Kb / 19P
[Old version datasheet]   2.7-V TO 3.6-V 8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com