Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS92CK16 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DS92CK16
Description  3V BLVDS 1 to 6 Clock Buffer/Bus Transceiver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS92CK16 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DS92CK16 Datasheet HTML 2Page - Texas Instruments DS92CK16 Datasheet HTML 3Page - Texas Instruments DS92CK16 Datasheet HTML 4Page - Texas Instruments DS92CK16 Datasheet HTML 5Page - Texas Instruments DS92CK16 Datasheet HTML 6Page - Texas Instruments DS92CK16 Datasheet HTML 7Page - Texas Instruments DS92CK16 Datasheet HTML 8Page - Texas Instruments DS92CK16 Datasheet HTML 9Page - Texas Instruments DS92CK16 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
DS92CK16
SNAS044C – NOVEMBER 1999 – REVISED APRIL 2013
www.ti.com
PARAMETER MEASUREMENT INFORMATION
Figure 1. Receiver Propagation Delay and Transition Time Test Circuit
Generator waveform for all test unless otherwise specified: f = 25 MHz, 50% Duty Cycle, Zo = 50
Ω, tTLH = 1 ns, tTHL =
1 ns.
Figure 2. Receiver Propagation Delay and Transition Time Waveforms
Figure 3. Output Enable (OE) Delay Test Circuit
Figure 4. Output Enable (OE) Delay Waveforms
6
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: DS92CK16


Similar Part No. - DS92CK16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92CK16 NSC-DS92CK16 Datasheet
165Kb / 11P
   3V BLVDS 1 to 6 Clock Buffer/Bus Transceiver
DS92CK16 NSC-DS92CK16 Datasheet
580Kb / 12P
   3V BLVDS 1 to 6 Clock Buffer/Bus Transceiver
logo
Tyco Electronics
DS92CK16 MACOM-DS92CK16 Datasheet
916Kb / 17P
   DS92CK16 3V BLVDS 1 to 6 Clock Buffer/Bus Transceiver
logo
National Semiconductor ...
DS92CK16TMTC NSC-DS92CK16TMTC Datasheet
165Kb / 11P
   3V BLVDS 1 to 6 Clock Buffer/Bus Transceiver
DS92CK16TMTC NSC-DS92CK16TMTC Datasheet
580Kb / 12P
   3V BLVDS 1 to 6 Clock Buffer/Bus Transceiver
More results

Similar Description - DS92CK16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92CK16 NSC-DS92CK16 Datasheet
165Kb / 11P
   3V BLVDS 1 to 6 Clock Buffer/Bus Transceiver
DS92CK16 NSC-DS92CK16_06 Datasheet
580Kb / 12P
   3V BLVDS 1 to 6 Clock Buffer/Bus Transceiver
logo
Tyco Electronics
DS92CK16TMTCX MACOM-DS92CK16TMTCX Datasheet
916Kb / 17P
   DS92CK16 3V BLVDS 1 to 6 Clock Buffer/Bus Transceiver
logo
Pericom Semiconductor C...
PI90LVB16 PERICOM-PI90LVB16 Datasheet
470Kb / 12P
   3V Bus LVDS 1-to-6 Clock Buffer/Bus Transceiver
logo
Integrated Circuit Syst...
ICS551 ICST-ICS551 Datasheet
56Kb / 4P
   1 to 4 Clock Buffer
logo
Integrated Device Techn...
ICS551MILF IDT-ICS551MILF Datasheet
192Kb / 9P
   1 TO 4 CLOCK BUFFER
logo
National Semiconductor ...
DS92001 NSC-DS92001 Datasheet
257Kb / 12P
   3.3V B/LVDS-BLVDS Buffer
logo
Integrated Device Techn...
IDT5T9306 IDT-IDT5T9306_12 Datasheet
163Kb / 17P
   2.5V LVDS 1:6 Clock Buffer Terabuffer
MPC905 IDT-MPC905 Datasheet
381Kb / 7P
   1:6 PCI Clock Generator/Fanout Buffer
logo
Motorola, Inc
MPC903 MOTOROLA-MPC903 Datasheet
91Kb / 6P
   1:6 PCI CLOCK GENERATOR/ FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com