Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90UB924TRHSTQ1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DS90UB924TRHSTQ1
Description  5-MHz to 96-MHz 24-bit Color FPD-Link III to OpenLDI Deserializer With Bidirectional Control Channel
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90UB924TRHSTQ1 Datasheet(HTML) 4 Page - Texas Instruments

  DS90UB924TRHSTQ1 Datasheet HTML 1Page - Texas Instruments DS90UB924TRHSTQ1 Datasheet HTML 2Page - Texas Instruments DS90UB924TRHSTQ1 Datasheet HTML 3Page - Texas Instruments DS90UB924TRHSTQ1 Datasheet HTML 4Page - Texas Instruments DS90UB924TRHSTQ1 Datasheet HTML 5Page - Texas Instruments DS90UB924TRHSTQ1 Datasheet HTML 6Page - Texas Instruments DS90UB924TRHSTQ1 Datasheet HTML 7Page - Texas Instruments DS90UB924TRHSTQ1 Datasheet HTML 8Page - Texas Instruments DS90UB924TRHSTQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 62 page
background image
4
DS90UB924-Q1
SNLS512 – APRIL 2016
www.ti.com
Product Folder Links: DS90UB924-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Pin Functions (continued)
PIN
I/O, TYPE
DESCRIPTION
NAME
NO.
GPIO_REG[8
:5]
8, 10, 7, 3
I/O, LVCMOS
with pulldown
General Purpose I/O, register access only
Shared with I2S_CLK, I2S_WC, I2S_DA, I2S_DB
I2S_DA
I2S_DB
I2S_DC
I2S_DD
7
3
37
36
O, LVCMOS
Digital Audio Interface I2S Data Outputs
Shared with GPIO_REG6, GPIO_REG5, GPIO2, GPIO3
INTB_IN
43
I, LVCMOS
with pulldown
Interrupt Input
Shared with BISTC
MCLK
I2S_WC
I2S_CLK
11
10
8
O, LVCMOS
Digital Audio Interface I2S Master Clock, Word Clock and I2S Bit Clock Outputs
I2S_WC and I2S_CLK are shared with GPIO_REG7 and GPIO_REG8
SDOUT
SWC
13
14
O, LVCMOS
with pulldown
Auxiliary Digital Audio Interface I2S Data Output and Word Clock
Shared with GPIO1 and GPIO0
CONTROL AND CONFIGURATION
BISTC
43
I, LVCMOS
with pulldown
BIST Clock Select
Shared with INTB_IN
Requires a 10-K
Ω pullup if set HIGH
BISTEN
9
I, LVCMOS
with pulldown
BIST Enable
Requires a 10-K
Ω pullup if set HIGH
IDx
12
I, Analog
I2C Address Select
External pullup to VDD33 is required under all conditions. DO NOT FLOAT.
Connect to external pullup to VDD33 and pulldown to GND to create a voltage divider.
See Table 7
LFMODE
32
I, LVCMOS
with pulldown
Low Frequency Mode Select
LFMODE = 0, 15-MHz
≤ TxCLKOUT ≤ 96-MHz (Default)
LFMODE = 1, 5-MHz
≤ TxCLKOUT < 15-MHz
Requires a 10-K
Ω pullup if set HIGH
MAPSEL
26
I, LVCMOS
with pulldown
FPD-Link (OpenLDI) Output Map Select
MAPSEL = 0, LSBs on TxOUT3± (Default)
MAPSEL = 1, MSBs on TxOUT3±
Requires a 10-K
Ω pullup if set HIGH
MODE_SEL
48
I, Analog
Device Configuration Select
Configures Backwards Compatibility (BKWD), Repeater (REPEAT), I2S 4 channel (I2S_B),
and Long Cable (LCBL) modes
Connect to external pullup to VDD33 and pulldown to GND resistors to create a voltage
divider. DO NOT FLOAT
See Table 6
OEN
30
I, LVCMOS
with pulldown
Output Enable
Requires a 10-K
Ω pullup if set HIGH
See Table 5
OSS_SEL
35
I, LVCMOS
with pulldown
Output Sleep State Select
Requires a 10 K
Ω pullup if set HIGH
See Table 5
PDB
1
I, LVCMOS
Power-down Mode Input Pin
Must be driven or pulled up to VDD33. Refer to Power Up Requirements and PDB PinPower
Up Requirements and PDB Pin in Application and Implementation.
PDB = H, device is enabled (normal operation)
PDB = L, device is powered down
When the device is in the powered down state, the LVDS and LVCMOS outputs are tri-state,
the PLL is shutdown, and IDD is minimized. Control Registers are RESET.
SCL
5
I/O, Open
Drain
I2C Clock Input/Output Interface
Must have an external pullup to VDD33. DO NOT FLOAT
Recommended pullup: 4.7 K
Ω
SDA
4
I/O, Open
Drain
I2C Data Input/Output Interface
Must have an external pullup to VDD33. DO NOT FLOAT
Recommended pullup: 4.7 k
Ω


Similar Part No. - DS90UB924TRHSTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UB921-Q1 TI1-DS90UB921-Q1 Datasheet
2Mb / 57P
[Old version datasheet]   5 - 96 MHz 24-bit Color FPD-Link III Serializer with Bidirectional Control Channel
DS90UB921TRHSRQ1 TI1-DS90UB921TRHSRQ1 Datasheet
2Mb / 57P
[Old version datasheet]   5 - 96 MHz 24-bit Color FPD-Link III Serializer with Bidirectional Control Channel
DS90UB921TRHSTQ1 TI1-DS90UB921TRHSTQ1 Datasheet
2Mb / 57P
[Old version datasheet]   5 - 96 MHz 24-bit Color FPD-Link III Serializer with Bidirectional Control Channel
DS90UB925Q TI1-DS90UB925Q Datasheet
699Kb / 41P
[Old version datasheet]   5 - 85 MHz 24-bit Color FPD-Link III Serializer with Bidirectional Control Channel
DS90UB925Q-Q1 TI1-DS90UB925Q-Q1 Datasheet
1Mb / 51P
[Old version datasheet]   5 to 85 MHz 24-Bit Color FPD-Link III Serializer With Bidirectional Control Channel
More results

Similar Description - DS90UB924TRHSTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UB928Q-Q1 TI1-DS90UB928Q-Q1 Datasheet
1Mb / 69P
[Old version datasheet]   5 MHz to 85 MHz 24-bit Color FPD-Link III to FPD-Link Deserializer With Bidirectional Control Channel
DS90UB926Q-Q1 TI1-DS90UB926Q-Q1 Datasheet
1Mb / 57P
[Old version datasheet]   5- to 85-MHz 24-Bit Color FPD-Link III Deserializer With Bidirectional Control Channel
DS90UB926Q TI1-DS90UB926Q Datasheet
1Mb / 57P
[Old version datasheet]   5 - 85 MHz 24-bit Color FPD-Link III Deserializer with Bidirectional Control Channel
DS90UB921-Q1 TI1-DS90UB921-Q1 Datasheet
2Mb / 57P
[Old version datasheet]   5 - 96 MHz 24-bit Color FPD-Link III Serializer with Bidirectional Control Channel
DS90UH928Q-Q1 TI1-DS90UH928Q-Q1 Datasheet
1Mb / 69P
[Old version datasheet]   5 MHz to 85 MHz 24-bit Color FPD-Link III to FPD-Link Deserializer With HDCP
DS90UB925Q-Q1 TI1-DS90UB925Q-Q1 Datasheet
1Mb / 51P
[Old version datasheet]   5 to 85 MHz 24-Bit Color FPD-Link III Serializer With Bidirectional Control Channel
DS90UB948-Q1 TI1-DS90UB948-Q1_16 Datasheet
1Mb / 88P
[Old version datasheet]   FPD-Link III to OpenLDI Deserializer
DS90UH948-Q1 TI1-DS90UH948-Q1 Datasheet
1Mb / 91P
[Old version datasheet]   FPD-Link III to OpenLDI Deserializer
DS90UB925Q TI1-DS90UB925Q Datasheet
699Kb / 41P
[Old version datasheet]   5 - 85 MHz 24-bit Color FPD-Link III Serializer with Bidirectional Control Channel
DS90UH927Q-Q1 TI1-DS90UH927Q-Q1 Datasheet
1Mb / 68P
[Old version datasheet]   5-MHz to 85-MHz 24-Bit Color FPD-Link III Serializer with HDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com