Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90UB924TRHSRQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DS90UB924TRHSRQ1
Description  5-MHz to 96-MHz 24-bit Color FPD-Link III to OpenLDI Deserializer With Bidirectional Control Channel
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90UB924TRHSRQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DS90UB924TRHSRQ1 Datasheet HTML 2Page - Texas Instruments DS90UB924TRHSRQ1 Datasheet HTML 3Page - Texas Instruments DS90UB924TRHSRQ1 Datasheet HTML 4Page - Texas Instruments DS90UB924TRHSRQ1 Datasheet HTML 5Page - Texas Instruments DS90UB924TRHSRQ1 Datasheet HTML 6Page - Texas Instruments DS90UB924TRHSRQ1 Datasheet HTML 7Page - Texas Instruments DS90UB924TRHSRQ1 Datasheet HTML 8Page - Texas Instruments DS90UB924TRHSRQ1 Datasheet HTML 9Page - Texas Instruments DS90UB924TRHSRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 62 page
background image
6
DS90UB924-Q1
SNLS512 – APRIL 2016
www.ti.com
Product Folder Links: DS90UB924-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
For soldering specifications, see product folder at www.ti.com and Absolute Maximum Ratings for Soldering SNOA549.
(3)
The DS90UB924-Q1 VDD33 and VDDIO voltages require a specific ramp rate during power up. The power supply ramp time must be less
than 1.5 ms with a monotonic rise.
6 Specifications
6.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless othewise noted)
(1) (2)
MIN
MAX
UNIT
Supply voltage – VDD33
(3)
−0.3
4
V
Supply voltage – VDDIO
(3)
−0.3
4
V
LVCMOS I/O voltage
−0.3
(VDDIO +
0.3)
V
Deserializer input voltage
−0.3
2.75
V
Junction temperature
150
°C
Storage temperature, Tstg
−65
150
°C
(1)
AEC Q100-002 indicates HBM stressing is done in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human body model (HBM), per AEC Q100-002, all pins (1)
±8000
V
Charged device model (CDM), per AEC Q100-011, all pins
±1250
V
Machine model (MM)
±250
V
(IEC, powered-up only)
RD = 330 Ω, CS = 150 pF
Air Discharge (Pins 40, 41, 44, and 45)
±15000
V
Contact Discharge (Pins 40, 41, 44, and 45)
±8000
V
(ISO10605)
RD = 330 Ω, CS = 150 pF
Air Discharge (Pins 40, 41, 44, and 45)
±15000
V
Contact Discharge (Pins 40, 41, 44, and 45)
±8000
V
(ISO10605)
RD = 2 kΩ, CS = 150 pF or
330 pF
Air Discharge (Pins 40, 41, 44, and 45)
±15000
V
Contact Discharge (Pins 40, 41, 44, and 45)
±8000
V
(1)
The DS90UB924-Q1 VDD33 and VDDIO voltages require a specific ramp rate during power up. The power supply ramp time must be less
than 1.5 ms with a monotonic rise.
(2)
VDDIO must not exceed VDD33 by more than 300 mV (VDDIO < VDD33 + 0.3 V).
(3)
Supply noise testing was done with minimum capacitors on the PCB. A sinusoidal signal is AC-coupled to the VDD33 and VDDIO supplies
with amplitude >100 mVp-p measured at the device VDD33 and VDDIO pins. Bit error rate testing of input to the Ser and output of the
Des shows no error when the noise frequency on the Ser is less than 50 MHz. The Des on the other hand shows no error when the
noise frequency is less than 50 MHz.
6.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
Supply Voltage (VDD33)
(1)
3
3.3
3.6
V
LVCMOS Supply Voltage (VDDIO)
(1) (2)
Connect VDDIO to 3.3 V and use 3.3-V IOs
3
3.3
3.6
V
Connect VDDIO to 1.8 V and use 1.8-V IOs
1.71
1.8
1.89
V
Operating Free Air
Temperature (TA)
−40
25
105
°C
PCLK Frequency (out of TxCLKOUT±)
5
96
MHz
Supply Noise (3)
100 mVP-P


Similar Part No. - DS90UB924TRHSRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UB921-Q1 TI1-DS90UB921-Q1 Datasheet
2Mb / 57P
[Old version datasheet]   5 - 96 MHz 24-bit Color FPD-Link III Serializer with Bidirectional Control Channel
DS90UB921TRHSRQ1 TI1-DS90UB921TRHSRQ1 Datasheet
2Mb / 57P
[Old version datasheet]   5 - 96 MHz 24-bit Color FPD-Link III Serializer with Bidirectional Control Channel
DS90UB921TRHSTQ1 TI1-DS90UB921TRHSTQ1 Datasheet
2Mb / 57P
[Old version datasheet]   5 - 96 MHz 24-bit Color FPD-Link III Serializer with Bidirectional Control Channel
DS90UB925Q TI1-DS90UB925Q Datasheet
699Kb / 41P
[Old version datasheet]   5 - 85 MHz 24-bit Color FPD-Link III Serializer with Bidirectional Control Channel
DS90UB925Q-Q1 TI1-DS90UB925Q-Q1 Datasheet
1Mb / 51P
[Old version datasheet]   5 to 85 MHz 24-Bit Color FPD-Link III Serializer With Bidirectional Control Channel
More results

Similar Description - DS90UB924TRHSRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UB928Q-Q1 TI1-DS90UB928Q-Q1 Datasheet
1Mb / 69P
[Old version datasheet]   5 MHz to 85 MHz 24-bit Color FPD-Link III to FPD-Link Deserializer With Bidirectional Control Channel
DS90UB926Q-Q1 TI1-DS90UB926Q-Q1 Datasheet
1Mb / 57P
[Old version datasheet]   5- to 85-MHz 24-Bit Color FPD-Link III Deserializer With Bidirectional Control Channel
DS90UB926Q TI1-DS90UB926Q Datasheet
1Mb / 57P
[Old version datasheet]   5 - 85 MHz 24-bit Color FPD-Link III Deserializer with Bidirectional Control Channel
DS90UB921-Q1 TI1-DS90UB921-Q1 Datasheet
2Mb / 57P
[Old version datasheet]   5 - 96 MHz 24-bit Color FPD-Link III Serializer with Bidirectional Control Channel
DS90UH928Q-Q1 TI1-DS90UH928Q-Q1 Datasheet
1Mb / 69P
[Old version datasheet]   5 MHz to 85 MHz 24-bit Color FPD-Link III to FPD-Link Deserializer With HDCP
DS90UB925Q-Q1 TI1-DS90UB925Q-Q1 Datasheet
1Mb / 51P
[Old version datasheet]   5 to 85 MHz 24-Bit Color FPD-Link III Serializer With Bidirectional Control Channel
DS90UB948-Q1 TI1-DS90UB948-Q1_16 Datasheet
1Mb / 88P
[Old version datasheet]   FPD-Link III to OpenLDI Deserializer
DS90UH948-Q1 TI1-DS90UH948-Q1 Datasheet
1Mb / 91P
[Old version datasheet]   FPD-Link III to OpenLDI Deserializer
DS90UB925Q TI1-DS90UB925Q Datasheet
699Kb / 41P
[Old version datasheet]   5 - 85 MHz 24-bit Color FPD-Link III Serializer with Bidirectional Control Channel
DS90UH927Q-Q1 TI1-DS90UH927Q-Q1 Datasheet
1Mb / 68P
[Old version datasheet]   5-MHz to 85-MHz 24-Bit Color FPD-Link III Serializer with HDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com