Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90UB921-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DS90UB921-Q1
Description  5 - 96 MHz 24-bit Color FPD-Link III Serializer with Bidirectional Control Channel
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90UB921-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DS90UB921-Q1 Datasheet HTML 3Page - Texas Instruments DS90UB921-Q1 Datasheet HTML 4Page - Texas Instruments DS90UB921-Q1 Datasheet HTML 5Page - Texas Instruments DS90UB921-Q1 Datasheet HTML 6Page - Texas Instruments DS90UB921-Q1 Datasheet HTML 7Page - Texas Instruments DS90UB921-Q1 Datasheet HTML 8Page - Texas Instruments DS90UB921-Q1 Datasheet HTML 9Page - Texas Instruments DS90UB921-Q1 Datasheet HTML 10Page - Texas Instruments DS90UB921-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 57 page
background image
7
DS90UB921-Q1
www.ti.com
SNLS488 – MARCH 2016
Product Folder Links: DS90UB921-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.5 Thermal Information
THERMAL METRIC(1)
DS90UB921-Q1
UNIT
RHS (WQFN)
48 PINS
RθJA
Junction-to-ambient thermal resistance
29
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
11.7
RθJB
Junction-to-board thermal resistance
5.0
ψJT
Junction-to-top characterization parameter
0.1
ψJB
Junction-to-board characterization parameter
6.0
RθJC(bot)
Junction-to-case (bottom) thermal resistance
1.7
(1)
The Electrical Characteristics tables list ensured specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics conditions and/or Notes. Typical specifications are estimations only and
are not ensured.
(2)
Typical values represent most likely parametric norms at nominal conditions at the time of product characterization and are not ensured.
(3)
Current into device pins is defined as positive. Current out of a device pin is defined as negative. Voltages are referenced to ground
except VOD and ΔVOD, which are differential voltages.
6.6 DC Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
(1) (2) (3)
PARAMETER
TEST CONDITIONS
PIN/FREQ.
MIN
TYP
MAX
UNIT
LVCMOS I/O DC SPECIFICATIONS
VIH
High-level input voltage VDDIO = 3 V to 3.6 V
PDB
2
VDDIO
V
VIL
Low-level input voltage
VDDIO = 3 V to 3.6 V
GND
0.8
V
IIN
Input current
VIN = 0 V or
VIN = VDDIO (3 V to 3.6 V)
–10
±1
10
µA
VIH
High-level input voltage
VDDIO = 3 V to 3.6 V
DIN[23:0], HS,
VS, DE, PCLK,
I2S_CLK,
I2S_WC,
I2S_DA
2
VDDIO
V
VDDIO = 1.71 V to 1.89 V
0.65 ×
VDDIO
VDDIO
V
VIL
Low-level input voltage
VDDIO = 3 V to 3.6 V
GND
0.8
V
VDDIO = 1.71 V to 1.89 V
GND
0.35 ×
VDDIO
V
IIN
Input current
VIN = 0 V or
VIN = VDDIO
VDDIO = 3 V to
3.6 V
–10
±1
10
µA
VDDIO = 1.71 V
to 1.89 V
–10
±1
10
µA
VOH
High-level output
voltage
IOH = –4 mA
VDDIO = 3 V to
3.6 V
GPIO[3:0],
GPO_REG[7:4],
REM_INTB
2.4
VDDIO
V
VDDIO = 1.71 V
to 1.89 V
VDDIO –
0.45
VDDIO
V
VOL
Low-level output
voltage
IOH = 4 mA
VDDIO = 3 V to
3.6 V
GND
0.4
V
VDDIO = 1.71 V
to 1.89 V
GND
0.35
V
IOS
Output short-circuit
current
VOUT = 0 V
–50
mA
IOZ
TRI-STATE output
current
VOUT = 0 V or
VOUT = VDDIO
PDB = L
–10
10
µA


Similar Part No. - DS90UB921-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UB924-Q1 TI1-DS90UB924-Q1 Datasheet
898Kb / 62P
[Old version datasheet]   5-MHz to 96-MHz 24-bit Color FPD-Link III to OpenLDI Deserializer With Bidirectional Control Channel
DS90UB924TRHSRQ1 TI1-DS90UB924TRHSRQ1 Datasheet
898Kb / 62P
[Old version datasheet]   5-MHz to 96-MHz 24-bit Color FPD-Link III to OpenLDI Deserializer With Bidirectional Control Channel
DS90UB924TRHSTQ1 TI1-DS90UB924TRHSTQ1 Datasheet
898Kb / 62P
[Old version datasheet]   5-MHz to 96-MHz 24-bit Color FPD-Link III to OpenLDI Deserializer With Bidirectional Control Channel
DS90UB925Q TI1-DS90UB925Q Datasheet
699Kb / 41P
[Old version datasheet]   5 - 85 MHz 24-bit Color FPD-Link III Serializer with Bidirectional Control Channel
DS90UB925Q-Q1 TI1-DS90UB925Q-Q1 Datasheet
1Mb / 51P
[Old version datasheet]   5 to 85 MHz 24-Bit Color FPD-Link III Serializer With Bidirectional Control Channel
More results

Similar Description - DS90UB921-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UB925Q TI1-DS90UB925Q Datasheet
699Kb / 41P
[Old version datasheet]   5 - 85 MHz 24-bit Color FPD-Link III Serializer with Bidirectional Control Channel
DS90UB925Q-Q1 TI1-DS90UB925Q-Q1 Datasheet
1Mb / 51P
[Old version datasheet]   5 to 85 MHz 24-Bit Color FPD-Link III Serializer With Bidirectional Control Channel
DS90UB927-Q1 TI-DS90UB927-Q1 Datasheet
1Mb / 56P
[Old version datasheet]   5MHz - 85MHz 24-bit Color FPD-Link III Serializer with Bidirectional Control Channel
DS90UB924-Q1 TI1-DS90UB924-Q1 Datasheet
898Kb / 62P
[Old version datasheet]   5-MHz to 96-MHz 24-bit Color FPD-Link III to OpenLDI Deserializer With Bidirectional Control Channel
DS90UB926Q TI1-DS90UB926Q Datasheet
1Mb / 57P
[Old version datasheet]   5 - 85 MHz 24-bit Color FPD-Link III Deserializer with Bidirectional Control Channel
DS90UB928Q-Q1 TI1-DS90UB928Q-Q1 Datasheet
1Mb / 69P
[Old version datasheet]   5 MHz to 85 MHz 24-bit Color FPD-Link III to FPD-Link Deserializer With Bidirectional Control Channel
DS90UB926Q-Q1 TI1-DS90UB926Q-Q1 Datasheet
1Mb / 57P
[Old version datasheet]   5- to 85-MHz 24-Bit Color FPD-Link III Deserializer With Bidirectional Control Channel
DS90UH927Q-Q1 TI1-DS90UH927Q-Q1 Datasheet
1Mb / 68P
[Old version datasheet]   5-MHz to 85-MHz 24-Bit Color FPD-Link III Serializer with HDCP
DS90UH925AQ-Q1 TI1-DS90UH925AQ-Q1 Datasheet
1Mb / 56P
[Old version datasheet]   720p 24-bit Color FPD-Link III Serializer with HDCP
DS90UH925Q TI1-DS90UH925Q Datasheet
822Kb / 47P
[Old version datasheet]   720p 24-bit Color FPD-Link III Serializer with HDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com