Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90UB901Q Datasheet(PDF) 9 Page - Texas Instruments

Part # DS90UB901Q
Description  10 - 43MHz 14 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90UB901Q Datasheet(HTML) 9 Page - Texas Instruments

Back Button DS90UB901Q Datasheet HTML 5Page - Texas Instruments DS90UB901Q Datasheet HTML 6Page - Texas Instruments DS90UB901Q Datasheet HTML 7Page - Texas Instruments DS90UB901Q Datasheet HTML 8Page - Texas Instruments DS90UB901Q Datasheet HTML 9Page - Texas Instruments DS90UB901Q Datasheet HTML 10Page - Texas Instruments DS90UB901Q Datasheet HTML 11Page - Texas Instruments DS90UB901Q Datasheet HTML 12Page - Texas Instruments DS90UB901Q Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
DS90UB901Q, DS90UB902Q
www.ti.com
SNLS322E – JUNE 2010 – REVISED APRIL 2013
Electrical Characteristics
(1)(2)(3)
(continued)
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIN
Differential Input Voltage
RIN+ - RIN-
180
mV
Range
IIN
Input Current
VIN = VDD or 0V, VDD = 1.89V
-20
±1
+20
µA
RT
Differential Internal
Differential across RIN+ and RIN-
80
100
120
Termination Resistance
SER/DES SUPPLY CURRENT *DIGITAL, PLL, AND ANALOG VDD
IDDT
RT = 100Ω
WORST CASE pattern
62
90
Serializer (Tx)
VDDn = 1.89V
(Figure 5)
VDDn Supply Current
PCLK = 43 MHz
mA
RT = 100Ω
(includes load current)
Default Registers
RANDOM PRBS-7
55
pattern
IDDIOT
VDDIO = 1.89V
PCLK = 43 MHz
2
5
Serializer (Tx)
RT = 100Ω
Default Registers
VDDIO Supply Current
WORST CASE pattern
mA
VDDIO = 3.6V
(includes load current)
(Figure 5)
PCLK = 43 MHz
7
15
Default Registers
IDDTZ
VDDn = 1.89V
370
775
Serializer (Tx) Supply
PDB = 0V; All other
IDDIOTZ
VDDIO = 1.89V
55
125
µA
Current Power-down
LVCMOS Inputs = 0V
VDDIO = 3.6V
65
135
IDDR
VDDn = 1.89V, CL = 8 pF
PCLK = 43 MHz
WORST CASE Pattern,
SSCG[3:0] = ON
60
96
Deserializer (Rx) VDDn
(Figure 5)
Default Registers
Supply Current (includes
VDDn = 1.89V, CL = 8 pF
load current)
PCLK = 43 MHz
RANDOM PRBS-7
53
Default Registers
Pattern
mA
IDDIOR
VDDIO = 1.89V, CL = 8 pF
PCLK = 43 MHz
WORST CASE Pattern,
16
25
Deserializer (Rx) VDDIO
Default Registers
(Figure 5)
Supply Current (includes
load current)
VDDIO = 3.6V, CL = 8 pF
PCLK = 43 MHz
38
64
WORST CASE Pattern
Default Registers
IDDRZ
VDDn = 1.89V
42
400
Deserializer (Rx) Supply
PDB = 0V; All other
IDDIORZ
VDDIO = 1.89V
8
40
µA
Current Power-down
LVCMOS Inputs = 0V
VDDIO = 3.6V
350
800
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: DS90UB901Q DS90UB902Q


Similar Part No. - DS90UB901Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UB901Q TI1-DS90UB901Q Datasheet
1Mb / 45P
[Old version datasheet]   10 - 43MHz 14 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB901QSQ TI1-DS90UB901QSQ Datasheet
1Mb / 45P
[Old version datasheet]   10 - 43MHz 14 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB901QSQE TI1-DS90UB901QSQE Datasheet
1Mb / 45P
[Old version datasheet]   10 - 43MHz 14 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB901QSQX TI1-DS90UB901QSQX Datasheet
1Mb / 45P
[Old version datasheet]   10 - 43MHz 14 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
More results

Similar Description - DS90UB901Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UB901Q TI1-DS90UB901Q Datasheet
1Mb / 45P
[Old version datasheet]   10 - 43MHz 14 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB903Q TI1-DS90UB903Q_15 Datasheet
1Mb / 47P
[Old version datasheet]   10 - 43MHz 18 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB903Q TI1-DS90UB903Q Datasheet
661Kb / 41P
[Old version datasheet]   10 - 43MHz 18 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB903QSQ TI-DS90UB903QSQ Datasheet
1,022Kb / 45P
[Old version datasheet]   DS90UB903Q/DS90UB904Q 10 - 43MHz 18 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB903QSQ TI1-DS90UB903QSQ Datasheet
1Mb / 45P
[Old version datasheet]   DS90UB903Q/DS90UB904Q 10 - 43MHz 18 Bit Color FPD-Link III Serializer and Deserializer
DS90UR903Q-Q1 TI1-DS90UR903Q-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   10 - 43MHz 18 Bit Color FPD-Link II Serializer and Deserializer
DS90UR903Q TI1-DS90UR903Q Datasheet
616Kb / 34P
[Old version datasheet]   DS90UR903Q/DS90UR904Q 10 - 43MHz 18 Bit Color FPD-Link II Serializer and Deserializer
DS90UB927-Q1 TI-DS90UB927-Q1 Datasheet
1Mb / 56P
[Old version datasheet]   5MHz - 85MHz 24-bit Color FPD-Link III Serializer with Bidirectional Control Channel
DS90UB913Q-Q1 TI1-DS90UB913Q-Q1 Datasheet
1Mb / 70P
[Old version datasheet]   10- to 100-MHz, 10- and 12-Bit DC-Balanced FPD-Link III Serializer and Deserializer With Bidirectional Control Channel
logo
TEXAS ADVANCED OPTOELEC...
DS90UB913Q TAOS-DS90UB913Q_13 Datasheet
1Mb / 63P
   DS90UB913Q/DS90UB914Q 10-100MHz 10/12- Bit DC-Balanced FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com