Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90LV110TMTC Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DS90LV110TMTC
Description  1 to 10 LVDS Data/Clock Distributor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90LV110TMTC Datasheet(HTML) 4 Page - Texas Instruments

  DS90LV110TMTC Datasheet HTML 1Page - Texas Instruments DS90LV110TMTC Datasheet HTML 2Page - Texas Instruments DS90LV110TMTC Datasheet HTML 3Page - Texas Instruments DS90LV110TMTC Datasheet HTML 4Page - Texas Instruments DS90LV110TMTC Datasheet HTML 5Page - Texas Instruments DS90LV110TMTC Datasheet HTML 6Page - Texas Instruments DS90LV110TMTC Datasheet HTML 7Page - Texas Instruments DS90LV110TMTC Datasheet HTML 8Page - Texas Instruments DS90LV110TMTC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
DS90LV110T
SNOS522I – JANUARY 2001 – REVISED APRIL 2013
www.ti.com
AC Electrical Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
TLHT
Output Low-to-High Transition Time, 20% to 80%, Figure 5 (1)
390
550
ps
THLT
Output High-to-Low Transition Time, 80% to 20%, Figure 5 (1)
390
550
ps
TDJ
LVDS Data Jitter, Deterministic (Peak-to-
VID = 300mV; PRBS=2
23-1 data;
145
ps
Peak)(2)
VCM = 1.2V at 800 Mbps (NRZ)
TRJ
LVDS Clock Jitter, Random (2)
VID = 300mV;
2.8
ps
VCM = 1.2V at 400 MHz clock
TPLHD
Propagation Low to High Delay, Figure 6
2.2
2.8
3.6
ns
TPHLD
Propagation High to Low Delay, Figure 6
2.2
2.8
3.6
ns
TSKEW
Pulse Skew |TPLHD - TPHLD|
(1)
20
340
ps
TCCS
Output Channel-to-Channel Skew, Figure 7 (1)
35
91
ps
TPHZ
Disable Time (Active to TRI-STATE) High to Z, Figure 2
3.0
6.0
ns
TPLZ
Disable Time (Active to TRI-STATE) Low to Z, Figure 2
1.8
6.0
ns
TPZH
Enable Time (TRI-STATE to Active) Z to High, Figure 2
10.0
23.0
ns
TPZL
Enable Time (TRI-STATE to Active) Z to Low, Figure 2
7.0
23.0
ns
(1)
The parameters are specified by design. The limits are based on statistical analysis of the device performance over PVT (process,
voltage and temperature) range.
(2)
The measurement used the following equipment and test setup: HP8133A pattern/pulse generator), 5 feet of RG-142 cable with DUT
test board and HP83480A (digital scope mainframe) with HP83484A (50GHz scope module). The HP8133A with the RG-142 cable
exhibit a TDJ = 26ps and TRJ = 1.3 ps
AC TIMING DIAGRAMS
Figure 2. Output active to TRI-STATE and TRI-STATE to active output time
4
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: DS90LV110T


Similar Part No. - DS90LV110TMTC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV110TMTC NSC-DS90LV110TMTC Datasheet
468Kb / 9P
   1 to 10 LVDS Data/Clock Distributor
DS90LV110TMTC NSC-DS90LV110TMTC Datasheet
1Mb / 12P
   1 to 10 LVDS Data/Clock Distributor
More results

Similar Description - DS90LV110TMTC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV110T NSC-DS90LV110T_07 Datasheet
1Mb / 12P
   1 to 10 LVDS Data/Clock Distributor
DS90LV110T NSC-DS90LV110T Datasheet
468Kb / 9P
   1 to 10 LVDS Data/Clock Distributor
DS90LV110AT NSC-DS90LV110AT_08 Datasheet
1Mb / 12P
   1 to 10 LVDS Data/Clock Distributor with Failsafe
DS90LV110AT NSC-DS90LV110AT Datasheet
391Kb / 9P
   1 to 10 LVDS Data/Clock Distributor with Failsafe
logo
Texas Instruments
DS90LV110AT TI1-DS90LV110AT_14 Datasheet
1Mb / 17P
[Old version datasheet]   1 to 10 LVDS Data/Clock Distributor with Failsafe
logo
National Semiconductor ...
DS90LV110AT NSC-DS90LV110AT_07 Datasheet
1Mb / 12P
   1 to 10 LVDS Data/Clock Distributor with Failsafe
logo
Semtech Corporation
SK2111 SEMTECH-SK2111 Datasheet
400Kb / 6P
   1:10 DIFFERENTIAL LVDS CLOCK DRIVER
logo
NXP Semiconductors
PTN2111 PHILIPS-PTN2111 Datasheet
64Kb / 8P
   1:10 LVDS clock distribution device
2001 Jun 19
logo
Rohm
BU90RT102 ROHM-BU90RT102 Datasheet
417Kb / 19P
   70bit LVDS Distributor
logo
National Semiconductor ...
DS99R421 NSC-DS99R421_08 Datasheet
1,015Kb / 18P
   5-43 MHz FPD-Link LVDS (3 Data 1 Clock) to Single Embedded Clock DC-Balanced LVDS Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com