Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90LV049HMT Datasheet(PDF) 10 Page - Texas Instruments

Part # DS90LV049HMT
Description  High Temperature 3V LVDS Dual Line Driver and Receiver Pair
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90LV049HMT Datasheet(HTML) 10 Page - Texas Instruments

Back Button DS90LV049HMT Datasheet HTML 6Page - Texas Instruments DS90LV049HMT Datasheet HTML 7Page - Texas Instruments DS90LV049HMT Datasheet HTML 8Page - Texas Instruments DS90LV049HMT Datasheet HTML 9Page - Texas Instruments DS90LV049HMT Datasheet HTML 10Page - Texas Instruments DS90LV049HMT Datasheet HTML 11Page - Texas Instruments DS90LV049HMT Datasheet HTML 12Page - Texas Instruments DS90LV049HMT Datasheet HTML 13Page - Texas Instruments DS90LV049HMT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
NRND
DS90LV049H
SNLS200A – SEPTEMBER 2005 – REVISED APRIL 2013
www.ti.com
APPLICATION INFORMATION
General application guidelines and hints for LVDS drivers and receivers may be found in the following application
notes: LVDS Owner's Manual (lit #550062-003), AN-808 (SNLA028), AN-977 (SNLA166), AN-971 (SNLA165),
AN-916 (SNLA219), AN-805 (SNOA233), AN-903 (SNLA034).
LVDS drivers and receivers are intended to be primarily used in an uncomplicated point-to-point configuration as
is shown in Figure 10. This configuration provides a clean signaling environment for the fast edge rates of the
drivers. The receiver is connected to the driver through a balanced media which may be a standard twisted pair
cable, a parallel pair cable, or simply PCB traces. Typically, the characteristic differential impedance of the media
is in the range of 100
Ω. A termination resistor of 100 Ω (selected to match the media), and is located as close to
the receiver input pins as possible. The termination resistor converts the driver output current (current mode) into
a voltage that is detected by the receiver. Other configurations are possible such as a multi-receiver
configuration, but the effects of a mid-stream connector(s), cable stub(s), and other impedance discontinuities as
well as ground shifting, noise margin limits, and total termination loading must be taken into account.
The TRI-STATE function allows the device outputs to be disabled, thus obtaining an even lower power state
when the transmission of data is not required.
The DS90LV049H has a flow-through pinout that allows for easy PCB layout. The LVDS signals on one side of
the device easily allows for matching electrical lengths of the differential pair trace lines between the driver and
the receiver as well as allowing the trace lines to be close together to couple noise as common-mode. Noise
isolation is achieved with the LVDS signals on one side of the device and the TTL signals on the other side.
POWER DECOUPLING RECOMMENDATIONS
Bypass capacitors must be used on power pins. Use high frequency ceramic (surface mount is recommended)
0.1
μF and 0.001 μF capacitors in parallel at the power supply pin with the smallest value capacitor closest to the
device supply pin. Additional scattered capacitors over the printed circuit board will improve decoupling. Multiple
vias should be used to connect the decoupling capacitors to the power planes. A 10
μF (35 V) or greater solid
tantalum capacitor should be connected at the power entry point on the printed circuit board between the supply
and ground.
PC BOARD CONSIDERATIONS
Use at least 4 PCB layers (top to bottom); LVDS signals, ground, power, TTL signals.
Isolate TTL signals from LVDS signals, otherwise the TTL may couple onto the LVDS lines. It is best to put TTL
and LVDS signals on different layers which are isolated by a power/ground plane(s).
Keep drivers and receivers as close to the (LVDS port side) connectors as possible.
DIFFERENTIAL TRACES
Use controlled impedance traces which match the differential impedance of your transmission medium (that is,
cable) and termination resistor. Run the differential pair trace lines as close together as possible as soon as they
leave the IC (stubs should be < 10 mm long). This will help eliminate reflections and ensure noise is coupled as
common-mode. In fact, we have seen that differential signals which are 1 mm apart radiate far less noise than
traces 3 mm apart since magnetic field cancellation is much better with the closer traces. In addition, noise
induced on the differential lines is much more likely to appear as common-mode which is rejected by the
receiver.
Match electrical lengths between traces to reduce skew. Skew between the signals of a pair means a phase
difference between signals which destroys the magnetic field cancellation benefits of differential signals and EMI
will result. (Note the velocity of propagation, v = c/Er where c (the speed of light) = 0.2997 mm/ps or 0.0118
in/ps). Do not rely solely on the autoroute function for differential traces. Carefully review dimensions to match
differential impedance and provide isolation for the differential lines. Minimize the number or vias and other
discontinuities on the line.
Avoid 90° turns (these cause impedance discontinuities). Use arcs or 45° bevels.
Within a pair of traces, the distance between the two traces should be minimized to maintain common-mode
rejection of the receivers. On the printed circuit board, this distance should remain constant to avoid
discontinuities in differential impedance. Minor violations at connection points are allowable.
10
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: DS90LV049H


Similar Part No. - DS90LV049HMT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV049HMT NSC-DS90LV049HMT Datasheet
614Kb / 10P
   High Temperature 3V LVDS Dual Line Driver and Receiver Pair
DS90LV049HMTX NSC-DS90LV049HMTX Datasheet
614Kb / 10P
   High Temperature 3V LVDS Dual Line Driver and Receiver Pair
More results

Similar Description - DS90LV049HMT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV049H NSC-DS90LV049H Datasheet
614Kb / 10P
   High Temperature 3V LVDS Dual Line Driver and Receiver Pair
logo
Texas Instruments
DS90LV028AH TI1-DS90LV028AH_13 Datasheet
974Kb / 16P
[Old version datasheet]   High Temperature 3V LVDS Dual Differential Line Receiver
logo
National Semiconductor ...
DS90LV028AH NSC-DS90LV028AH Datasheet
648Kb / 8P
   High Temperature 3V LVDS Dual Differential Line Receiver
logo
Texas Instruments
DS90LV049Q TI1-DS90LV049Q_15 Datasheet
949Kb / 17P
[Old version datasheet]   Automotive LVDS Dual Line Driver and Receiver Pair
logo
National Semiconductor ...
DS90LV049 NSC-DS90LV049 Datasheet
230Kb / 10P
   3V LVDS Dual Line Driver with Dual Line Receiver
logo
Texas Instruments
DS90LV049 TI1-DS90LV049_15 Datasheet
964Kb / 19P
[Old version datasheet]   3V LVDS Dual Line Driver with Dual Line Receiver
DS90LT012AH TI1-DS90LT012AH_15 Datasheet
779Kb / 16P
[Old version datasheet]   High Temperature 3V LVDS Differential Line Receiver
logo
National Semiconductor ...
DS90LT012AH NSC-DS90LT012AH Datasheet
500Kb / 7P
   High Temperature 3V LVDS Differential Line Receiver
logo
Texas Instruments
DS90LV049Q TI1-DS90LV049Q Datasheet
288Kb / 14P
[Old version datasheet]   DS90LV049Q Automotive LVDS Dual Line Driver and Receiver Pair
logo
National Semiconductor ...
DS90LV028A NSC-DS90LV028A_05 Datasheet
727Kb / 10P
   3V LVDS Dual CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com