Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9865201QFA Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-9865201QFA
Description  3V LVDS Quad CMOS Differential Line Receiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-9865201QFA Datasheet(HTML) 1 Page - Texas Instruments

  5962-9865201QFA Datasheet HTML 1Page - Texas Instruments 5962-9865201QFA Datasheet HTML 2Page - Texas Instruments 5962-9865201QFA Datasheet HTML 3Page - Texas Instruments 5962-9865201QFA Datasheet HTML 4Page - Texas Instruments 5962-9865201QFA Datasheet HTML 5Page - Texas Instruments 5962-9865201QFA Datasheet HTML 6Page - Texas Instruments 5962-9865201QFA Datasheet HTML 7Page - Texas Instruments 5962-9865201QFA Datasheet HTML 8Page - Texas Instruments 5962-9865201QFA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DS90LV032AQML
www.ti.com
SNLS205A – NOVEMBER 2011 – REVISED APRIL 2013
DS90LV032AQML 3V LVDS Quad CMOS Differential Line Receiver
Check for Samples: DS90LV032AQML
1
FEATURES
DESCRIPTION
The DS90LV032A is a quad CMOS differential line
23
Low chip to chip skew
receiver designed for applications requiring ultra low
Low differential skew
power dissipation and high data rates.
High impedance LVDS inputs with power-off
The DS90LV032A accepts low voltage (350 mV
Low power dissipation
typical) differential input signals and translates them
Accepts small swing (330 mV) differential
to 3V CMOS output levels. The receiver supports a
TRI-STATE® function that may be used to multiplex
signal levels.
outputs.
Compatible with ANSI/TIA/EIA-644
The DS90LV032A and companion LVDS line driver
Operating temperature range (-55°C to +85°C)
(eg. DS90LV031A) provide a new alternative to high
Pin compatible with DS90C032A and
power PECL/ECL devices for high speed point-to-
DS26C32A.
point interface applications.
Typical Rise/Fall time is 350pS.
In addition, the DS90LV032A provides power-off high
impedance
LVDS
inputs.
This
feature
assures
minimal loading effect on the LVDS bus lines when
VCC is not present.
Connection Diagram
Figure 1. NAD0016A and NAC0016A Packages
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
TRI-STATE is a registered trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - 5962-9865201QFA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9865201QFA TI1-5962-9865201QFA Datasheet
433Kb / 16P
[Old version datasheet]   DS90LV032AQML 3V LVDS Quad CMOS Differential Line Receiver
More results

Similar Description - 5962-9865201QFA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV048A NSC-DS90LV048A_01 Datasheet
260Kb / 11P
   3V LVDS Quad CMOS Differential Line Receiver
DS90LV048A NSC-DS90LV048A Datasheet
245Kb / 11P
   3V LVDS Quad CMOS Differential Line Receiver
DS90LV032A NSC-DS90LV032A Datasheet
192Kb / 9P
   3V LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV048ATMTC TI-DS90LV048ATMTC Datasheet
1Mb / 20P
[Old version datasheet]   DS90LV048A 3V LVDS Quad CMOS Differential Line Receiver
DS90LV048ATMTCX TI-DS90LV048ATMTCX Datasheet
1Mb / 20P
[Old version datasheet]   DS90LV048A 3V LVDS Quad CMOS Differential Line Receiver
DS90LV032AQML TI1-DS90LV032AQML Datasheet
269Kb / 14P
[Old version datasheet]   DS90LV032AQML 3V LVDS Quad CMOS Differential Line Receiver
5962-9865201QFA TI1-5962-9865201QFA Datasheet
433Kb / 16P
[Old version datasheet]   DS90LV032AQML 3V LVDS Quad CMOS Differential Line Receiver
DS90LV032ATM TI1-DS90LV032ATM Datasheet
975Kb / 18P
[Old version datasheet]   DS90LV032A 3V LVDS Quad CMOS Differential Line Receiver
DS90LT012A TI1-DS90LT012A_16 Datasheet
810Kb / 18P
[Old version datasheet]   3V LVDS Single CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV018A NSC-DS90LV018A Datasheet
241Kb / 10P
   3V LVDS Single CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com