Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90LV027AQ Datasheet(PDF) 1 Page - Texas Instruments

Part # DS90LV027AQ
Description  Automotive LVDS Dual Differential Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90LV027AQ Datasheet(HTML) 1 Page - Texas Instruments

  DS90LV027AQ Datasheet HTML 1Page - Texas Instruments DS90LV027AQ Datasheet HTML 2Page - Texas Instruments DS90LV027AQ Datasheet HTML 3Page - Texas Instruments DS90LV027AQ Datasheet HTML 4Page - Texas Instruments DS90LV027AQ Datasheet HTML 5Page - Texas Instruments DS90LV027AQ Datasheet HTML 6Page - Texas Instruments DS90LV027AQ Datasheet HTML 7Page - Texas Instruments DS90LV027AQ Datasheet HTML 8Page - Texas Instruments DS90LV027AQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DS90LV027AQ
www.ti.com
SNLS298D – MAY 2008 – REVISED APRIL 2013
DS90LV027AQ Automotive LVDS Dual Differential Driver
Check for Samples: DS90LV027AQ
1
FEATURES
DESCRIPTION
The DS90LV027AQ is a dual LVDS driver device
2
AECQ-100 Grade 1
optimized
for
high
data
rate
and
low
power
>600 Mbps (300MHz) Switching Rates
applications. The device is designed to support data
0.3 ns Typical Differential Skew
rates in excess of 600Mbps (300MHz) utilizing Low
Voltage Differential Signaling (LVDS) technology. The
0.7 ns Maximum Differential Skew
DS90LV027AQ is a current mode driver allowing
3.3V Power Supply Design
power dissipation to remain low even at high
Low Power Dissipation (46 mW @ 3.3V Static)
frequency. In addition, the short circuit fault current is
also minimized.
Flow-Through Design Simplifies PCB Layout
Power Off Protection (Outputs in High
The device is in a 8-lead SOIC package. The
Impedance)
DS90LV027AQ has a flow-through design for easy
PCB layout. The differential driver outputs provides
Conforms to TIA/EIA-644 Standard
low EMI with its typical low output swing of 360 mV. It
8-Lead SOIC Package Saves Space
is perfect for high speed transfer of clock and data.
The DS90LV027AQ can be paired with its companion
dual line receiver, the DS90LV028AQ, or with any of
TI's LVDS receivers, to provide a high-speed point-to-
point LVDS interface.
Connection Diagram
Figure 1. Dual-In-Line
See Package Number D0008A
Functional Diagram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DS90LV027AQ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV027AQ NSC-DS90LV027AQ Datasheet
275Kb / 8P
   Automotive LVDS Dual Differential Driver
More results

Similar Description - DS90LV027AQ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV027AQ NSC-DS90LV027AQ Datasheet
275Kb / 8P
   Automotive LVDS Dual Differential Driver
DS90LV011AQ NSC-DS90LV011AQ Datasheet
208Kb / 6P
   Automotive LVDS Differential Driver
logo
Texas Instruments
DS90LV011AQ TI1-DS90LV011AQ_15 Datasheet
765Kb / 12P
[Old version datasheet]   Automotive LVDS Differential Driver
DS90LV028AQ TI1-DS90LV028AQ_14 Datasheet
972Kb / 16P
[Old version datasheet]   Automotive LVDS Dual Differential Line Receiver
DS90LV028AQ-Q1 TI1-DS90LV028AQ-Q1 Datasheet
1Mb / 21P
[Old version datasheet]   Automotive LVDS Dual Differential Line Receiver
logo
National Semiconductor ...
DS90LV028AQ NSC-DS90LV028AQ Datasheet
287Kb / 10P
   Automotive LVDS Dual Differential Line Receiver
logo
Texas Instruments
DS90LV027AH TI1-DS90LV027AH_13 Datasheet
943Kb / 14P
[Old version datasheet]   High Temperature LVDS Dual Differential Driver
DS90LV027 TI1-DS90LV027_13 Datasheet
708Kb / 10P
[Old version datasheet]   LVDS Dual High Speed Differential Driver
DS90LV027A TI1-DS90LV027A_16 Datasheet
1Mb / 21P
[Old version datasheet]   LVDS Dual High Speed Differential Driver
logo
National Semiconductor ...
DS90LV027AH NSC-DS90LV027AH Datasheet
636Kb / 8P
   High Temperature LVDS Dual Differential Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com