Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

592D106X-010B2-15H Datasheet(PDF) 11 Page - Vishay Siliconix

Part # 592D106X-010B2-15H
Description  Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

592D106X-010B2-15H Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button 592D106X-010B2-15H Datasheet HTML 3Page - Vishay Siliconix 592D106X-010B2-15H Datasheet HTML 4Page - Vishay Siliconix 592D106X-010B2-15H Datasheet HTML 5Page - Vishay Siliconix 592D106X-010B2-15H Datasheet HTML 6Page - Vishay Siliconix 592D106X-010B2-15H Datasheet HTML 7Page - Vishay Siliconix 592D106X-010B2-15H Datasheet HTML 8Page - Vishay Siliconix 592D106X-010B2-15H Datasheet HTML 9Page - Vishay Siliconix 592D106X-010B2-15H Datasheet HTML 10Page - Vishay Siliconix 592D106X-010B2-15H Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
www.vishay.com
84
592D
Vishay Sprague
Document Number 40004
Revision 20-Oct-04
For technical questions, contact tantalum@vishay.com
Notes:
1. A
0B0K0 are determined by the maximum dimensions to the ends of the terminals extending from the component body and/or the body
dimensions of the component. The clearance between the ends of the terminals or body of the component to the sides and depth of the
cavity (A
0B0K0) must be within .002" [0.05mm] minimum and .020" [0.50mm] maximum.
The clearance allowed must also prevent
rotation of the component within the cavity of not more than 20 degrees.
2. Tape with components shall pass around radius "R" without damage. The minimum trailer length may require additional length to
provide R minimum for 12mm embossed tape for reels with hub diameters approaching N minimum.
3. This dimension is the flat area from the edge of the sprocket hole to either the outward deformation of the carrier tape between the
embossed cavities or to the edge of the cavity whichever is less.
4. This dimension is the flat area from the edge of the carrier tape opposite the sprocket holes to either the outward deformation of the
carrier tape between the embossed cavity or to the edge of the cavity whichever is less.
5. The embossment hole location shall be measured from the sprocket hole controlling the location of the embossment. Dimensions of
embossment location and hole location shall be applied independent of each other.
6. B
1 dimension is a reference dimension for tape feeder clearance only.
TAPE AND REEL PACKAGING in inches [millimeters]
Note: Metric dimensions will govern. Dimensions in inches are rounded and for reference only.
8mm
12mm
12mm
Double Pitch
24mm
TAPE
SIZE
0.179
[4.55]
0.323
[8.2]
0.323
[8.2]
0.791
[20.1]
B
1 (Max.)
(Note 6)
0.039
[1.0]
0.059
[1.5]
0.059
[1.5]
0.059
[1.5]
D
1 (Min.)
(Note 5)
0.138 ± 0.002
[3.5 ± 0.05]
0.217 ± 0.002
[5.5 ± 0.05]
0.217 ± 0.002
[5.5 ± 0.05]
0.453 ± 0.04
[11.5 ± 0.03]
F
A
0 B0 K0
0.315 + .012 - .004
[8.0 + 0.3 - 0.1]
0.472 ± 0.012
[12.0 ± 0.30]
0.472 ± 0.012
[12.0 ± 0.30]
0.945 ± 0.012
[24.0 ± 0.03]
W
0.098
[2.5]
0.256
[6.5]
0.256
[6.5]
0.103
[2.6]
T
2
(Max.)
0.984
[25.0]
1.181
[30.0]
1.181
[30.0]
1.181
[30.0]
R (Min.)
(Note 2)
P
1
(Note 1)
0.157 ± 0.004
[4.0 ± 0.10]
0.157 ± 0.004
[4.0 ± 0.10]
0.315 ± 0.004
[8.0 ± 0.10]
0.472 ± 0.004
[12.0 ± 0.10]
Tape and Reel Specifications: All case sizes are available
on plastic embossed tape per EIA-481-1. Tape reeling per
IEC 286-3 is also available. Standard reel diameter is 7"
[178mm]. 13" [330mm] reels are available and recommended
as the most cost effective packaging method.
The most efficient packaging quantities are full reel increments
on a given reel diameter. The quantities shown allow for the
sealed empty pockets required to be in conformance with
EIA-481-1. Reel size and packaging orientation must be
specified in the Vishay Sprague part number.
Camber
(Top View)
Allowable Camber to be .039/3.937 [1/100]
Non-Cumulative Over 9.843 [250.0]
.039 [1.0]
Max.
Tape
(Top View)
USER DIRECTION OF FEED
.030 [0.75]
Min. (Note 3)
Center Lines
of Cavity
A
0
P
1
.030 [0.75]
Min. (Note 4)
Top
Cover
Tape
Deformation
Between
Embossments
Embossment
Maximum
Cavity Size
(Note 1)
.079
± .002
[2.0
± 0.05]
.157
± .004
[4.0
± 0.10]
F
.069
± .004
[1.75
± 0.10]
10 Pitches Cumulative
Tolerance on Tape
± 0.008 [0.200]
20
° Maximum
Component Rotation
.039 [1.0] Max.
9.843 [250.0]
3.937 [100.0]
Top
Cover
Tape
D
1 Min. For Components
.079 x .047 [2.0 x 1.2] and Larger.
(Note 5)
T
2
Max.
.024
[0.600]
Max.
B
1 Max.
(Note 6)
.004 [0.10]
Max.
For Tape Feeder
Reference only
including draft.
Concentric around B
0
(Note 5)
Typical
Component
Cavity
Center Line
Typical
Component
Center Line
B
0
A
0
B
0
W
(Side or Front Sectional View)
Maximum
Component
Rotation
20
°
K
0
.059 + .004 - 0.0
[1.5 + 0.10 - 0.0]
DIRECTION OF FEED
Cathode (-)
Anode (+)


Similar Part No. - 592D106X-010B2-15H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
592D106X0004R2T VISHAY-592D106X0004R2T Datasheet
835Kb / 22P
   Solid Tantalum Chip Capacitors
Revision: 25-Jun-13
592D106X0004R2W VISHAY-592D106X0004R2W Datasheet
835Kb / 22P
   Solid Tantalum Chip Capacitors
Revision: 25-Jun-13
592D106X0004R4T VISHAY-592D106X0004R4T Datasheet
835Kb / 22P
   Solid Tantalum Chip Capacitors
Revision: 25-Jun-13
592D106X0004R4W VISHAY-592D106X0004R4W Datasheet
835Kb / 22P
   Solid Tantalum Chip Capacitors
Revision: 25-Jun-13
592D106X0004R8T VISHAY-592D106X0004R8T Datasheet
835Kb / 22P
   Solid Tantalum Chip Capacitors
Revision: 25-Jun-13
More results

Similar Description - 592D106X-010B2-15H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
572D107X06R3S2T VISHAY-572D107X06R3S2T Datasheet
1,010Kb / 20P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
Revision: 25-Jun-13
572D VISHAY-572D Datasheet
121Kb / 4P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
Revision: 15-May-06
595D226X06R3B2T VISHAY-595D226X06R3B2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D687X0010R2T VISHAY-595D687X0010R2T Datasheet
1Mb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 24-Jun-13
595D107X9016D2T VISHAY-595D107X9016D2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D1061004A23 VISHAY-595D1061004A23 Datasheet
330Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 20-Jan-14
572D VISHAY-572D_08 Datasheet
143Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Low Profile, Conformal Coated, Maximum CV
Revision: 07-Jan-08
572D VISHAY-572D_17 Datasheet
931Kb / 20P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Low Profile, Conformal Coated, Maximum CV
Revision: 23-Nov-17
592D VISHAY-592D_08 Datasheet
142Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Conformal Coated, Maximum CV
Revision: 22-Aug-08
595D155X0050C2T VISHAY-595D155X0050C2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com