Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90LT012AQ-Q1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DS90LT012AQ-Q1
Description  Automotive LVDS Differential Line Receiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90LT012AQ-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DS90LT012AQ-Q1 Datasheet HTML 2Page - Texas Instruments DS90LT012AQ-Q1 Datasheet HTML 3Page - Texas Instruments DS90LT012AQ-Q1 Datasheet HTML 4Page - Texas Instruments DS90LT012AQ-Q1 Datasheet HTML 5Page - Texas Instruments DS90LT012AQ-Q1 Datasheet HTML 6Page - Texas Instruments DS90LT012AQ-Q1 Datasheet HTML 7Page - Texas Instruments DS90LT012AQ-Q1 Datasheet HTML 8Page - Texas Instruments DS90LT012AQ-Q1 Datasheet HTML 9Page - Texas Instruments DS90LT012AQ-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
DS90LT012AQ
SNLS297E – MAY 2008 – REVISED APRIL 2013
www.ti.com
Figure 6. VTC of the DS90LT012AQ LVDS Receiver
FAIL SAFE BIASING
External pull up and pull down resistors may be used to provide enough of an offset to enable an input failsafe
under open-circuit conditions. This configuration ties the positive LVDS input pin to VDD thru a pull up resistor
and the negative LVDS input pin is tied to GND by a pull down resistor. The pull up and pull down resistors
should be in the 5k
Ω to 15kΩ range to minimize loading and waveform distortion to the driver. The common-
mode bias point ideally should be set to approximately 1.2V (less than 1.75V) to be compatible with the internal
circuitry. Please refer to application note AN-1194 (SNLA051), “Failsafe Biasing of LVDS Interfaces” for more
information.
PROBING LVDS TRANSMISSION LINES
Always use high impedance (> 100k
Ω), low capacitance (< 2 pF) scope probes with a wide bandwidth (1 GHz)
scope. Improper probing will give deceiving results.
CABLES AND CONNECTORS, GENERAL COMMENTS
When choosing cable and connectors for LVDS it is important to remember:
Use controlled impedance media. The cables and connectors you use should have a matched differential
impedance of about 100
Ω. They should not introduce major impedance discontinuities.
Balanced cables (e.g. twisted pair) are usually better than unbalanced cables (ribbon cable, simple coax) for
noise reduction and signal quality. Balanced cables tend to generate less EMI due to field canceling effects and
also tend to pick up electromagnetic radiation a common-mode (not differential mode) noise which is rejected by
the receiver.
For cable distances < 0.5M, most cables can be made to work effectively. For distances 0.5M
≤ d ≤ 10M, CAT 3
(category 3) twisted pair cable works well, is readily available and relatively inexpensive.
PIN DESCRIPTIONS
Package Pin Number
Pin Name
Description
SOT-23
4
IN
Inverting receiver input pin
3
IN+
Non-inverting receiver input pin
5
TTL OUT
Receiver output pin
1
VDD
Power supply pin, +3.3V ± 0.3V
2
GND
Ground pin
6
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: DS90LT012AQ


Similar Part No. - DS90LT012AQ-Q1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LT012AQ NSC-DS90LT012AQ Datasheet
251Kb / 8P
   Automotive LVDS Differential Line Receiver
DS90LT012AQMF NSC-DS90LT012AQMF Datasheet
251Kb / 8P
   Automotive LVDS Differential Line Receiver
More results

Similar Description - DS90LT012AQ-Q1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LT012AQ NSC-DS90LT012AQ Datasheet
251Kb / 8P
   Automotive LVDS Differential Line Receiver
logo
Texas Instruments
DS90LV028AQ TI1-DS90LV028AQ_14 Datasheet
972Kb / 16P
[Old version datasheet]   Automotive LVDS Dual Differential Line Receiver
DS90LV028AQ-Q1 TI1-DS90LV028AQ-Q1 Datasheet
1Mb / 21P
[Old version datasheet]   Automotive LVDS Dual Differential Line Receiver
logo
National Semiconductor ...
DS90LV028AQ NSC-DS90LV028AQ Datasheet
287Kb / 10P
   Automotive LVDS Dual Differential Line Receiver
logo
Texas Instruments
DS90LV028A-Q1 TI-DS90LV028A-Q1 Datasheet
884Kb / 20P
[Old version datasheet]   DS90LV028A-Q1 Automotive LVDS Dual Differential Line Receiver
DS90LV028AQ-Q1 TI1-DS90LV028AQ-Q1_V01 Datasheet
1Mb / 2P
[Old version datasheet]   DS90LV028AQ-Q1 Automotive LVDS Dual Differential Line Receiver
SN65LVDS048A TI-SN65LVDS048A_06 Datasheet
140Kb / 11P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE RECEIVER
SN65LVDS048 TI-SN65LVDS048 Datasheet
198Kb / 1P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE RECEIVER
SN65LVDS048A TI-SN65LVDS048A Datasheet
282Kb / 11P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE RECEIVER
logo
National Semiconductor ...
MNDS90C032-X-RH NSC-MNDS90C032-X-RH Datasheet
281Kb / 10P
   LVDS Quad CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com