Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90LV004 Datasheet(PDF) 9 Page - Texas Instruments

Part # DS90LV004
Description  4-Channel LVDS Buffer/Repeater with Pre-Emphasis
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90LV004 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DS90LV004_13 Datasheet HTML 5Page - Texas Instruments DS90LV004_13 Datasheet HTML 6Page - Texas Instruments DS90LV004_13 Datasheet HTML 7Page - Texas Instruments DS90LV004_13 Datasheet HTML 8Page - Texas Instruments DS90LV004_13 Datasheet HTML 9Page - Texas Instruments DS90LV004_13 Datasheet HTML 10Page - Texas Instruments DS90LV004_13 Datasheet HTML 11Page - Texas Instruments DS90LV004_13 Datasheet HTML 12Page - Texas Instruments DS90LV004_13 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
80
0
TEMPERATURE (°C)
-40
0
40
60
100
10
20
30
60
70
50
40
-20
20
80
100 mV/Div
200 ps/Div
100%
50%
25%
0%
350
0
BIT DATA RATE (Gbps)
0
0.25
0.5
0.75
1.0
1.5
50
100
150
200
250
300
1.25
PRBS-23, 0% PRE
PRBS-23, Max PRE
Clock, 0% PRE
Clock, Max PRE
120
0
BIT DATA RATE (Gbps)
0
0.5
1.0
1.5
2.0
20
40
60
80
100
VCM = 0.25V
VCM = 0.5V
VCM = 1.2V
VCM = 3.05V
VCM = 2.4V
DS90LV004
www.ti.com
SNLS190P – APRIL 2005 – REVISED APRIL 2013
TYPICAL PERFORMANCE CHARACTERISTICS
Power Supply Current
Total Jitter (TJ)
vs.
vs.
Bit Data Rate
Bit Data Rate
Dynamic power supply current was measured while running a clock or Total Jitter measured at 0V differential while running a PRBS 223-1
PRBS 223-1 pattern with all 4 channels active. VCC = 3.3V, TA =
pattern with a single channel active. VCC = 3.3V, TA = +25°C, VID =
+25°C, VID = 0.5V, VCM = 1.2V
0.5V, 0% Pre-emphasis
Figure 7.
Figure 8.
Total Jitter (TJ)
Positive Edge Transition
vs.
vs.
Temperature
Pre-Emphasis Level
Total Jitter measured at 0V differential while running a PRBS 223-1
pattern with a single channel active. VCC = 3.3V, VID = 0.5V, VCM =
1.2V, 1.5 Gbps data rate, 0% Pre-emphasis
Figure 9.
Figure 10.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: DS90LV004


Similar Part No. - DS90LV004_13

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV004TVS NSC-DS90LV004TVS Datasheet
251Kb / 12P
   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
DS90LV004 NSC-DS90LV004_07 Datasheet
251Kb / 12P
   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
More results

Similar Description - DS90LV004_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS15BR400 TI1-DS15BR400_15 Datasheet
895Kb / 19P
[Old version datasheet]   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
logo
National Semiconductor ...
DS90LV004 NSC-DS90LV004 Datasheet
547Kb / 7P
   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
DS15BR400 NSC-DS15BR400 Datasheet
645Kb / 11P
   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
logo
Texas Instruments
SCAN90004 TI1-SCAN90004_18 Datasheet
288Kb / 14P
[Old version datasheet]   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
logo
National Semiconductor ...
DS90LV004 NSC-DS90LV004_07 Datasheet
251Kb / 12P
   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
SCAN90004 NSC-SCAN90004_07 Datasheet
280Kb / 14P
   4-Channel LVDS Buffer/Repeater with Pre-Emphasis and IEEE 1149.6
SCAN90004 NSC-SCAN90004 Datasheet
537Kb / 8P
   4-Channel LVDS Buffer/Repeater with Pre-Emphasis and IEEE 1149.6
DS25BR120 NSC-DS25BR120 Datasheet
404Kb / 14P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis
DS25BR120_0711 NSC-DS25BR120_0711 Datasheet
406Kb / 14P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis
logo
Texas Instruments
DS25BR204 TI1-DS25BR204_15 Datasheet
1Mb / 21P
[Old version datasheet]   3.125 Gbps 1:4 LVDS Repeater with Transmit Pre-Emphasis and Receive Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com