Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90LT012AQ Datasheet(PDF) 4 Page - Texas Instruments

Part # DS90LT012AQ
Description  Automotive LVDS Differential Line Receiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90LT012AQ Datasheet(HTML) 4 Page - Texas Instruments

  DS90LT012AQ_15 Datasheet HTML 1Page - Texas Instruments DS90LT012AQ_15 Datasheet HTML 2Page - Texas Instruments DS90LT012AQ_15 Datasheet HTML 3Page - Texas Instruments DS90LT012AQ_15 Datasheet HTML 4Page - Texas Instruments DS90LT012AQ_15 Datasheet HTML 5Page - Texas Instruments DS90LT012AQ_15 Datasheet HTML 6Page - Texas Instruments DS90LT012AQ_15 Datasheet HTML 7Page - Texas Instruments DS90LT012AQ_15 Datasheet HTML 8Page - Texas Instruments DS90LT012AQ_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
DS90LT012AQ
SNLS297E – MAY 2008 – REVISED APRIL 2013
www.ti.com
Parameter Measurement Information (continued)
Figure 4. Receiver Propagation Delay and Transition Time Waveforms
Typical Applications
Figure 5. Balanced System — Point-to-Point Application
(DS90LT012AQ)
APPLICATION INFORMATION
General application guidelines and hints for LVDS drivers and receivers may be found in the following application
notes: LVDS Owner's Manual (lit #550062-003), AN-808 (SNLA028), AN-977 (SNLA166), AN-971 (SNLA165),
AN-916 (SNLA219), AN-805 (SNOA233), AN-903 (SNLA034).
LVDS drivers and receivers are intended to be primarily used in an uncomplicated point-to-point configuration as
is shown in Figure 5. This configuration provides a clean signaling environment for the fast edge rates of the
drivers. The receiver is connected to the driver through a balanced media which may be a standard twisted pair
cable, a parallel pair cable, or simply PCB traces. Typically the characteristic impedance of the media is in the
range of 100
Ω. The internal termination resistor converts the driver output (current mode) into a voltage that is
detected by the receiver. Other configurations are possible such as a multi-receiver configuration, but the effects
of a mid-stream connector(s), cable stub(s), and other impedance discontinuities as well as ground shifting, noise
margin limits, and total termination loading must be taken into account.
The DS90LT012AQ differential line receiver is capable of detecting signals as low as 100 mV, over a ±1V
common-mode range centered around +1.2V. This is related to the driver offset voltage which is typically +1.2V.
The driven signal is centered around this voltage and may shift ±1V around this center point. The ±1V shifting
may be the result of a ground potential difference between the driver's ground reference and the receiver's
ground reference, the common-mode effects of coupled noise, or a combination of the two. The AC parameters
of both receiver input pins are optimized for a recommended operating input voltage range of 0V to +2.4V
(measured from each pin to ground). The device will operate for receiver input voltages up to VDD, but exceeding
VDD will turn on the ESD protection circuitry which will clamp the bus voltages.
4
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: DS90LT012AQ


Similar Part No. - DS90LT012AQ_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LT012AQMF NSC-DS90LT012AQMF Datasheet
251Kb / 8P
   Automotive LVDS Differential Line Receiver
More results

Similar Description - DS90LT012AQ_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LT012AQ NSC-DS90LT012AQ Datasheet
251Kb / 8P
   Automotive LVDS Differential Line Receiver
logo
Texas Instruments
DS90LV028AQ TI1-DS90LV028AQ_14 Datasheet
972Kb / 16P
[Old version datasheet]   Automotive LVDS Dual Differential Line Receiver
DS90LV028AQ-Q1 TI1-DS90LV028AQ-Q1 Datasheet
1Mb / 21P
[Old version datasheet]   Automotive LVDS Dual Differential Line Receiver
logo
National Semiconductor ...
DS90LV028AQ NSC-DS90LV028AQ Datasheet
287Kb / 10P
   Automotive LVDS Dual Differential Line Receiver
logo
Texas Instruments
DS90LV028A-Q1 TI-DS90LV028A-Q1 Datasheet
884Kb / 20P
[Old version datasheet]   DS90LV028A-Q1 Automotive LVDS Dual Differential Line Receiver
DS90LV028AQ-Q1 TI1-DS90LV028AQ-Q1_V01 Datasheet
1Mb / 2P
[Old version datasheet]   DS90LV028AQ-Q1 Automotive LVDS Dual Differential Line Receiver
SN65LVDS048A TI-SN65LVDS048A_06 Datasheet
140Kb / 11P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE RECEIVER
SN65LVDS048 TI-SN65LVDS048 Datasheet
198Kb / 1P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE RECEIVER
SN65LVDS048A TI-SN65LVDS048A Datasheet
282Kb / 11P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE RECEIVER
logo
National Semiconductor ...
MNDS90C032-X-RH NSC-MNDS90C032-X-RH Datasheet
281Kb / 10P
   LVDS Quad CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com