Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90CR563 Datasheet(PDF) 5 Page - Texas Instruments

Part # DS90CR563
Description  LVDS 18-Bit Color Flat Panel Display (FPD) Link- 65 MHz
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90CR563 Datasheet(HTML) 5 Page - Texas Instruments

  DS90CR563 Datasheet HTML 1Page - Texas Instruments DS90CR563 Datasheet HTML 2Page - Texas Instruments DS90CR563 Datasheet HTML 3Page - Texas Instruments DS90CR563 Datasheet HTML 4Page - Texas Instruments DS90CR563 Datasheet HTML 5Page - Texas Instruments DS90CR563 Datasheet HTML 6Page - Texas Instruments DS90CR563 Datasheet HTML 7Page - Texas Instruments DS90CR563 Datasheet HTML 8Page - Texas Instruments DS90CR563 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Electrical Characteristics (Continued)
Over recommended operating supply and temperature ranges unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
TRANSMITTER SUPPLY CURRENT
I
CCTZ
Transmitter Supply Current,
Power Down
Power Down = Low
125
µA
RECEIVER SUPPLY CURRENT
I
CCRW
Receiver Supply Current,
Worst Case
C
L = 8 pF,
Worst Case Pattern
(
Figures 1, 4)
f = 32.5 MHz
64
77
mA
f = 37.5 MHz
70
85
mA
f = 65 MHz
110
140
mA
I
CCRG
Receiver Supply Current,
16 Grayscale
C
L = 8 pF,
16 Grayscale Pattern
(
Figures 2, 4)
f = 32.5 MHz
35
55
mA
f = 37.5 MHz
37
55
mA
f = 65 MHz
55
67
mA
I
CCRZ
Receiver Supply Current,
Power Down
Power Down = Low
110
µA
Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the device
should be operated at these limits. The tables of “Electrical Characteristics” specify conditions for device operation.
Note 2: Typical values are given for VCC = 5.0V and TA = +25˚C.
Note 3: Current into device pins is defined as positive. Current out of device pins is defined as negative. Voltages are referenced to ground unless otherwise speci-
fied (except VOD and ∆V OD).
Note 4: ESD Rating: HBM (1.5 k
Ω, 100 pF)
PLL VCC ≥ 1000V
All other pins
≥ 2000V
EIAJ (0
Ω, 200 pF) ≥ 150V
Transmitter Switching Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified
Symbol
Parameter
Min
Typ
Max
Units
LLHT
LVDS Low-to-High Transition Time (
Figure 3)
0.75
1.5
ns
LHLT
LVDS High-to-Low Transition Time (
Figure 3)
0.75
1.5
ns
TCIT
TxCLK IN Transition Time (
Figure 5)8
ns
TCCS
TxOUT Channel-to-Channel Skew (Note 5) (
Figure 6)
350
ps
TCCD
TxCLK IN to TxCLK OUT Delay @ 25˚C, V
CC = 5.0V
3.5
8.5
ns
(
Figure 9)
TCIP
TxCLK IN Period (
Figure 7)
15
T
50
ns
TCIH
TxCLK IN High Time (
Figure 7)
0.35T
0.5T
0.65T
ns
TCIL
TxCLK IN Low Time (
Figure 7)
0.35T
0.5T
0.65T
ns
TSTC
TxIN Setup to TxCLK IN (
Figure 7)f = 65 MHz
5
3.5
ns
THTC
TxIN Hold to TxCLK IN (
Figure 7)
2.5
1.5
ns
TPDD
Transmitter Powerdown Delay (
Figure 18)
100
ns
TPLLS
Transmitter Phase Lock Loop Set (
Figure 11)10
ms
TPPos0
Transmitter Output Pulse Position 0 (
Figure 13)
−0.30
0
0.30
ns
TPPos1
Transmitter Output Pulse Position 1
1.70
1/7 T
clk
2.50
ns
TPPos2
Transmitter Output Pulse Position 2
3.60
2/7 T
clk
4.50
ns
TPPos3
Transmitter Output Pulse Position 3
5.90
3/7 T
clk
6.75
ns
TPPos4
Transmitter Output Pulse Position 4
8.30
4/7 T
clk
9.00
ns
TPPos5
Transmitter Output Pulse Position 5
10.40
5/7 T
clk
11.10
ns
TPPos6
Transmitter Output Pulse Position 6
12.70
6/7 T
clk
13.40
ns
Note 5: This limit based on bench characterization.
www.national.com
4


Similar Part No. - DS90CR563

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CR563 NSC-DS90CR563 Datasheet
287Kb / 12P
   LVDS 18-Bit Color Flat Panel Display FPD Link??65 MHz
DS90CR563MTD NSC-DS90CR563MTD Datasheet
287Kb / 12P
   LVDS 18-Bit Color Flat Panel Display FPD Link??65 MHz
More results

Similar Description - DS90CR563

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CR563 NSC-DS90CR563 Datasheet
287Kb / 12P
   LVDS 18-Bit Color Flat Panel Display FPD Link??65 MHz
DS90CF563 NSC-DS90CF563 Datasheet
287Kb / 12P
   LVDS 18-Bit Color Flat Panel Display (FPD) Link??65 MHz
logo
Texas Instruments
DS90CF563 TI1-DS90CF563_13 Datasheet
1Mb / 17P
[Old version datasheet]   LVDS 18-Bit Color Flat Panel Display (FPD) Link - 65 MHz
logo
National Semiconductor ...
DS90CF583 NSC-DS90CF583 Datasheet
274Kb / 12P
   LVDS 24-Bit Color Flat Panel Display (FPD) Link??65 MHz
logo
Texas Instruments
DS90CR583 TI1-DS90CR583_13 Datasheet
713Kb / 13P
[Old version datasheet]   LVDS 24-Bit Color Flat Panel Display (FPD) Link- 65 MHz
DS90CF583 TI1-DS90CF583_13 Datasheet
515Kb / 13P
[Old version datasheet]   LVDS 24-Bit Color Flat Panel Display (FPD) Link??65 MHz
logo
National Semiconductor ...
DS90C363A NSC-DS90C363A Datasheet
219Kb / 10P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz
DS90CF561 NSC-DS90CF561 Datasheet
244Kb / 12P
   LVDS 18-Bit Color Flat Panel Display (FPD) Link
DS90CR561 NSC-DS90CR561 Datasheet
244Kb / 12P
   LVDS 18-Bit Color Flat Panel Display (FPD) Link
DS90CF384A NSC-DS90CF384A Datasheet
784Kb / 16P
   3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link-65 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com