Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90CR216 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DS90CR216
Description  3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 66 MHz
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90CR216 Datasheet(HTML) 5 Page - Texas Instruments

  DS90CR216 Datasheet HTML 1Page - Texas Instruments DS90CR216 Datasheet HTML 2Page - Texas Instruments DS90CR216 Datasheet HTML 3Page - Texas Instruments DS90CR216 Datasheet HTML 4Page - Texas Instruments DS90CR216 Datasheet HTML 5Page - Texas Instruments DS90CR216 Datasheet HTML 6Page - Texas Instruments DS90CR216 Datasheet HTML 7Page - Texas Instruments DS90CR216 Datasheet HTML 8Page - Texas Instruments DS90CR216 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
DS90CR215, DS90CR216
www.ti.com
SNLS129D – MARCH 1999 – REVISED APRIL 2013
Transmitter Switching Characteristics (continued)
Over recommended operating supply and
−40°C to +85°C ranges unless otherwise specified
Symbol
Parameter
Min
Typ
Max
Units
TPPos0
Transmitter Output Pulse Position for Bit0 (2)
f = 66 MHz
−0.4
0
0.3
ns
(Figure 20)
TPPos1
Transmitter Output Pulse Position for Bit1
1.8
2.2
2.5
ns
TPPos2
Transmitter Output Pulse Position for Bit2
4.0
4.4
4.7
ns
TPPos3
Transmitter Output Pulse Position for Bit3
6.2
6.6
6.9
ns
TPPos4
Transmitter Output Pulse Position for Bit4
8.4
8.8
9.1
ns
TPPos5
Transmitter Output Pulse Position for Bit5
10.6
11.0
11.3
ns
TPPos6
Transmitter Output Pulse Position for Bit6
12.8
13.2
13.5
ns
TCIP
TxCLK IN Period (Figure 10)
15
T
50
ns
TCIH
TxCLK IN High Time (Figure 10)
0.35T
0.5T
0.65T
ns
TCIL
TxCLK IN Low Time (Figure 10)
0.35T
0.5T
0.65T
ns
TSTC
TxIN Setup to TxCLK IN (Figure 10)
2.5
ns
THTC
TxIN Hold to TxCLK IN (Figure 10)
0
ns
TCCD
TxCLK IN to TxCLK OUT Delay @ 25°C,VCC=3.3V (Figure 12)
3
3.7
5.5
ns
TPLLS
Transmitter Phase Lock Loop Set (Figure 14)
10
ms
TPDD
Transmitter Powerdown Delay (Figure 18)
100
ns
(2)
The min. and max. limits are based on the worst bit by applying a
−400ps/+300ps shift from ideal position.
Receiver Switching Characteristics
Over recommended operating supply and
−40°C to +85°C ranges unless otherwise specified
Symbol
Parameter
Min
Typ
Max
Units
CLHT
CMOS/TTL Low-to-High Transition Time (Figure 7)
2.2
5.0
ns
CHLT
CMOS/TTL High-to-Low Transition Time (Figure 7)
2.2
5.0
ns
RSPos0
Receiver Input Strobe Position for Bit 0 (1)(Figure 21)
f = 40 MHz
1.0
1.4
2.15
ns
RSPos1
Receiver Input Strobe Position for Bit 1
4.5
5.0
5.8
ns
RSPos2
Receiver Input Strobe Position for Bit 2
8.1
8.5
9.15
ns
RSPos3
Receiver Input Strobe Position for Bit 3
11.6
11.9
12.6
ns
RSPos4
Receiver Input Strobe Position for Bit 4
15.1
15.6
16.3
ns
RSPos5
Receiver Input Strobe Position for Bit 5
18.8
19.2
19.9
ns
RSPos6
Receiver Input Strobe Position for Bit 6
22.5
22.9
23.6
ns
RSPos0
Receiver Input Strobe Position for Bit 0 (2)(Figure 21)
f = 66 MHz
0.7
1.1
1.4
ns
RSPos1
Receiver Input Strobe Position for Bit 1
2.9
3.3
3.6
ns
RSPos2
Receiver Input Strobe Position for Bit 2
5.1
5.5
5.8
ns
RSPos3
Receiver Input Strobe Position for Bit 3
7.3
7.7
8.0
ns
RSPos4
Receiver Input Strobe Position for Bit 4
9.5
9.9
10.2
ns
RSPos5
Receiver Input Strobe Position for Bit 5
11.7
12.1
12.4
ns
RSPos6
Receiver Input Strobe Position for Bit 6
13.9
14.3
14.6
ns
RSKM
RxIN Skew Margin (3)(Figure 22)
f = 40 MHz
490
ps
f = 66 MHz
400
ps
RCOP
RxCLK OUT Period (Figure 11)
15
T
50
ns
RCOH
RxCLK OUT High Time (Figure 11)
f = 40 MHz
6.0
10.0
ns
f = 66 MHz
4.0
6.1
ns
(1)
The min. and max. are based on the actual bit position of each of the 7 bits within the LVDS data stream across PVT.
(2)
The min. and max. limits are based on the worst bit by applying a
−400ps/+300ps shift from ideal position.
(3)
Receiver Skew Margin is defined as the valid data sampling region at the receiver inputs. This margin takes into account for transmitter
pulse positions (min and max) and the receiver input setup and hold time (internal data sampling window). This margin allows LVDS
interconnect skew, inter-symbol interference (both dependent on type/length of cable), and clock jitter less than 250 ps.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DS90CR215 DS90CR216


Similar Part No. - DS90CR216

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CR216A NSC-DS90CR216A Datasheet
312Kb / 13P
   3.3V Rising Edge Data Strobe LVDS Receiver 28-Bit Channel Link-66 MHz, 3.3V Rising Edge Strobe LVDS Receiver 21-Bit Channel Link-66 MHz
DS90CR216A NSC-DS90CR216A Datasheet
378Kb / 14P
   3.3V Rising Edge Data Strobe LVDS Receiver 28-Bit Channel Link-66 MHz, 3.3V Rising Edge Strobe LVDS Receiver 21-Bit Channel Link-66 MHz
logo
Texas Instruments
DS90CR216A TI1-DS90CR216A Datasheet
2Mb / 34P
[Old version datasheet]   3.3-V Rising Edge Data Strobe LVDS Receiver
logo
National Semiconductor ...
DS90CR216AMTD NSC-DS90CR216AMTD Datasheet
250Kb / 12P
   3.3V Rising Edge Data Strobe LVDS Receiver 28-Bit Channel Link??6 MHz, 3.3V Rising Edge Strobe LVDS Receiver 21-Bit Channel Link??6 MHz
DS90CR216AMTD NSC-DS90CR216AMTD Datasheet
312Kb / 13P
   3.3V Rising Edge Data Strobe LVDS Receiver 28-Bit Channel Link-66 MHz, 3.3V Rising Edge Strobe LVDS Receiver 21-Bit Channel Link-66 MHz
More results

Similar Description - DS90CR216

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CR215 NSC-DS90CR215 Datasheet
739Kb / 17P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 66 MHz
DS90CR215 NSC-DS90CR215_09 Datasheet
450Kb / 18P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link-66 MHz
DS90CR216A NSC-DS90CR216A_04 Datasheet
312Kb / 13P
   3.3V Rising Edge Data Strobe LVDS Receiver 28-Bit Channel Link-66 MHz, 3.3V Rising Edge Strobe LVDS Receiver 21-Bit Channel Link-66 MHz
DS90CR286A NSC-DS90CR286A_09 Datasheet
378Kb / 14P
   3.3V Rising Edge Data Strobe LVDS Receiver 28-Bit Channel Link-66 MHz, 3.3V Rising Edge Strobe LVDS Receiver 21-Bit Channel Link-66 MHz
logo
Texas Instruments
DS90CR216MTDX TI1-DS90CR216MTDX Datasheet
1Mb / 23P
[Old version datasheet]   DS90CR215/DS90CR216 3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 66 MHz
logo
National Semiconductor ...
DS90CR285 NSC-DS90CR285 Datasheet
378Kb / 17P
   3.3V Rising Edge Data Strobe LVDS 28-Bit Channel Link-66 MHz
DS90CR218A NSC-DS90CR218A Datasheet
282Kb / 15P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 85 MHz
DS90CR217 NSC-DS90CR217 Datasheet
281Kb / 15P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 75 MHz
DS90CR217 NSC-DS90CR217_06 Datasheet
623Kb / 12P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 85 MHz
logo
Texas Instruments
DS90CR217 TI1-DS90CR217_13 Datasheet
948Kb / 18P
[Old version datasheet]   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 85 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com