Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90CR217 Datasheet(PDF) 1 Page - Texas Instruments

Part # DS90CR217
Description  3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 85 MHz
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90CR217 Datasheet(HTML) 1 Page - Texas Instruments

  DS90CR217_13 Datasheet HTML 1Page - Texas Instruments DS90CR217_13 Datasheet HTML 2Page - Texas Instruments DS90CR217_13 Datasheet HTML 3Page - Texas Instruments DS90CR217_13 Datasheet HTML 4Page - Texas Instruments DS90CR217_13 Datasheet HTML 5Page - Texas Instruments DS90CR217_13 Datasheet HTML 6Page - Texas Instruments DS90CR217_13 Datasheet HTML 7Page - Texas Instruments DS90CR217_13 Datasheet HTML 8Page - Texas Instruments DS90CR217_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
DS90CR217
www.ti.com
SNLS226A – OCTOBER 2006 – REVISED FEBRUARY 2013
DS90CR217 +3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 85 MHz
Check for Samples: DS90CR217
1
FEATURES
DESCRIPTION
The DS90CR217 transmitter converts 21 bits of
2
20 to 85 MHz Shift Clock Support
CMOS/TTL data into three LVDS (Low Voltage
50% Duty Cycle on Receiver Output Clock
Differential Signaling) data streams. A phase-locked
Best-in-Class Set & Hold Times on TxINPUTs
transmit clock is transmitted in parallel with the data
streams over a fourth LVDS link. Every cycle of the
Low Power Consumption
transmit clock 21 bits of input data are sampled and
±1V Common-Mode Range (Around +1.2V)
transmitted. At a transmit clock frequency of 85 MHz,
Narrow Bus Reduces Cable Size and Cost
21 bits of TTL data are transmitted at a rate of 595
Mbps per LVDS data channel. Using a 85 MHz clock,
Up to 1.785 Gbps Throughput
the data throughput is 1.785 Gbit/s (223 Mbytes/sec).
Up to 223 Mbytes/sec Bandwidth
The
narrow
bus
and
LVDS
signalling
of
the
345 mV (typ) Swing LVDS Devices for Low EMI
DS90CR217 is an ideal means to solve EMI and
PLL Requires No External Components
cable size problems associated with wide, high-speed
Rising Edge Data Strobe
TTL interfaces.
Compatible with TIA/EIA-644 LVDS Standard
Low Profile 48-Lead TSSOP Package
Block Diagram
Figure 1. DS90CR217
See Package Number DGG0048A
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DS90CR217_13

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CR217MTD NSC-DS90CR217MTD Datasheet
281Kb / 15P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 75 MHz
DS90CR217MTD NSC-DS90CR217MTD Datasheet
282Kb / 15P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 85 MHz
DS90CR217MTD NSC-DS90CR217MTD Datasheet
623Kb / 12P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 85 MHz
DS90CR217 NSC-DS90CR217_06 Datasheet
623Kb / 12P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 85 MHz
More results

Similar Description - DS90CR217_13

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CR218A NSC-DS90CR218A Datasheet
282Kb / 15P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 85 MHz
DS90CR217 NSC-DS90CR217_06 Datasheet
623Kb / 12P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 85 MHz
DS90CR218A NSC-DS90CR218A_06 Datasheet
614Kb / 11P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 12 MHz to 85 MHz
logo
Texas Instruments
DS90CR218A TI1-DS90CR218A_14 Datasheet
911Kb / 17P
[Old version datasheet]   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 12 MHz to 85 MHz
logo
National Semiconductor ...
DS90CR287 NSC-DS90CR287 Datasheet
308Kb / 15P
   3.3V Rising Edge Data Strobe LVDS 28-Bit Channel Link-85 MHZ
DS90CR287 NSC-DS90CR287_04 Datasheet
362Kb / 16P
   3.3V Rising Edge Data Strobe LVDS 28-Bit Channel Link-85 MHz
DS90CR215 NSC-DS90CR215 Datasheet
739Kb / 17P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 66 MHz
DS90CR217 NSC-DS90CR217 Datasheet
281Kb / 15P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 75 MHz
DS90CR215 NSC-DS90CR215_09 Datasheet
450Kb / 18P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link-66 MHz
logo
Texas Instruments
DS90CR215 TI1-DS90CR215_15 Datasheet
1Mb / 23P
[Old version datasheet]   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 66 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com