Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90C387A Datasheet(PDF) 5 Page - Texas Instruments

Part # DS90C387A
Description  Dual Pixel LVDS Display Interface / FPD-Link
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90C387A Datasheet(HTML) 5 Page - Texas Instruments

  DS90C387A_11 Datasheet HTML 1Page - Texas Instruments DS90C387A_11 Datasheet HTML 2Page - Texas Instruments DS90C387A_11 Datasheet HTML 3Page - Texas Instruments DS90C387A_11 Datasheet HTML 4Page - Texas Instruments DS90C387A_11 Datasheet HTML 5Page - Texas Instruments DS90C387A_11 Datasheet HTML 6Page - Texas Instruments DS90C387A_11 Datasheet HTML 7Page - Texas Instruments DS90C387A_11 Datasheet HTML 8Page - Texas Instruments DS90C387A_11 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Electrical Characteristics (Continued)
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
TRANSMITTER SUPPLY CURRENT
ICCTW
Transmitter Supply Current
Worst Case
R
L = 100
Ω,C
L =5
pF,
Worst Case
Pattern
(Figures 1, 3),
DUAL=High
(48-bit RGB)
f = 32.5 MHz
115
160
mA
f = 65 MHz
145
200
mA
f = 85 MHz
165
230
mA
f = 112 MHz
210
260
mA
Transmitter Supply Current
16 Grayscale
100
Ω,C
L = 5 pF,
16 Grayscale
Pattern
(Figures 2, 3),
DUAL=High
(48-bit RGB)
f = 32.5 MHz
92
140
mA
f = 65 MHz
100
150
mA
f = 85 MHz
110
170
mA
f = 112 MHz
130
190
mA
ICCTZ
Transmitter Supply Current
Power Down
PD = Low
4.8
50
µA
Driver Outputs in TRI-STATE under
Powerdown Mode
RECEIVER SUPPLY CURRENT
ICCRW
Receiver Supply Current
Worst Case
C
L = 8 pF,
Worst Case
Pattern
(Figures 1, 4),
DUAL = High
(48-bit RGB)
f = 32.5 MHz
100
140
mA
f = 65 MHz
150
200
mA
f = 85 MHz
170
220
mA
f = 112 MHz
185
240
mA
ICCRG
Receiver Support Current
16 Grayscale
C
L = 8 pF,
16 Grayscale
Pattern
(Figures 2, 4),
DUAL = High
(48-bit RGB)
f = 32.5 MHz
45
80
mA
f = 65 MHz
60
110
mA
f = 85 MHz
85
130
mA
f = 112 MHz
110
160
mA
ICCRZ
Receiver Supply Current
Power Down
PD = Low
Receiver Outputs stay low
during Powerdown mode.
255
300
µA
Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the device
should be operated at these limits. The tables of “Electrical Characteristics” specify conditions for device operation.
Note 2: Typical values are given for VCC = 3.3V and T A = +25˚C.
Note 3: Current into device pins is defined as positive. Current out of device pins is defined as negative. Voltages are referenced to ground unless otherwise
specified (except VOD and ∆VOD).
www.national.com
4


Similar Part No. - DS90C387A_11

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C387AVJD NSC-DS90C387AVJD Datasheet
416Kb / 19P
   Dual Pixel LVDS Display Interface / FPD-Link
DS90C387A NSC-DS90C387A_06 Datasheet
805Kb / 19P
   Dual Pixel LVDS Display Interface/FPD-Link
More results

Similar Description - DS90C387A_11

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C387A NSC-DS90C387A Datasheet
416Kb / 19P
   Dual Pixel LVDS Display Interface / FPD-Link
DS90C387A NSC-DS90C387A_06 Datasheet
805Kb / 19P
   Dual Pixel LVDS Display Interface/FPD-Link
logo
Texas Instruments
DS90C187 TI1-DS90C187_14 Datasheet
945Kb / 28P
[Old version datasheet]   Low Power 1.8V Dual Pixel FPD-Link (LVDS) Serializer
DS90C187 TI-DS90C187 Datasheet
1Mb / 21P
[Old version datasheet]   Low Power 1.8V Dual Pixel FPD-Link (LVDS) Serializer
logo
List of Unclassifed Man...
CS5826 ETC1-CS5826 Datasheet
80Kb / 1P
   Dual Pixel LVDS Display Interface (LDI) Transmitter
logo
National Semiconductor ...
DS90C387 NSC-DS90C387 Datasheet
526Kb / 26P
   Dual Pixel LVDS Display Interface (LDI)-SVGA/QXGA
logo
Texas Instruments
DS90C387 TI1-DS90C387_15 Datasheet
1Mb / 33P
[Old version datasheet]   Dual Pixel LVDS Display Interface (LDI)-SVGA/QXGA
logo
National Semiconductor ...
DS90C387 NSC-DS90C387_06 Datasheet
910Kb / 26P
   Dual Pixel LVDS Display Interface (LDI)=SVGA/QXGA
logo
Texas Instruments
LM2512A TI1-LM2512A_15 Datasheet
1Mb / 28P
[Old version datasheet]   Mobile Pixel Link RGB Display Interface Serializer
logo
National Semiconductor ...
DS90CF561 NSC-DS90CF561 Datasheet
244Kb / 12P
   LVDS 18-Bit Color Flat Panel Display (FPD) Link
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com