Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS36950 Datasheet(PDF) 9 Page - Texas Instruments

Part # DS36950
Description  Quad Differential Bus Transceiver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS36950 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DS36950 Datasheet HTML 5Page - Texas Instruments DS36950 Datasheet HTML 6Page - Texas Instruments DS36950 Datasheet HTML 7Page - Texas Instruments DS36950 Datasheet HTML 8Page - Texas Instruments DS36950 Datasheet HTML 9Page - Texas Instruments DS36950 Datasheet HTML 10Page - Texas Instruments DS36950 Datasheet HTML 11Page - Texas Instruments DS36950 Datasheet HTML 12Page - Texas Instruments DS36950 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
DS36950
www.ti.com
SNLS075C – JULY 1998 – REVISED FEBRUARY 2013
Parameter Measurement Information (continued)
TCP = Crossing Point
Tra, Trb, Tfa, and Tfb are propagation delay
measurements to the 20% and 80% levels.
Figure 10. Propagation Delay Timing for Calculation of Driver Differential Propagation Delays
Typical Performance Characteristics
Driver Differential Propagation
Driver Differential Propagation
Delay
Delay
vs
vs
Temperature
VCC
Figure 11.
Figure 12.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: DS36950


Similar Part No. - DS36950

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS36950 NSC-DS36950 Datasheet
776Kb / 12P
   Quad Differential Bus Transceiver
More results

Similar Description - DS36950

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS36954 NSC-DS36954 Datasheet
156Kb / 10P
   Quad Differential Bus Transceiver
DS36950 NSC-DS36950 Datasheet
776Kb / 12P
   Quad Differential Bus Transceiver
logo
Texas Instruments
DS36954 TI1-DS36954_16 Datasheet
1Mb / 19P
[Old version datasheet]   Quad Differential Bus Transceiver
SN65ALS1176 TI-SN65ALS1176 Datasheet
166Kb / 12P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_07 Datasheet
335Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176A-EP TI1-SN65LBC176A-EP Datasheet
410Kb / 17P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
logo
Linear Technology
LTC1485 LINER-LTC1485_15 Datasheet
188Kb / 12P
   Differential Bus Transceiver
logo
Texas Instruments
SN65LBC176-Q1 TI1-SN65LBC176-Q1 Datasheet
791Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
logo
Burr-Brown (TI)
ISO422 BURR-BROWN-ISO422 Datasheet
251Kb / 8P
   DIFFERENTIAL BUS TRANSCEIVER
logo
Texas Instruments
SN65LBC182 TI-SN65LBC182 Datasheet
290Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com