Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1242 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1242
Description  24-Bit ANALOG-TO-DIGITAL CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1242 Datasheet(HTML) 2 Page - Texas Instruments

  ADS1242 Datasheet HTML 1Page - Texas Instruments ADS1242 Datasheet HTML 2Page - Texas Instruments ADS1242 Datasheet HTML 3Page - Texas Instruments ADS1242 Datasheet HTML 4Page - Texas Instruments ADS1242 Datasheet HTML 5Page - Texas Instruments ADS1242 Datasheet HTML 6Page - Texas Instruments ADS1242 Datasheet HTML 7Page - Texas Instruments ADS1242 Datasheet HTML 8Page - Texas Instruments ADS1242 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
ADS1242, 1243
2
SBAS235B
www.ti.com
DIGITAL CHARACTERISTICS: TMIN to TMAX, VDD 2.7V to 5.25V
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Digital Input/Output
Logic Family
CMOS
Logic Level: VIH
0.8 • VDD
VDD
V
VIL(1)
GND
0.2 • VDD
V
VOH
IOH = 1mA
VDD – 0.4
V
VOL
IOL = 1mA
GND
GND + 0.4
V
Input Leakage: IIH
VI = VDD
10
µA
IIL
VI = 0
–10
µA
Master Clock Rate: fOSC
15
MHz
Master Clock Period: tOSC
1/fOSC
200
1000
ns
NOTE: (1) VIL for XIN is GND to GND + 0.05V.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
VDD to GND ........................................................................... –0.3V to +6V
Input Current ............................................................... 100mA, Momentary
Input Current ................................................................. 10mA, Continuous
AIN .................................................................... GND – 0.5V to VDD + 0.5V
Digital Input Voltage to GND ...................................... –0.3V to VDD + 0.3V
Digital Output Voltage to GND ................................... –0.3V to VDD + 0.3V
Maximum Junction Temperature ................................................... +150
°C
Operating Temperature Range ......................................... –40
°C to +85°C
Storage Temperature Range .......................................... –60
°C to +100°C
Lead Temperature (soldering, 10s) .............................................. +300
°C
NOTE: (1) Stresses above those listed under “Absolute Maximum Ratings” may
cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS(1)
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR
RANGE
MARKING
NUMBER(2)
MEDIA, QUANTITY
ADS1242
TSSOP-16
PW
–40
°C to +85°C
ADS1242
ADS1242IPWT
Tape and Reel, 250
"
"""
"
ADS1242IPWR
Tape and Reel, 2500
ADS1243
TSSOP-20
PW
–40
°C to +85°C
ADS1243
ADS1243IPWT
Tape and Reel, 250
"
"""
"
ADS1243IPWR
Tape and Reel, 2500
NOTES: (1) For the most current package and ordering information, see the Package Option Addendum located at the end of this data sheet.
(2) The ordering number contains grade, temperature range, package, and transport media information. Ordering the ADS1242IPWT will get a single
250-piece tape and reel of the ADS1242, Industrial Temperature Range device in a PW package.
PACKAGE/ORDERING INFORMATION(1)
DEMO BOARD ORDERING INFORMATION
PRODUCT
DESCRIPTION
ADS1241-EVM
ADS1241 Evaluation Module


Similar Part No. - ADS1242

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1242 TI1-ADS1242 Datasheet
1Mb / 33P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1242IPWR TI1-ADS1242IPWR Datasheet
1Mb / 32P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1242IPWRG4 TI1-ADS1242IPWRG4 Datasheet
1Mb / 32P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1242IPWT TI1-ADS1242IPWT Datasheet
1Mb / 32P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1242IPWTG4 TI1-ADS1242IPWTG4 Datasheet
1Mb / 32P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS1242

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1210 TI1-ADS1210_15 Datasheet
1Mb / 50P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_14 Datasheet
1Mb / 31P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1243SJD TI1-ADS1243SJD Datasheet
514Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1243-HT TI1-ADS1243-HT Datasheet
522Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1242 TI1-ADS1242_14 Datasheet
1Mb / 33P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_16 Datasheet
1,019Kb / 30P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1222IPWTG4 TI1-ADS1222IPWTG4 Datasheet
621Kb / 26P
[Old version datasheet]   24-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com