Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3680D Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DS3680D
Description  QUAD TELEPHONE RELAY DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS3680D Datasheet(HTML) 1 Page - Texas Instruments

  DS3680D Datasheet HTML 1Page - Texas Instruments DS3680D Datasheet HTML 2Page - Texas Instruments DS3680D Datasheet HTML 3Page - Texas Instruments DS3680D Datasheet HTML 4Page - Texas Instruments DS3680D Datasheet HTML 5Page - Texas Instruments DS3680D Datasheet HTML 6Page - Texas Instruments DS3680D Datasheet HTML 7Page - Texas Instruments DS3680D Datasheet HTML 8Page - Texas Instruments DS3680D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DS3680
QUAD TELEPHONE RELAY DRIVER
SLRS014C – MARCH 1986 – REVISED SEPTEMBER 1995
Copyright
© 1995, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Designed for –52-V Battery Operation
50-mA Output Current Capability
Input Compatible With TTL and CMOS
High Common-Mode Input Voltage Range
Very Low Input Current
Fail-Safe Disconnect Feature
Built-in Output Clamp Diode
Direct Replacement for National DS3680
and Fairchild
µA3680
description
The DS3680 telephone relay driver is a monolithic
integrated circuit designed to interface – 48-V
relay systems to TTL or other systems in
telephone applications. It is capable of sourcing
up to 50 mA from standard – 52-V battery power.
To reduce the effects of noise and IR drop between
logic ground and battery ground, these drivers are
designed to operate with a common-mode input
range of
±20 V referenced to battery ground. The
common-mode input voltages for the four drivers
can be different, so a wide range of input elements
can be accommodated. The high-impedance
inputs are compatible with positive TTL and
CMOS levels or negative logic levels. A clamp
network is included in the driver outputs to limit
high-voltage transients generated by the relay coil
during switching. The complementary inputs
ensure that the driver output is off as a fail-safe
condition when either output is open.
The DS3680 is characterized for operation from
0
°C to 70°C.
IN +
IN –
15 k
OUT
BAT GND
BAT NEG
schematic diagram (each driver)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1 IN +
1 IN –
2 IN –
2 IN +
3 IN +
3 IN –
4 IN –
BAT GND
1 OUT
2 OUT
3 OUT
4 OUT
BAT NEG
4 IN +
D OR N PACKAGE
(TOP VIEW)
symbol (each driver)
BAT GND
+
OUT
BAT NEG
IN +
IN –
All resistor values shown are nominal.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - DS3680D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS3680D TI-DS3680D Datasheet
83Kb / 5P
[Old version datasheet]   QUAD TELEPHONE RELAY DRIVER
DS3680DR TI-DS3680DR Datasheet
83Kb / 5P
[Old version datasheet]   QUAD TELEPHONE RELAY DRIVER
More results

Similar Description - DS3680D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS3680 TI-DS3680 Datasheet
83Kb / 5P
[Old version datasheet]   QUAD TELEPHONE RELAY DRIVER
UC1702 TI-UC1702 Datasheet
162Kb / 4P
[Old version datasheet]   Quad PWM Relay Driver
UC1702 TI1-UC1702_08 Datasheet
196Kb / 6P
[Old version datasheet]   Quad PWM Relay Driver
logo
ON Semiconductor
NCV7750 ONSEMI-NCV7750 Datasheet
378Kb / 29P
   Quad Low-Side Relay Driver
December, 2018 ??Rev. 1
logo
National Semiconductor ...
DS3680 NSC-DS3680 Datasheet
116Kb / 6P
   Quad Negative Voltage Relay Driver
logo
Texas Instruments
DS3680-N TI1-DS3680-N Datasheet
184Kb / 8P
[Old version datasheet]   DS3680 Quad Negative Voltage Relay Driver
logo
Agere Systems
L7590C AGERE-L7590C Datasheet
269Kb / 10P
   Telephone Ringing Driver
logo
Gamewell-FCI by Honeywe...
QRU-EOL GAMEWELL-FCI-QRU-EOL Datasheet
49Kb / 1P
   Quad Relay Unit
logo
Micrel Semiconductor
SY10E112 MICREL-SY10E112 Datasheet
62Kb / 4P
   QUAD DRIVER
logo
Hitachi Semiconductor
HA13007 HITACHI-HA13007 Datasheet
93Kb / 5P
   QUAD DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com