Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3695 Datasheet(PDF) 9 Page - Texas Instruments

Part # DS3695
Description  Multipoint RS485/RS422 Transceivers/Repeaters
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS3695 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DS3695_15 Datasheet HTML 5Page - Texas Instruments DS3695_15 Datasheet HTML 6Page - Texas Instruments DS3695_15 Datasheet HTML 7Page - Texas Instruments DS3695_15 Datasheet HTML 8Page - Texas Instruments DS3695_15 Datasheet HTML 9Page - Texas Instruments DS3695_15 Datasheet HTML 10Page - Texas Instruments DS3695_15 Datasheet HTML 11Page - Texas Instruments DS3695_15 Datasheet HTML 12Page - Texas Instruments DS3695_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
DS3695, DS3695T, DS3696, DS3697
www.ti.com
SNLS072C – MAY 1998 – REVISED APRIL 2013
Typical Performance Characteristics (continued)
Supply Current
Driver ICC
vs
vs
Power Supply Voltage
Switching Frequency
Figure 24.
Figure 25.
Receiver VOH
vs
Driver Short Circuit Current
IOH
vs
vs
Temperature
Temperature
Figure 26.
Figure 27.
Receiver VOH
vs
IOH
Driver Short Circuit Current
vs
vs
VCC
Temperature
Figure 28.
Figure 29.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: DS3695 DS3695T DS3696 DS3697


Similar Part No. - DS3695_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS36950 NSC-DS36950 Datasheet
776Kb / 12P
   Quad Differential Bus Transceiver
logo
Texas Instruments
DS36950 TI1-DS36950 Datasheet
518Kb / 17P
[Old version datasheet]   Quad Differential Bus Transceiver
DS36950VX/NOPB TI1-DS36950VX/NOPB Datasheet
518Kb / 17P
[Old version datasheet]   Quad Differential Bus Transceiver
DS36950 TI1-DS36950_15 Datasheet
518Kb / 17P
[Old version datasheet]   Quad Differential Bus Transceiver
logo
National Semiconductor ...
DS36954 NSC-DS36954 Datasheet
156Kb / 10P
   Quad Differential Bus Transceiver
More results

Similar Description - DS3695_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS3695N-NOPB TI1-DS3695N-NOPB Datasheet
577Kb / 17P
[Old version datasheet]   Multipoint RS485/RS422 Transceivers/Repeaters
logo
National Semiconductor ...
DS3698 NSC-DS3698 Datasheet
257Kb / 10P
   Multipoint RS485/RS422 Transceivers/Repeaters
DS3695 NSC-DS3695 Datasheet
310Kb / 12P
   Multipoint RS485/RS422 Transceivers/Repeaters
logo
Texas Instruments
DS3695A TI1-DS3695A_14 Datasheet
831Kb / 13P
[Old version datasheet]   Multipoint RS485/RS422 Transceivers
logo
National Semiconductor ...
DS3695A NSC-DS3695A Datasheet
108Kb / 8P
   Multipoint RS485/RS422 Transceivers
logo
Texas Instruments
DS3695AMX TI-DS3695AMX Datasheet
807Kb / 13P
[Old version datasheet]   DS3695A/DS3695AT/DS3696A Multipoint RS485/RS422 Transceivers
logo
Linear Technology
LTC2850 LINER-LTC2850 Datasheet
188Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2852 LINER-LTC2852_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2851 LINER-LTC2851_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2850 LINER-LTC2850_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com